Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP12T-T7 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SP12T-T7
Description  TYRE PRESSURE SENSOR FOR HEAVY VEHICLES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SP12T-T7 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SP12T-T7 Datasheet HTML 1Page - List of Unclassifed Manufacturers SP12T-T7 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
P R O D U C T B R I E F
PACKAGE T YPE 1
How to reach us:
Phone: +47 33 03 50 00
Fax:
+47 33 03 50 05
www.sensonor.com
marketing@sensonor.no
Published by
SensoNor AS
Knudsrødveien 7
P.O.Box 196
N.3192 Horten
Norway
© SensoNor AS 2003. All Rights Reserved
October 2003, 1000 ex.
Attention please!
The information herein is given to describe certain components and shall not be considered as a guarantee of characteristics.
Terms of delivery and rights to technical change reserved.
We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits
descriptions and charts stated herein.
Information
For further information on technology, delivery terms and conditions and prices please contact SensoNor AS
A
A
YYWWXXX
ZZZZZ
NNNNN
PARAMETER
MIN
MAX
UNIT
ABSOLUTE MAXIMUM RATINGS
Prolonged exposure to values between recommended operating conditions and absolute maximum ratings
might affect the performance or reliability of the device
Input pressure
Storage temperature
Temperature in application
Temperature in application, transient
Supply voltage
Input voltage, any pin
Latch-up protection
ESD protection (machine model)
ESD protection (human body model)
Mechanical shock
Static acceleration
kPa
° C
° C
° C
V
V
mA
VkV
g
g
3300
150
150
175
6.0
VDD +0.3
100
200
2
2000
2000
-40
-40
-40
-0.3
-0.3
-100
-200
-2
SPECIFICATION
AMBIENT CONDITION
PARAMETER
SUPPLY VOLTAGE MEASUREMENTS
All specification limits to be understood as 5 sigma values
Input range
Resolution
Measurement error
Delay time between supply
voltage measurement
command and sampling
Delay time between sampling
and A/D conversion
Supply measurement time
Unit
Min
Typ
Max
Temperature [° C]
Supply voltage [ V ]
1.8 - 3.6
2.1 - 3.6
2.1 - 3.6
2.1 - 3.6
2.1 - 3.6
-40 to 125
-40 to 125
-40 to 125
-40 to 125
-40 to 125
3.6
0.1
4.2
12
17
1.8
-0.1
2.8
8
0.0184
3.5
10
V
V/lsb
V
ms
ms
ms
SPECIFICATION
AMBIENT CONDITION
PARAMETER
TEMPERATURE MEASUREMENTS
All specification limits to be understood as 5 sigma values
Unit
Min
Typ
Max
Temperature [° C]
Supply voltage [ V ]
Input range
Resolution
Deviation from
actual temperature
Measurement time
2.1 - 3.6
2.1 - 3.6
2.1 - 3.6
2.1 - 3.6
2.1 - 3.6
2.1 - 3.6
-40 to 125
-40 to 125
0 to 50
-40 to 100
100 to 125
0 to 50
-40 to 125
125
4
5
8
7
10
1.5
1
-40
-4
-5
-8
-7
-10
° C
° C/lsb
° C
° C
° C
° C
° C
ms
PRESSURE MEASUREMENTS
All specification limits to be understood as 5 sigma values. The specified values reflect the situation with an ideal
voltage source (0 ohm internal resistance)
SPECIFICATION
AMBIENT CONDITION
PARAMETER
Unit
Min
Typ
Max Temperature [° C] Pressure [kPa]
Supply voltage [ V ]
Input range
Resolution
Measurement error
Measurement time
2.1 - 3.6
2.1 - 3.6
2.1 - 3.6
2.1 - 3.6
2.1 - 3.6
50 - 1400
50 - 1400
50 - 1400
50 - 1400
50 - 1400
-40 to 125
-40 to 125
0 to 50
-20 to 70
-40 to 125
1400
28
48
68
6
--
2.97
50
-28
-48
-68
kPa
kPa/lsb
kPa
kPa
kPa
ms


Similar Part No. - SP12T-T7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP12T INFINEON-SP12T Datasheet
1Mb / 2P
   TYRE PRESSURE SENSOR FOR HEAVY VEHICLES
2003
More results

Similar Description - SP12T-T7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP12T INFINEON-SP12T Datasheet
1Mb / 2P
   TYRE PRESSURE SENSOR FOR HEAVY VEHICLES
2003
SP12 INFINEON-SP12 Datasheet
1Mb / 2P
   TYRE PRESSURE SENSOR WITH ACCELEROMETER
2003
logo
ETAL Group
446-K ETAL-446-K Datasheet
174Kb / 2P
   Heavy duty vehicles, battery systems, process control
logo
CSB Battery Co., Ltd.
EVX12650 CSB-BATTERY-EVX12650 Datasheet
531Kb / 2P
   designed specially for electric vehicles
logo
Extech Instruments Corp...
407495 EXTECH-407495 Datasheet
195Kb / 6P
   Heavy Duty Pressure Meter
logo
CSB Battery Co., Ltd.
EVX12520 CSB-BATTERY-EVX12520_16 Datasheet
827Kb / 2P
   Designed specially for electric vehicles
EVX12650 CSB-BATTERY-EVX12650_16 Datasheet
799Kb / 2P
   Designed specially for electric vehicles
EVX12750 CSB-BATTERY-EVX12750_16 Datasheet
822Kb / 2P
   Designed specially for electric vehicles
logo
ETAL Group
BMS01 ETAL-BMS01 Datasheet
733Kb / 6P
   Utility vehicles for hazardous goods
logo
CSB Battery Co., Ltd.
EVX121000 CSB-BATTERY-EVX121000 Datasheet
533Kb / 2P
   designed specially for electric vehicles
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com