Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6122 Datasheet(PDF) 10 Page - Analog Devices

Part # AD6122
Description  CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6122 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD6122_15 Datasheet HTML 6Page - Analog Devices AD6122_15 Datasheet HTML 7Page - Analog Devices AD6122_15 Datasheet HTML 8Page - Analog Devices AD6122_15 Datasheet HTML 9Page - Analog Devices AD6122_15 Datasheet HTML 10Page - Analog Devices AD6122_15 Datasheet HTML 11Page - Analog Devices AD6122_15 Datasheet HTML 12Page - Analog Devices AD6122_15 Datasheet HTML 13Page - Analog Devices AD6122_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. B
AD6122
–10–
FREQUENCY – MHz
40
20
–80
50
350
100
150
200
250
300
0
–20
–60
–40
VGAIN = 2.5V
VGAIN = 2.0V
VGAIN = 1.5V
VGAIN = 1.0V
VGAIN = 0.5V
Figure 18. IF Amplifier Gain vs. Frequency for
VGAIN = 2.5 V, 2.0 V, 1.5 V, 1.0 V
A
–40
–130
–120
–110
–100
–90
–80
–70
–60
–50
CL1
1
CU1
CO
CO
–46.78dBm
130.38000000MHz
–31.93dBm
–66.95dB
–68.95dB
–0.28 dB
330.66132265kHz
(T1)
1
CH PWR
ACP UP
AVE LOW
REF LEV
–30dBm
CENTER 130.38MHz
600kHz/DIV
SPAN 6MHz
RBW
VBW
SWT
30kHz
300kHz
2s
UNIT
dBm
–30
1 (T1)
1
Figure 20. ACPR of Cascaded Modulator, 20 dB Pad and IF
Amplifier: Spectral Plot
VGAIN – V
18.0
16.0
8.0
0.5
2.5
1.0
1.5
2.0
14.0
12.0
10.0
Figure 19. Total Current Consumption vs. VGAIN


Similar Part No. - AD6122_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6122 AD-AD6122 Datasheet
250Kb / 20P
   CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator
More results

Similar Description - AD6122_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6122 AD-AD6122 Datasheet
250Kb / 20P
   CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator
AD6121 AD-AD6121_15 Datasheet
688Kb / 16P
   CDMA 3 V Receiver IF Subsystem with Integrated Voltage Regulator
REV. B
AD6459 AD-AD6459 Datasheet
314Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD6432 AD-AD6432 Datasheet
334Kb / 20P
   GSM 3 V Transceiver IF Subsystem
REV. 0
AD6458 AD-AD6458 Datasheet
268Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD61009 AD-AD61009 Datasheet
261Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD61009 AD-AD61009_15 Datasheet
262Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD607 AD-AD607_15 Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD607ARSZ AD-AD607ARSZ Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD608ARZ AD-AD608ARZ Datasheet
326Kb / 16P
   Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com