Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP82C82 Datasheet(PDF) 7 Page - Intersil Corporation

Part # CP82C82
Description  CMOS Octal Latching Bus Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CP82C82 Datasheet(HTML) 7 Page - Intersil Corporation

  CP82C82 Datasheet HTML 1Page - Intersil Corporation CP82C82 Datasheet HTML 2Page - Intersil Corporation CP82C82 Datasheet HTML 3Page - Intersil Corporation CP82C82 Datasheet HTML 4Page - Intersil Corporation CP82C82 Datasheet HTML 5Page - Intersil Corporation CP82C82 Datasheet HTML 6Page - Intersil Corporation CP82C82 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
4-280
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Die Characteristics
DIE DIMENSIONS:
118.1 x 92.1 x 19
±1mils
METALLIZATION:
Type: Si - Al
Thickness: 11k
Å
±1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 8k
Å
±1kÅ
WORST CASE CURRENT DENSITY:
2.00 x 105 A/cm2
Metallization Mask Layout
82C82
2
3
1
20
19
18
17
16
15
14
14
13
12
11
10
4
5
6
7
7
8
9
D11
D10
VCC
DO0
D01
D12
D13
D14
D15
D16
D17
OE
GND
STB
DO7
DO6
DO5
DO4
DO3
DO2
82C82


Similar Part No. - CP82C82

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CP82C82 INTERSIL-CP82C82 Datasheet
148Kb / 7P
   CMOS Octal Latching Bus Driver
More results

Similar Description - CP82C82

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C82 INTERSIL-82C82_02 Datasheet
148Kb / 7P
   CMOS Octal Latching Bus Driver
logo
Renesas Technology Corp
82C82 RENESAS-82C82 Datasheet
501Kb / 8P
   CMOS Octal Latching Bus Driver
Aug 25, 2015
logo
Intersil Corporation
82C83H INTERSIL-82C83H Datasheet
105Kb / 6P
   CMOS Octal Latching Inverting Bus Driver
March 1997
logo
Motorola, Inc
MC74LCX543 MOTOROLA-MC74LCX543 Datasheet
155Kb / 9P
   LOW-VOLTAGE CMOS OCTAL LATCHING TRANSCEIVER
logo
Intersil Corporation
82C86H INTERSIL-82C86H_04 Datasheet
162Kb / 6P
   CMOS Octal Bus Transceiver
82C86H INTERSIL-82C86H Datasheet
109Kb / 8P
   CMOS Octal Bus Transceiver
March 1997
logo
Renesas Technology Corp
82C86H RENESAS-82C86H Datasheet
439Kb / 6P
   CMOS Octal Bus Transceiver
June 2004
logo
Integrated Device Techn...
IDT74FCT621T IDT-IDT74FCT621T_06 Datasheet
70Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER
logo
Intersil Corporation
82C87H INTERSIL-82C87H Datasheet
94Kb / 8P
   CMOS Octal Inverting Bus Transceiver
March 1997
logo
Integrated Device Techn...
74FCT621T IDT-74FCT621T_16 Datasheet
51Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com