Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS82C54 Datasheet(PDF) 4 Page - Intersil Corporation

Part # IS82C54
Description  CMOS Programmable Interval Timer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IS82C54 Datasheet(HTML) 4 Page - Intersil Corporation

  IS82C54 Datasheet HTML 1Page - Intersil Corporation IS82C54 Datasheet HTML 2Page - Intersil Corporation IS82C54 Datasheet HTML 3Page - Intersil Corporation IS82C54 Datasheet HTML 4Page - Intersil Corporation IS82C54 Datasheet HTML 5Page - Intersil Corporation IS82C54 Datasheet HTML 6Page - Intersil Corporation IS82C54 Datasheet HTML 7Page - Intersil Corporation IS82C54 Datasheet HTML 8Page - Intersil Corporation IS82C54 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4-4
Control Word Register
The Control Word Register (Figure 2) is selected by the
Read/Write Logic when A1, A0 = 11. If the CPU then does a
write operation to the 82C54, the data is stored in the Con-
trol Word Register and is interpreted as a Control Word used
to define the Counter operation.
The Control Word Register can only be written to; status
information is available with the Read-Back Command.
Counter 0, Counter 1, Counter 2
These three functional blocks are identical in operation, so
only a single Counter will be described. The internal block
diagram of a signal counter is shown in Figure 3. The
counters are fully independent. Each Counter may operate
in a different Mode.
The Control Word Register is shown in the figure; it is not
part of the Counter itself, but its contents determine how the
Counter operates.
The status register, shown in the figure, when latched, con-
tains the current contents of the Control Word Register and
status of the output and null count flag. (See detailed expla-
nation of the Read-Back command.)
The actual counter is labeled CE (for Counting Element). It is
a 16-bit presettable synchronous down counter.
OLM and OLL are two 8-bit latches. OL stands for “Output
Latch”; the subscripts M and L for “Most significant byte” and
“Least significant byte”, respectively. Both are normally referred
to as one unit and called just OL. These latches normally “fol-
low” the CE, but if a suitable Counter Latch Command is sent to
the 82C54, the latches “latch” the present count until read by
the CPU and then return to “following” the CE. One latch at a
time is enabled by the counter’s Control Logic to drive the inter-
nal bus. This is how the 16-bit Counter communicates over the
8-bit internal bus. Note that the CE itself cannot be read; when-
ever you read the count, it is the OL that is being read.
Similarly, there are two 8-bit registers called CRM and CRL (for
“Count Register”). Both are normally referred to as one unit and
called just CR. When a new count is written to the Counter, the
count is stored in the CR and later transferred to the CE. The
Control Logic allows one register at a time to be loaded from
the internal bus. Both bytes are transferred to the CE simulta-
neously. CRM and CRL are cleared when the Counter is pro-
grammed for one byte counts (either most significant byte only
or least significant byte only) the other byte will be zero. Note
that the CE cannot be written into; whenever a count is written,
it is written into the CR.
The Control Logic is also shown in the diagram. CLK n,
GATE n, and OUT n are all connected to the outside world
through the Control Logic.
82C54 System Interface
The 82C54 is treated by the system software as an array of
peripheral I/O ports; three are counters and the fourth is a
control register for MODE programming.
Basically, the select inputs A0, A1 connect to the A0, A1
address bus signals of the CPU. The CS can be derived
directly from the address bus using a linear select method or
it can be connected to the output of a decoder.
READ/
WRITE
LOGIC
DATA/
BUS
BUFFER
OUT 2
GATE 2
CLK 2
OUT 1
GATE 1
CLK 1
OUT 0
GATE 0
CLK 0
WR
RD
D7 - D0
A0
A1
CS
FIGURE 2. CONTROL WORD REGISTER AND COUNTER
FUNCTIONS
8
CONTROL
WORD
REGISTER
COUNTER
2
COUNTER
1
COUNTER
0
INTERNAL BUS
CONTROL
LOGIC
CONTROL
WORD
REGISTER
STATUS
LATCH
STATUS
REGISTER
CLK n
GATE n
OUT n
OLM
OLL
CE
CRM
CRL
FIGURE 3. COUNTER INTERNAL BLOCK DIAGRAM
82C54


Similar Part No. - IS82C54

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IS82C54 INTERSIL-IS82C54 Datasheet
386Kb / 22P
   CMOS Programmable Intervel Timer
IS82C54-10 INTERSIL-IS82C54-10 Datasheet
386Kb / 22P
   CMOS Programmable Intervel Timer
IS82C54-10Z INTERSIL-IS82C54-10Z Datasheet
386Kb / 22P
   CMOS Programmable Intervel Timer
IS82C54Z INTERSIL-IS82C54Z Datasheet
386Kb / 22P
   CMOS Programmable Intervel Timer
More results

Similar Description - IS82C54

ManufacturerPart #DatasheetDescription
logo
UMC Corporation
UM82C54 UMC-UM82C54 Datasheet
1Mb / 16P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Intersil Corporation
CS82C54-10Z96 INTERSIL-CS82C54-10Z96 Datasheet
426Kb / 22P
   CMOS Programmable Interval Timer
logo
Renesas Technology Corp
82C54 RENESAS-82C54 Datasheet
679Kb / 23P
   CMOS Programmable Interval Timer
Sep 15, 2015
logo
OKI electronic componet...
MSM82C53-2RS OKI-MSM82C53-2RS Datasheet
149Kb / 19P
   CMOS PROGRAMMABLE INTERVAL TIMER
MSM82C54-2RS OKI-MSM82C54-2RS Datasheet
161Kb / 23P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Mitsubishi Electric Sem...
M5M82C54P MITSUBISHI-M5M82C54P Datasheet
916Kb / 11P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Toshiba Semiconductor
TMP82C53 TOSHIBA-TMP82C53 Datasheet
326Kb / 15P
   PROGRAMMABLE INTERVAL TIMER
logo
Intel Corporation
8254 INTEL-8254 Datasheet
835Kb / 21P
   PROGRAMMABLE INTERVAL TIMER
logo
Samsung semiconductor
KS82C54 SAMSUNG-KS82C54 Datasheet
953Kb / 15P
   PROGRAMMABLE INTERVAL TIMER
logo
Digital Core Design
D8254 DCD-D8254 Datasheet
132Kb / 4P
   Programmable Interval Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com