Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS82C54 Datasheet(PDF) 2 Page - Intersil Corporation

Part # IS82C54
Description  CMOS Programmable Interval Timer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IS82C54 Datasheet(HTML) 2 Page - Intersil Corporation

  IS82C54 Datasheet HTML 1Page - Intersil Corporation IS82C54 Datasheet HTML 2Page - Intersil Corporation IS82C54 Datasheet HTML 3Page - Intersil Corporation IS82C54 Datasheet HTML 4Page - Intersil Corporation IS82C54 Datasheet HTML 5Page - Intersil Corporation IS82C54 Datasheet HTML 6Page - Intersil Corporation IS82C54 Datasheet HTML 7Page - Intersil Corporation IS82C54 Datasheet HTML 8Page - Intersil Corporation IS82C54 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
4-2
Functional Diagram
Ordering Information
PART NUMBERS
TEMPERATURE
RANGE
PACKAGE
PKG. NO.
8MHz
10MHz
12MHz
CP82C54
CP82C54-10
CP82C54-12
0oC to +70oC
24 Lead PDIP
E24.6
IP82C54
IP82C54-10
IP82C54-12
-40oC to +85oC
24 Lead PDIP
E24.6
CS82C54
CS82C54-10
CS82C54-12
0oC to +70oC
28 Lead PLCC
N28.45
IS82C54
IS82C54-10
IS82C54-12
-40oC to +85oC
28 Lead PLCC
N28.45
CD82C54
CD82C54-10
CD82C54-12
0oC to +70oC
24 Lead CERDIP
F24.6
ID82C54
ID82C54-10
ID82C54-12
-40oC to +85oC
24 Lead CERDIP
F24.6
MD82C54/B
MD82C54-10/B
MD82C54-12/B
-55oC to +125oC
24 Lead CERDIP
F24.6
MR82C54/B
MR82C54-10/B
MR82C54-12/B
-55oC to +125oC
28 Lead CLCC
J28.A
SMD # 8406501JA
-
8406502JA
-55oC to +125oC
24 Lead CERDIP
F24.6
SMD# 84065013A
-
84065023A
-55oC to +125oC
28 Lead CLCC
J28.A
CM82C54
CM82C54-10
CM82C54-12
0oC to +70oC
24 Lead SOIC
M24.3
Pin Description
SYMBOL
DIP PIN
NUMBER
TYPE
DEFINITION
D7 - D0
1 - 8
I/O
DATA: Bi-directional three-state data bus lines, connected to system data bus.
CLK 0
9
I
CLOCK 0: Clock input of Counter 0.
OUT 0
10
O
OUT 0: Output of Counter 0.
GATE 0
11
I
GATE 0: Gate input of Counter 0.
GND
12
GROUND: Power supply connection.
OUT 1
13
O
OUT 1: Output of Counter 1.
GATE 1
14
I
GATE 1: Gate input of Counter 1.
CLK 1
15
I
CLOCK 1: Clock input of Counter 1.
GATE 2
16
I
GATE 2: Gate input of Counter 2.
OUT 2
17
O
OUT 2: Output of Counter 2.
CONTROL
WORD
REGISTER
READ/
WRITE
LOGIC
DATA/
BUS
BUFFER
COUNTER
2
COUNTER
1
COUNTER
0
INTERNAL BUS
CONTROL
LOGIC
CONTROL
WORD
REGISTER
STATUS
LATCH
STATUS
REGISTER
CLK n
GATE n
OUT n
OUT 2
GATE 2
CLK 2
OUT 1
GATE 1
CLK 1
OUT 0
GATE 0
CLK 0
WR
RD
D7 - D0
A0
A1
CS
OLM
OLL
CE
CRM
CRL
COUNTER INTERNAL BLOCK DIAGRAM
8
82C54


Similar Part No. - IS82C54

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IS82C54 INTERSIL-IS82C54 Datasheet
386Kb / 22P
   CMOS Programmable Intervel Timer
IS82C54-10 INTERSIL-IS82C54-10 Datasheet
386Kb / 22P
   CMOS Programmable Intervel Timer
IS82C54-10Z INTERSIL-IS82C54-10Z Datasheet
386Kb / 22P
   CMOS Programmable Intervel Timer
IS82C54Z INTERSIL-IS82C54Z Datasheet
386Kb / 22P
   CMOS Programmable Intervel Timer
More results

Similar Description - IS82C54

ManufacturerPart #DatasheetDescription
logo
UMC Corporation
UM82C54 UMC-UM82C54 Datasheet
1Mb / 16P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Intersil Corporation
CS82C54-10Z96 INTERSIL-CS82C54-10Z96 Datasheet
426Kb / 22P
   CMOS Programmable Interval Timer
logo
Renesas Technology Corp
82C54 RENESAS-82C54 Datasheet
679Kb / 23P
   CMOS Programmable Interval Timer
Sep 15, 2015
logo
OKI electronic componet...
MSM82C53-2RS OKI-MSM82C53-2RS Datasheet
149Kb / 19P
   CMOS PROGRAMMABLE INTERVAL TIMER
MSM82C54-2RS OKI-MSM82C54-2RS Datasheet
161Kb / 23P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Mitsubishi Electric Sem...
M5M82C54P MITSUBISHI-M5M82C54P Datasheet
916Kb / 11P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Toshiba Semiconductor
TMP82C53 TOSHIBA-TMP82C53 Datasheet
326Kb / 15P
   PROGRAMMABLE INTERVAL TIMER
logo
Intel Corporation
8254 INTEL-8254 Datasheet
835Kb / 21P
   PROGRAMMABLE INTERVAL TIMER
logo
Samsung semiconductor
KS82C54 SAMSUNG-KS82C54 Datasheet
953Kb / 15P
   PROGRAMMABLE INTERVAL TIMER
logo
Digital Core Design
D8254 DCD-D8254 Datasheet
132Kb / 4P
   Programmable Interval Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com