Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T498D106K050ATE1K0 Datasheet(PDF) 7 Page - Kemet Corporation

Part # T498D106K050ATE1K0
Description  Tantalum Surface Mount Capacitors ??High Temperature T498 150C Rated MnO2 Series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T498D106K050ATE1K0 Datasheet(HTML) 7 Page - Kemet Corporation

Back Button T498D106K050ATE1K0 Datasheet HTML 3Page - Kemet Corporation T498D106K050ATE1K0 Datasheet HTML 4Page - Kemet Corporation T498D106K050ATE1K0 Datasheet HTML 5Page - Kemet Corporation T498D106K050ATE1K0 Datasheet HTML 6Page - Kemet Corporation T498D106K050ATE1K0 Datasheet HTML 7Page - Kemet Corporation T498D106K050ATE1K0 Datasheet HTML 8Page - Kemet Corporation T498D106K050ATE1K0 Datasheet HTML 9Page - Kemet Corporation T498D106K050ATE1K0 Datasheet HTML 10Page - Kemet Corporation T498D106K050ATE1K0 Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2012_T498 • 3/15/2013
77
Tantalum Surface Mount Capacitors – High Temperature
T498 150°C Rated MnO2 Series
Recommended Voltage Derating Guidelines
Rated
Voltage
Working Voltage
Recommended
Application Voltage (for
maximum reliability)
85°C
150°C
85°C
150°C
6.3
6.3
4.22
3.15
2.08
10
10
6.70
5
3.30
16
16
10.72
8
5.28
20
20
13.40
10
6.60
25
25
16.75
12.5
8.25
35
35
23.45
17.5
11.55
50
50
33.50
25
16.50
Ripple Current/Ripple Voltage
KEMET Series
and Case Code
EIA
Case Code
Maximum Power
Dissipation (P max)
mWatts @ 25°C
w/+20°C Rise
A
3216–18
75
B
3528–21
85
C
6032–28
110
D
7343–31
150
X
7343–43
165
E
7360–38
200
T428P
7360–38
325
S
3216–12
60
T
3528–12
70
U
6032–15
90
V
7343–20
125
T510X
7343–43
270
T510E
7360–38
285
Temperature Compensation Multipliers
for Maximum Power Dissipation
≤ 25°C
85°C
125°C
150°C*
175°C**
1.00
0.90
0.40
0.30
0.20
T= Environmental Temperature
*T498 Only
**T499 Only
Using the P max of the device, the maximum allowable rms ripple
current or voltage may be determined.
I(max) = √P max/R
E(max) = √P max*R
I = rms ripple current (amperes)
E = rms ripple voltage (volts)
P max = maximum power dissipation(watts)
R = ESR at specified frequency (ohms)
0
0.2
0.4
0.6
0.8
1
1.2
-55
25
85
125
150
Temperature (°C)
% Change in Working DC Voltage with
Temperature
Recommended Maximum Application
Voltage (As % of Rated Voltage)
67%
33%


Similar Part No. - T498D106K050ATE1K0

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T498D106K006AGE1K5 KEMET-T498D106K006AGE1K5 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T498D106K006AGE500 KEMET-T498D106K006AGE500 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T498D106K006AHE1K5 KEMET-T498D106K006AHE1K5 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T498D106K006AHE500 KEMET-T498D106K006AHE500 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T498D106K006ATE1K5 KEMET-T498D106K006ATE1K5 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
More results

Similar Description - T498D106K050ATE1K0

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T498X476K035ATE500 KEMET-T498X476K035ATE500 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, High Temperature, T498, 47 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Hi-Temp, 150C, Auto, AECQ200, N/A, 500 mOhms, 4.3mm
TAJC106M004RNJ KEMET-TAJC106M004RNJ Datasheet
1Mb / 9P
   Standard MnO2 Tantalum Surface Mount Capacitors
T498C106K025ATE1K1 KEMET-T498C106K025ATE1K1 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, High Temperature, T498, 10 uF, 10%, 25 V, 6032, SMD, MnO2, Molded, Hi-Temp, 150C, Auto, AECQ200, N/A, 1.1 Ohms, 2.8mm
T498 KEMET-T498_1 Datasheet
166Kb / 3P
   Product Update - T498 High Temperature (150) Tantalum SMT Capacitors
T502D685M035AG6110 KEMET-T502D685M035AG6110_16 Datasheet
1Mb / 15P
   Tantalum Surface Mount Capacitors ??High Temperature
T502D685M035AG6110 KEMET-T502D685M035AG6110 Datasheet
1Mb / 16P
   Tantalum Surface Mount Capacitors ??High Temperature
T498D226K025ATE600 KEMET-T498D226K025ATE600 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, High Temperature, T498, 22 uF, 10%, 25 V, 7343, SMD, MnO2, Molded, Hi-Temp, 150C, Auto, AECQ200, N/A, 600 mOhms, Height Max = 3.1mm
T498C476K006ATE800 KEMET-T498C476K006ATE800 Datasheet
82Kb / 1P
   Tantalum, MnO2 Tantalum, High Temperature, T498, 47 uF, 10%, 6.3 V, 6032, SMD, MnO2, Molded, Hi-Temp, 150C, Auto, AECQ200, N/A, 800 mOhms, Height Max = 2.8mm
T498D336K025ATE600 KEMET-T498D336K025ATE600 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, High Temperature, T498, 33 uF, 10%, 25 V, 7343, SMD, MnO2, Molded, Hi-Temp, 150C, Auto, AECQ200, N/A, 600 mOhms, Height Max = 3.1mm
T498A685K016ATE2K6 KEMET-T498A685K016ATE2K6 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, High Temperature, T498, 6.8 uF, 10%, 16 V, 3216, SMD, MnO2, Molded, Hi-Temp, 150C, Auto, AECQ200, N/A, 2.6 Ohms, Height Max = 1.8mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com