Electronic Components Datasheet Search |
|
T498D106K050ATE1K0 Datasheet(PDF) 5 Page - Kemet Corporation |
|
T498D106K050ATE1K0 Datasheet(HTML) 5 Page - Kemet Corporation |
5 / 18 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com T2012_T498 • 3/15/2013 55 Tantalum Surface Mount Capacitors – High Temperature T498 150°C Rated MnO2 Series Rated Voltage Rated Cap Case Code/ Case Size KEMET Part Number DC Leakage DF ESR Maximum Allowable Ripple Current Moisture Sensitivity VDC µF KEMET/EIA (See below for part options) µA +20ºC Max/5 Min % @ +20ºC 120 Hz Max mΩ @ 20ºC 100 kHz Max (mA) 100 kHz 25ºC (mA) 100 kHz 85ºC (mA) 100 kHz 125ºC Reflow Temp ≤ 260ºC 6.3 10 B/3528-21 T498B106(1)006A(2)E2K1 0.6 6.0 2100 201 181 80 1 6.3 15 B/3528-21 T498B156(1)006A(2)E1K8 0.9 6.0 1800 217 195 87 1 6.3 22 C/6032-28 T498C226(1)006A(2)E1K3 1.4 6.0 1300 291 262 116 1 6.3 33 B/3528-21 T498B336(1)006A(2)E1K7 2.1 6.0 1700 224 202 90 1 6.3 47 C/6032-28 T498C476(1)006A(2)E800 3.0 6.0 800 371 334 148 1 6.3 100 D/7343-31 T498D107(1)006A(2)E600 6.3 8.0 600 500 450 200 1 10 2.2 A/3216-18 T498A225(1)010A(2)E4K6 0.5 6.0 4600 128 115 51 1 10 3.3 A/3216-18 T498A335(1)010A(2)E3K6 0.5 6.0 3600 144 130 58 1 10 4.7 A/3216-18 T498A475(1)010A(2)E2K9 0.5 6.0 2900 161 145 64 1 10 4.7 B/3528-21 T498B475(1)010A(2)E2K7 0.5 6.0 2700 177 159 71 1 10 10 B/3528-21 T498B106(1)010A(2)E1K8 1.0 6.0 1800 217 195 87 1 10 15 B/3528-21 T498B156(1)010A(2)E1K5 1.5 6.0 1500 238 214 95 1 10 15 C/6032-28 T498C156(1)010A(2)E1K8 1.5 6.0 1800 247 222 99 1 10 22 B/3528-21 T498B226(1)010A(2)E1K5 2.2 6.0 1500 238 214 95 1 10 22 C/6032-28 T498C226(1)010A(2)E1K1 2.2 6.0 1100 316 284 126 1 10 47 D/7343-31 T498D476(1)010A(2)E600 4.7 6.0 600 500 450 200 1 10 100 D/7343-31 T498D107(1)010A(2)E600 10.0 8.0 600 500 450 200 1 10 220 X/7343-43 T498X227(1)010A(2)E500 22.0 8.0 500 574 517 230 1 16 1 A/3216-18 T498A105(1)016A(2)E6K5 0.5 4.0 6500 107 96 43 1 16 3.3 A/3216-18 T498A335(1)016A(2)E3K4 0.5 6.0 3400 149 134 60 1 16 4.7 B/3528-21 T498B475(1)016A(2)E2K1 0.8 6.0 2100 201 181 80 1 16 6.8 A/3216-18 T498A685(1)016A(2)E2K6 1.1 6.0 2600 170 153 68 1 16 6.8 B/3528-21 T498B685(1)016A(2)E1K8 1.1 6.0 1800 217 195 87 1 16 10 B/3528-21 T498B106(1)016A(2)E2K8 1.6 6.0 2800 174 157 70 1 16 10 C/6032-28 T498C106(1)016A(2)E1K4 1.6 6.0 1400 280 252 112 1 16 15 C/6032-28 T498C156(1)016A(2)E1K1 2.4 6.0 1100 316 284 126 1 16 22 C/6032-28 T498C226(1)016A(2)E1K0 3.5 6.0 1000 332 299 133 1 16 33 D/7343-31 T498D336(1)016A(2)E600 5.3 6.0 600 500 450 200 1 16 47 D/7343-31 T498D476(1)016A(2)E600 7.5 6.0 600 500 450 200 1 16 68 D/7343-31 T498D686(1)016A(2)E600 10.9 6.0 600 500 450 200 1 16 100 X/7343-43 T498X107(1)016A(2)E100 16.0 8.0 100 1285 1157 514 1 20 1 A/3216-18 T498A105(1)020A(2)E5K9 0.5 0.5 5900 113 102 45 1 20 10 C/6032-28 T498C106(1)020A(2)E1K1 2.0 2.0 1100 316 284 126 1 25 0.47 A/3216-18 T498A474(1)025A(2)E8K5 0.5 4.0 8500 94 85 38 1 25 2.2 B/3528-21 T498B225(1)025A(2)E3K0 0.6 6.0 3000 168 151 67 1 25 10 C/6032-28 T498C106(1)025A(2)E1K1 2.5 6.0 1100 316 284 126 1 25 10 D/7343-31 T498D106(1)025A(2)E1K0 2.5 6.0 1000 387 348 155 1 25 15 D/7343-31 T498D156(1)025A(2)E700 3.8 6.0 700 463 417 185 1 25 22 D/7343-31 T498D226(1)025A(2)E600 5.5 6.0 600 500 450 200 1 25 33 D/7343-31 T498D336(1)025A(2)E600 8.3 6.0 600 500 450 200 1 35 0.33 A/3216-18 T498A334(1)035A(2)E11K 0.5 4.0 11000 83 75 33 1 35 1 A/3216-18 T498A105(1)035A(2)E10K 0.5 4.0 10000 87 78 35 1 35 1.5 C/6032-28 T498C155(1)035A(2)E3K3 0.5 6.0 3300 183 165 73 1 35 3.3 C/6032-28 T498C335(1)035A(2)E1K7 1.2 6.0 1700 254 229 102 1 35 6.8 D/7343-31 T498D685(1)035A(2)E900 2.4 6.0 900 408 367 163 1 VDC µF KEMET/EIA (See below for part options) µA +20ºC Max/5 Min % @ +20ºC 120 Hz Max mΩ @ 20ºC 100 kHz Max (mA) 100 kHz 25ºC (mA) 100 kHz 85ºC (mA) 100 kHz 125ºC Reflow Temp ≤ 260ºC Rated Voltage Rated Cap Case Code/ Case Size KEMET Part Number DC Leakage DF ESR Maximum Allowable Ripple Current Moisture Sensitivity (1) To complete KEMET part number, insert M for ±20% or K for ±10%. Designates capacitance tolerance. (2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, G = Gold Plated. Designates termination finish. Refer to Ordering Information for additional detail. Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitution will be marked with the higher voltage rating. Substitutions can include better than series. Table 1 – Ratings & Part Number Reference Roll Over for Order Info. T 498 X 227 M 010 A T E800 Capacitor Class Series Case Size Capacitance Code (pF) Capacitance Tolerance Voltage Failure Rate/ Design Lead Material ESR Packaging (C-Spec) T = Tantalum High Temperature 150ºC A, B, C, D, X First two digits represent significant figures. Third digit specifies number of zeros. K = ±10% M = ±20% 006 = 6.3 V 010 = 10 V 016 = 16 V 020 = 20 V 025 = 25 V 035 = 35 V 050 = 50 V A = N/A Z = N/A T = 100% Matte Tin (Sn) Plated G = Gold Plated Last three digits specify ESR in mΩ. (800 = 800 mΩ) Blank = 7" Reel 7280 = 13" Reel |
Similar Part No. - T498D106K050ATE1K0 |
|
Similar Description - T498D106K050ATE1K0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |