Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD82C85 Datasheet(PDF) 9 Page - Intersil Corporation

Part # CD82C85
Description  CMOS Static Clock Controller/Generator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD82C85 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button CD82C85 Datasheet HTML 5Page - Intersil Corporation CD82C85 Datasheet HTML 6Page - Intersil Corporation CD82C85 Datasheet HTML 7Page - Intersil Corporation CD82C85 Datasheet HTML 8Page - Intersil Corporation CD82C85 Datasheet HTML 9Page - Intersil Corporation CD82C85 Datasheet HTML 10Page - Intersil Corporation CD82C85 Datasheet HTML 11Page - Intersil Corporation CD82C85 Datasheet HTML 12Page - Intersil Corporation CD82C85 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
305
Clock Generator
The clock generator consists of two synchronous divide-by-
three counters with special clear inputs that inhibit the count-
ing. One counter generates a 33% duty cycle waveform
(CLK) and the other generates a 50% duty cycle waveform
(CLK50). These two counters are negative-edge synchro-
nized, with the low-going transitions of both waveforms
occurring on the same oscillator transition. The CLK and
CLK50 output frequencies are one-third of the base input
frequency when SLO/FST is high and are equal to the base
input frequency divided by 768 when SLO/FST is low.
The CLK output is a 33% duty cycle clock signal designed to
drive the 80C86 and 80C88 microprocessors directly.
CLK50 has a 50% duty cycle output synchronous with CLK,
designed to drive co-processors and peripherals requiring a
50% duty cycle clock. When SLO/FST is high, CLK and
CLK50 have output frequencies which are 1/3 that of EFI/
OSC. When SLO/FST is low, CLK and CLK50 have output
frequencies which are OSC (EFI) divided by 768.
PCLK is a peripheral clock signal with an output frequency
equal to the oscillator or EFI frequency divided by 6. PCLK
has a 50% duty cycle. PCLK is unaffected by SLO/FST.
When the 82C85 is placed in the STOP mode, PCLK will
remain in it’s current state (logic high or logic low) until a
RESET or START command restarts the 82C85 clock cir-
cuitry. PCLK is negative-edge synchronized with CLK and
CLK50.
Clock Synchronization
The clock synchronization (CSYNC) input allows the output
clocks to be synchronized with an external event (such as
another 82C85 or 82C84A clock signal). CSYNC going
active causes all clocks (CLK, CLK50 and PCLK) to stop in
the HIGH state.
It is necessary to synchronize the CSYNC input to the EFI
clock external to the 82C85. This is accomplished with two
flip-flops when synchronizing two 82C85s and with three flip-
flops when synchronizing an 82C85 to an 82C84A (See Fig-
ure 6). Multiple external flip-flops are necessary to minimize
the occurrence of metastable (or indeterminate) states.
Ready Synchronization
Two READY inputs (RDY1, RDY2) are provided to accom-
modate two system busses. Each READY input is qualified
by (AEN1 and AEN2, respectively). The AEN signals vali-
date their respective RDY signals.
Synchronization is required for all asynchronous active-
going edges of either RDY input to guarantee that the RDY
set up and hold times are met. Inactive-going edges of RDY
in normally ready systems do not require synchronization but
must satisfy RDY setup and hold as a matter of proper sys-
tem design.
The ASYNC input defines two modes of READY synchroni-
zation operation. When ASYNC is LOW, two stages of syn-
chronization are provided for active READY input signals.
Positive-going asynchronous READY inputs will first be syn-
chronized to flip-flop one at the rising edge of CLK (requiring
a setup time TR1VCH) and then synchronized to flip-flop two
at the next falling edge of CLK, after which time the READY
output will go HIGH.
Negative-going asynchronous READY inputs will be syn-
chronized directly to flip-flop two at the falling edge of CLK,
after which time the READY output will go inactive. This
mode of operation is intended for use by asynchronous (nor-
mally not ready) devices in the system which cannot be
guaranteed by design to meet the required RDY setup timing
(TR1VCL) on each bus cycle.
When ASYNC is high or left open, the first READY flip-flop is
bypassed in the READY synchronization logic. READY
inputs are synchronized by flip-flop two on the falling edge of
CLK before they are presented to the processor. This mode
is available for synchronous devices that can be guaranteed
to meet the required RDY setup time. ASYNC can be
changed on every bus cycle to select the appropriate mode
of synchronization for each device in the system.
EFI
82C85
CSYNC
CSYNC
82C84A
CSYNC WITH 82C85(s)
CLOCK
SYNC
EFI
DQ
>
>
>
D
Q
Q
D
(TO OTHER
82C85s)
FIGURE 6. 82C85 AND 82C84A CSYNC SYNCHRONIZATION
METHODS
82C85


Similar Part No. - CD82C85

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CD82C85 RENESAS-CD82C85 Datasheet
978Kb / 21P
   CMOS Static Clock Controller/Generator
March 1997
More results

Similar Description - CD82C85

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
82C85 RENESAS-82C85 Datasheet
978Kb / 21P
   CMOS Static Clock Controller/Generator
March 1997
HS-82C85RH RENESAS-HS-82C85RH Datasheet
549Kb / 18P
   Radiation Hardened CMOS Static Clock Controller/Generator
Apr 6, 2012
logo
Intersil Corporation
HS-82C85RH INTERSIL-HS-82C85RH_07 Datasheet
381Kb / 18P
   Radiation Hardened CMOS Static Clock Controller/Generator
HS-82C85RH INTERSIL-HS-82C85RH Datasheet
189Kb / 16P
   Radiation Hardened CMOS Static Clock Controller/Generator
logo
Silicon Supplies
54ACT3301 SS-54ACT3301 Datasheet
1Mb / 10P
   CMOS Clock Generator
74ACT3301 SS-74ACT3301 Datasheet
1Mb / 10P
   CMOS Clock Generator
54ACT3301 SS-54ACT3301_V01 Datasheet
1Mb / 10P
   CMOS Clock Generator
Rev 1.2 16/09/22
CGS3311 SS-CGS3311_V01 Datasheet
1Mb / 10P
   CMOS Clock Generator
Rev 1.2 16/09/22
logo
Intersil Corporation
82C84A INTERSIL-82C84A Datasheet
89Kb / 10P
   CMOS Clock Generator Driver
March 1997
82C84A INTERSIL-82C84A_05 Datasheet
290Kb / 11P
   CMOS Clock Generator Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com