Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6622 Datasheet(PDF) 10 Page - Analog Devices

Part # AD6622
Description  Four-Channel, 75 MSPS Digital Transmit Signal Processor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6622 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD6622_15 Datasheet HTML 6Page - Analog Devices AD6622_15 Datasheet HTML 7Page - Analog Devices AD6622_15 Datasheet HTML 8Page - Analog Devices AD6622_15 Datasheet HTML 9Page - Analog Devices AD6622_15 Datasheet HTML 10Page - Analog Devices AD6622_15 Datasheet HTML 11Page - Analog Devices AD6622_15 Datasheet HTML 12Page - Analog Devices AD6622_15 Datasheet HTML 13Page - Analog Devices AD6622_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD6622
–10–
REV. 0
THEORY OF OPERATION
As digital-to-analog converters (DACs) achieve higher sampling
rates, analog bandwidth, and dynamic range, it becomes increas-
ingly attractive to accomplish the first IF stage of a transmitter
in the digital domain. Digital IF signal processing provides
repeatable manufacturing, higher accuracy, and more flexibility
than comparable high-dynamic-range analog designs.
The AD6622 Four-Channel Transmit Signal Processor (TSP) is
designed to bridge the gap between DSPs and high-speed DACs.
The wide range of interpolation factors in each filter stage makes
the AD6622 useful for creating both narrowband and wideband
carriers in a high-speed sample stream. The high-resolution NCO
allows flexibility in frequency planning and supports both digital
and analog air interface standards. The RAM-based architec-
ture allows easy reconfiguration for multimode applications.
The interpolating filters remove unwanted images of signals
sampled at a fraction of the wideband rate. When the channel of
interest occupies far less bandwidth than the wideband output
signal, rejecting out-of-band noise is called “processing gain.”
For large interpolation factors, this processing gain allows a
14-bit DAC to express the sum of multiple 16-bit signals sampled
at a lower rate without significantly increasing the noise floor
about each carrier. In addition, the programmable RAM coeffi-
cient stage allows anti-imaging, and static equalization functions
to be combined in a single, cost-effective filter.
The high-speed NCO can be used to tune a quadrature sampled
signal to an IF channel, or the NCO can be directly frequency-
modulated at an IF channel. Multicarrier phase synchronization
pins and phase offset registers allow intelligent management of
the relative phase of the independent RF channels. This capability
supports the requirements for phased array antenna architec-
tures and management of the wideband peak/power ratio to
minimize clipping at the DAC.
The wideband input and output ports allow multiple AD6622s
to be cascaded into a single DAC. The master clock for the
entire system is based on the DAC clock rate (up to 75 MSPS).
The external 18-bit resolution reduces summation of truncation
noise. The wideband ports can be configured for real or quadra-
ture outputs. Quadrature sampled outputs (I and Q) are limited
to half the master clock rate on the shared output bus.
FUNCTIONAL OVERVIEW
The following descriptions explain the functionality of each of
the core sections of the AD6622. Detailed timing, application,
and specifications are described in detail in their respective por-
tions of the data sheet.
SERIAL DATA PORT
The AD6622 has four independent Serial Ports (A, B, C, and
D) of which accepts data to its own channel (1, 2, 3, or 4) of
the device. Each serial port has three pins: SCLK, SDFS, and
SDIN. The SCLK and SDFS pins are outputs that provide
serial clock and framing. The SDIN pins are inputs that accept
channel data. The serial ports do not accept configuration or
control inputs. The serial ports do not accept external clock
or framing signals, although it is possible to synchronize the
AD6622 serial ports to meet an external timing requirement.
The serial clock output, SCLK, is created by a programmable
internal counter that divides down the master clock. When the
channel is reset, SCLK is held low. SCLK starts on the first
rising edge of CLK after Channel Reset is removed (D0 through
D3 of External Address 4). Once active, the SCLK frequency is
determined by the master CLK frequency and the SCLK divider,
according to the equation below. The SCLK divider is a 5-bit
unsigned value located in Channel Register 0x0D. The user must
select the SCLK divider to ensure that SCLK is fast enough to
accept full input sample words at the input sample rate. See the
design example at the end of this section. The maximum SCLK
frequency is 1/2 of the master clock frequency. The minimum
SCLK frequency is 1/64 of the master clock frequency.
f
f
SCLK
SCLK
CLK
DIVIDER
=
×+
21
()
(1)
SPORT
SDINA
SDFSA
SCLKA
DATA
RCF
I
Q
CIC
FILTER
I
Q
NCO
DATa
JTAG
MICROPORT
SPORT
SDINB
SDFSB
SCLKB
DATA
RCF
I
Q
CIC
FILTER
I
Q
NCO
DATb
SPORT
SDINC
SDFSC
SCLKC
DATA
RCF
I
Q
CIC
FILTER
I
Q
NCO
DATc
SPORT
SDIND
SDFSD
SCLKD
DATA
RCF
I
Q
CIC
FILTER
I
Q
NCO
DATd
QIN
IN
[17:0]
SYNC
OEN
QOUT
OUT
[17:0]
AD6622
Figure 9. Functional Block Diagram


Similar Part No. - AD6622_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6622AS AD-AD6622AS Datasheet
242Kb / 28P
   Four-Channel, 75 MSPS Digital Transmit Signal Processor TSP
REV. 0
AD6622PCB AD-AD6622PCB Datasheet
242Kb / 28P
   Four-Channel, 75 MSPS Digital Transmit Signal Processor TSP
REV. 0
AD6622S AD-AD6622S Datasheet
242Kb / 28P
   Four-Channel, 75 MSPS Digital Transmit Signal Processor TSP
REV. 0
AD6622S/PCB AD-AD6622S/PCB Datasheet
242Kb / 28P
   Four-Channel, 75 MSPS Digital Transmit Signal Processor TSP
REV. 0
More results

Similar Description - AD6622_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6622 AD-AD6622 Datasheet
242Kb / 28P
   Four-Channel, 75 MSPS Digital Transmit Signal Processor TSP
REV. 0
AD6623 AD-AD6623_15 Datasheet
935Kb / 48P
   4-Channel, 104 MSPS Digital Transmit Signal Processor
REV. A
AD6623 AD-AD6623 Datasheet
381Kb / 40P
   4-Channel, 104 MSPS Digital Transmit Signal Processor TSP
REV. 0
AD6624 AD-AD6624_15 Datasheet
566Kb / 40P
   Four-Channel, 80 MSPS Digital Receive Signal Processor
REV. B
AD6624A AD-AD6624A_15 Datasheet
642Kb / 40P
   Four-Channel, 100 MSPS Digital Receive Signal Processor
REV. 0
AD6624 AD-AD6624 Datasheet
509Kb / 40P
   Four-Channel, 80 MSPS Digital Receive Signal Processor (RSP)
REV. B
AD6624A AD-AD6624A Datasheet
636Kb / 40P
   Four-Channel, 100 MSPS Digital Receive Signal Processor (RSP)
REV. 0
AD6620 AD-AD6620_15 Datasheet
399Kb / 44P
   67 MSPS Digital Receive Signal Processor
REV. A
AD6620AS AD-AD6620AS Datasheet
399Kb / 44P
   67 MSPS Digital Receive Signal Processor
REV. A
AD6620ASZ AD-AD6620ASZ Datasheet
374Kb / 44P
   67 MSPS Digital Receive Signal Processor
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com