Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6624 Datasheet(PDF) 9 Page - Analog Devices

Part # AD6624
Description  Four-Channel, 80 MSPS Digital Receive Signal Processor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6624 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD6624_15 Datasheet HTML 5Page - Analog Devices AD6624_15 Datasheet HTML 6Page - Analog Devices AD6624_15 Datasheet HTML 7Page - Analog Devices AD6624_15 Datasheet HTML 8Page - Analog Devices AD6624_15 Datasheet HTML 9Page - Analog Devices AD6624_15 Datasheet HTML 10Page - Analog Devices AD6624_15 Datasheet HTML 11Page - Analog Devices AD6624_15 Datasheet HTML 12Page - Analog Devices AD6624_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
REV. B
AD6624
–9–
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.6 V
Input Voltage . . . . . . . . . . . . –0.3 V to +5.3 V (5 V Tolerant)
Output Voltage Swing . . . . . . . . . . –0.3 V to VDDIO + 0.3 V
Load Capacitance . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200 pF
Junction Temperature Under Bias . . . . . . . . . . . . . . . . 125
°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (5 sec) . . . . . . . . . . . . . . . . . . . . . . 280
°C
*Stresses greater than those listed above may cause permanent damage to the
device. These are stress ratings only; functional operation of the device at these or
any other conditions greater than those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Thermal Characteristics
128-Lead Plastic Quad Flatpack:
θ
JA = 41
°C/W, No Airflow
θ
JA = 39
°C/W, 200 LFPM Airflow
θ
JA = 37
°C/W, 400 LFPM Airflow
Thermal measurements made in the horizontal position on
a 4-layer board.
EXPLANATION OF TEST LEVELS
I.
100% Production Tested.
II.
100% Production Tested at 25
°C, and Sample Tested at
Specified Temperatures.
III. Sample Tested Only.
IV. Parameter Guaranteed by Design and Analysis.
V.
Parameter is Typical Value Only.
VI. 100% Production Tested at 25
°C, and Sample Tested at
Temperature Extremes.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD6624 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Package
Model
Temperature Range
Package Description
Option
AD6624AS
–40
°C to +70°C (Ambient)
128-Lead MQFP (Plastic Quad Flatpack)
S-128-1
AD6624S/PCB
Evaluation Board with AD6624 and Software


Similar Part No. - AD6624_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6624A AD-AD6624A Datasheet
636Kb / 40P
   Four-Channel, 100 MSPS Digital Receive Signal Processor (RSP)
REV. 0
AD6624AABC AD-AD6624AABC Datasheet
636Kb / 40P
   Four-Channel, 100 MSPS Digital Receive Signal Processor (RSP)
REV. 0
AD6624AS AD-AD6624AS Datasheet
509Kb / 40P
   Four-Channel, 80 MSPS Digital Receive Signal Processor (RSP)
REV. B
AD6624AS/PCB AD-AD6624AS/PCB Datasheet
636Kb / 40P
   Four-Channel, 100 MSPS Digital Receive Signal Processor (RSP)
REV. 0
AD6624A AD-AD6624A_15 Datasheet
642Kb / 40P
   Four-Channel, 100 MSPS Digital Receive Signal Processor
REV. 0
More results

Similar Description - AD6624_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6624 AD-AD6624 Datasheet
509Kb / 40P
   Four-Channel, 80 MSPS Digital Receive Signal Processor (RSP)
REV. B
AD6624A AD-AD6624A_15 Datasheet
642Kb / 40P
   Four-Channel, 100 MSPS Digital Receive Signal Processor
REV. 0
AD6624A AD-AD6624A Datasheet
636Kb / 40P
   Four-Channel, 100 MSPS Digital Receive Signal Processor (RSP)
REV. 0
AD6634 AD-AD6634_15 Datasheet
931Kb / 52P
   80 MSPS, Dual-Channel WCDMA Receive Signal Processor
REV. 0
AD6635 AD-AD6635_15 Datasheet
805Kb / 60P
   4-Channel, 80 MSPS WCDMA Receive Signal Processor
REV. 0
AD6620ASZ AD-AD6620ASZ Datasheet
374Kb / 44P
   67 MSPS Digital Receive Signal Processor
REV. A
AD6620 AD-AD6620 Datasheet
354Kb / 43P
   65 MSPS Digital Receive Signal Processor
REV. 0
AD6620 AD-AD6620_15 Datasheet
399Kb / 44P
   67 MSPS Digital Receive Signal Processor
REV. A
AD6620AS AD-AD6620AS Datasheet
399Kb / 44P
   67 MSPS Digital Receive Signal Processor
REV. A
AD6634 AD-AD6634 Datasheet
925Kb / 52P
   80 MSPS, Dual-Channel WCDMA Receive Signal Processor (RSP)
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com