Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD82C237-12 Datasheet(PDF) 5 Page - Intersil Corporation

Part # CD82C237-12
Description  CMOS High Performance Programmable DMA Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD82C237-12 Datasheet(HTML) 5 Page - Intersil Corporation

  CD82C237-12 Datasheet HTML 1Page - Intersil Corporation CD82C237-12 Datasheet HTML 2Page - Intersil Corporation CD82C237-12 Datasheet HTML 3Page - Intersil Corporation CD82C237-12 Datasheet HTML 4Page - Intersil Corporation CD82C237-12 Datasheet HTML 5Page - Intersil Corporation CD82C237-12 Datasheet HTML 6Page - Intersil Corporation CD82C237-12 Datasheet HTML 7Page - Intersil Corporation CD82C237-12 Datasheet HTML 8Page - Intersil Corporation CD82C237-12 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
4-152
82C237
Functional Description
The 82C237 is an improved version of the Intersil 82C37A
DMA controller and is fully software and pin for pin compati-
ble with the 82C37A. All operational and pin descriptions of
the 82C37A apply to the 82C237 with additional features
noted in the section titled 82C237 Operation.
The 82C237 direct memory access controller is designed to
improve the data transfer rate in systems which must
transfer data from an I/O device to memory, or move a block
of memory to an I/O device. It will also perform memory-to-
memory block moves, or fill a block of memory with data
from a single location. Operating modes are provided to
handle single byte transfers as well as discontinuous data
streams, which allows the 82C237 to control data movement
with software transparency.
The DMA controller is a state-driven address and control
signal generator, which permits data to be transferred
directly from an I/O device to memory or vice versa without
ever being stored in a temporary register. This can greatly
increase the data transfer rate for sequential operations,
compared
with
processor
move
or
repeated
string
instructions.
Memory-to-memory
operations
require
temporary internal storage of the data byte between
generation of the source and destination addresses, so
memory-to-memory transfers take place at less than half the
rate of I/O operations, but still much faster than with central
processor techniques. The maximum data transfer rates
obtainable with the 82C237 are shown in Figure 1.
The block diagram of the 82C237 is shown on page 2. The
timing and control block, priority block, and internal registers
are the main components. Figure 2 lists the name and size
of the internal registers. The timing and control block derives
internal timing from CLK input, and generates external
control signals. The Priority Encoder block resolves priority
contention between DMA channels requesting service
simultaneously.
DMA Operation
In a system, the 82C237 address and control outputs and
data bus pins are basically connected in parallel with the
system busses. An external latch is required for the upper
address byte. While inactive, the controller’s outputs are in a
high impedance state. When activated by a DMA request
and bus control is relinquished by the host, the 82C237
drives the busses and generates the control signals to
perform the data transfer. The operation performed by
activating one of the four DMA request inputs has previously
been programmed into the controller via the Command,
Mode, Address, and Word Count registers.
For example, if a block of data is to be transferred from RAM
to an I/O device, the starting address of the data is loaded
into the 82C237 Current and Base Address registers for a
particular channel, and the length of the block is loaded into
the channel’s Word Count register. The corresponding Mode
register is programmed for a memory-to-I/O operation (read
transfer), and various options are selected by the Command
register and the other Mode register bits. The channel’s
mask bit is cleared to enable recognition of a DMA request
(DREQ). The DREQ can either be a hardware signal or a
software command.
Once initiated, the block DMA transfer will proceed as the
controller outputs the data address, simultaneous MEMR
and IOW pulses, and selects an I/O device via the DMA
acknowledge (DACK) outputs. The data byte flows directly
from the RAM to the I/O device. After each byte is
transferred, the address is automatically incremented (or
decremented) and the word count is decremented. The
operation is then repeated for the next byte. The controller
stops transferring data when the Word Count register
underflows, or an external EOP is applied.
To
further
understand
82C237
operation,
the
states
generated by each CLK cycle must be considered. The DMA
controller operates in two major cycles, active and idle. After
being programmed, the controller is normally idle until a
DMA request occurs on an unmasked channel, or a software
request is given. The 82C237 will then request control of the
system busses and enter the active cycle. The active cycle is
composed of several internal states, depending on what
options have been selected and what type of operation has
been requested.
82C237
TRANSFER
TYPE
8MHz
12.5MHz
UNIT
8-BIT
16-BIT
8-BIT
16-BIT
Compressed
4.00
8.00
6.25
12.5
MByte/sec
Normal I/O
2.67
5.34
4.17
8.34
MByte/sec
Memory-to-
Memory
1.00
2.00
1.56
3.12
MByte/sec
FIGURE 1. DMA TRANSFER RATES
NAME
SIZE
NUMBER
Base Address Registers
16-Bits
4
Base Word Count Registers
16-Bits
4
Current Address Registers
16-Bits
4
Current Word Count Registers
16-Bits
4
Temporary Address Register
16-Bits
1
Temporary Word Count Register
16-Bits
1
Status Register
8-Bits
1
Command Register
8-Bits
1
Temporary Register
8-Bits
1
Mode Registers
6-Bits
4
Mask Register
4-Bits
1
Request Register
4-Bits
1
Data-Width Register (See Note)
4-Bits
1
NOTE: 82C237 only
FIGURE 2. 82C237 INTERNAL REGISTERS


Similar Part No. - CD82C237-12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD82C284-12 INTERSIL-CD82C284-12 Datasheet
72Kb / 11P
   Clock Generator and Ready Interface for 80C286 Processors
March 1997
More results

Similar Description - CD82C237-12

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
82C37 HARRIS-82C37 Datasheet
204Kb / 23P
   CMOS High Performance Programmable DMA Controller
logo
Intersil Corporation
82C37A INTERSIL-82C37A_06 Datasheet
427Kb / 24P
   CMOS High Performance Programmable DMA Controller
82C37A INTERSIL-82C37A Datasheet
148Kb / 23P
   CMOS High Performance Programmable DMA Controller
March 1997
HS-82C37ARH INTERSIL-HS-82C37ARH_00 Datasheet
268Kb / 21P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
NEC
UPD8237A NEC-UPD8237A Datasheet
973Kb / 17P
   HIGH-PERFORMANCE PROGRAMMABLE DMA CONTROLLER
logo
Intersil Corporation
HS-82C37ARH INTERSIL-HS-82C37ARH Datasheet
195Kb / 29P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
Harris Corporation
HS-82C37 HARRIS-HS-82C37 Datasheet
253Kb / 28P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
NEC
UPD8257 NEC-UPD8257 Datasheet
608Kb / 11P
   PROGRAMMABLE DMA CONTROLLER
logo
Intel Corporation
M8257 INTEL-M8257 Datasheet
360Kb / 7P
   PROGRAMMABLE DMA CONTROLLER
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
   Programmable DMA Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com