Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5040 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SI5040
Description  10 Gbps XFP Transceiver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SI5040 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SI5040 Datasheet HTML 1Page - List of Unclassifed Manufacturers SI5040 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Networking Products
Copyright © 2006 by Silicon Laboratories
1.5.2006
CDR
CDR
Equalizer
RefCLK
(optional)
TD
TXDOUT
RX_LOS
D
Clk
D
FIFO &
ReTimer
Clk
Serial Port
µController
Interface
(I2C or 3-wire)
LA
RXDIN
RD
CML
RX_LOL
DSPLL®
Jitter Attenuator
FIFO &
ReTimer
XFI Loopback
Line Loopback
TX Pattern
Check
TX Pattern
Gen
XFI System
Side
Optical Line
Side
RX Pattern
Check
RX Pattern
Gen
Slice
Adjust
Phase
Adjust
DSPLL®
Jitter Attenuator
CML
Optional
Crystal
Interrupt
Alarms
Si5040
10 Gbps XFP Transceiver
Description
The Si5040 is a high performance, protocol agnostic
10 Gbps XFP transceiver featuring integrated jitter
attenuating capability based on Silicon Laboratories’ proven
DSPLL technology. The device is designed to perform
reshaping, re-amplifying, and retiming of the bi-directional
10 Gbps serial data by integrating two independent Clock
and Data Recoveries (CDRs), two DSPLL-based Clock
Multiplier Units (CMUs), and data re-timers in both transmit
and receive directions. The DSPLL-based CMU and the
data re-timer in the transmit direction eliminate the need for
external jitter clean up circuitry to achieve compliance with
telecom and datacom jitter specifications. The same DSPLL
technology minimizes jitter in the receive path ensuring
error free operation with ASICs or FPGAs connected via
the XFI interface. The Si5040 provides three receive signal
quality monitors including analog loss-of-signal (LOS)
detection, consecutive identical digit (CID) detection, and a
proprietary digital measure of receive eye opening.
Comprehensive diagnostics are also supported via two loop
back modes as well as pattern generation and check
capability on both the receive and transmit data paths. The
Si5040 provides industry leading jitter performance for all
telecom and datacom protocols between 9.9 and
11.4 Gbps, including OC-192/STM-64, 10 GbE, 10 G Fiber
Channel, and their associated forward error correction
(FEC) data rates:
- OC192/STM64: 9.95 Gbps
- 10 Gbps Ethernet LAN PHY: 10.3125 Gbps
- 10 Gbps Fibre Channel: 10.51875 Gbps
- G.709 OTU2: 10.709 Gbps
- 10 Gbps Ethernet + FEC: 11.0957 Gbps
- 10 Gbps Fibre Channel + FEC: 11.3176 Gbps
To address XFP module space and power constraints, the
Si5040 comes in a 5 x 5 mm LGA package and only
consumes 575 mW typ.
Summary of Key Features
- Continuous operation from 9.95 to 11.4 Gbps
- Transmit jitter attenuation with selectable loop
bandwidths from 200 Hz to 1.2 MHz
- SONET jitter generation 2.5 mUI RMS
- SONET jitter tolerance > 0.55UIpp (0.15UIpp spec)
- Integrated limiting amplifier with high input sensitivity:
5 mV ppd Typ
- Auto-slice adjustment (programmable adjust optional)
- Programmable sample phase adjust
- Three signal quality monitors: loss-of-signal (LOS)
detector, consecutive identical digit (CID) detector, and a
receive eye opening monitor
- PRBS or user-defined pattern generation and checking
in both TX and RX directions
- Operation over wide power supply variation
(–10% to +5%)
- Industrial temperature operation (–40 to +85 °C)
- Adjustable output swing
- Low power: 575 mW (typ)
- Small size: 5 x 5 mm LGA
- Serial microcontroller interface
Applications
- XFP Optical Module
- Line card and Backplane
- Regenerate 10 Gbps electrical signal for longer
reach of the PCB trace
- Added jitter attenuation with jitter transfer
compliance
- Added jitter tolerance
- CWDM
- Complete regeneration of the 10 Gbps signal in
O/E/O applications
- Optical Test Equipment
- 10 Gbps Standalone Clock and Data Recovery
- 10 Gbps Standalone Optical Transmitter


Similar Part No. - SI5040

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5040 SILABS-SI5040 Datasheet
131Kb / 2P
   10 Gbps XFP Transceiver
SI5040-EVB SILABS-SI5040-EVB Datasheet
1Mb / 24P
   Four selectable on-chip reference frequencies
More results

Similar Description - SI5040

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5040 SILABS-SI5040 Datasheet
131Kb / 2P
   10 Gbps XFP Transceiver
logo
Source Photonics, Inc.
XP-MR-08-CDA SOURCE-XP-MR-08-CDA Datasheet
828Kb / 5P
   10 Gbps 80km Multirate XFP Transceiver Preliminary
XPD-MR-08-15CDA SOURCE-XPD-MR-08-15CDA Datasheet
652Kb / 6P
   10 Gbps 80km DWDM Multirate XFP Transceiver
XP-MR-D12-CDA SOURCE-XP-MR-D12-CDA Datasheet
829Kb / 5P
   10 Gbps 120km Multirate XFP Transceiver Preliminary
XP-MR-04-CDA SOURCE-XP-MR-04-CDA Datasheet
828Kb / 5P
   10 Gbps 40km Multirate XFP Transceiver Preliminary
XPD-MR-D1215CDA SOURCE-XPD-MR-D1215CDA Datasheet
845Kb / 6P
   10 Gbps 120km DWDM Multirate XFP Transceiver Preliminary
XPD-MR-04-15CDA SOURCE-XPD-MR-04-15CDA Datasheet
650Kb / 6P
   10 Gbps 40km DWDM Multirate XFP Transceiver Preliminary
logo
MRV Communications, Inc...
XFP-10GD-LR12P MRV-XFP-10GD-LR12P Datasheet
100Kb / 5P
   10 Gbps Multirate XFP Transceivers
TM2-XFP MRV-TM2-XFP Datasheet
365Kb / 2P
   LambdaDriver 10 Gbps XFP - Dual Transponder Module (TM2-XFP)
XFP-DWLR12P MRV-XFP-DWLR12P Datasheet
117Kb / 6P
   10 Gbps DWDM Multirate XFP Transceivers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com