Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP82C86H Datasheet(PDF) 8 Page - Intersil Corporation

Part # CP82C86H
Description  CMOS Octal Bus Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CP82C86H Datasheet(HTML) 8 Page - Intersil Corporation

  CP82C86H Datasheet HTML 1Page - Intersil Corporation CP82C86H Datasheet HTML 2Page - Intersil Corporation CP82C86H Datasheet HTML 3Page - Intersil Corporation CP82C86H Datasheet HTML 4Page - Intersil Corporation CP82C86H Datasheet HTML 5Page - Intersil Corporation CP82C86H Datasheet HTML 6Page - Intersil Corporation CP82C86H Datasheet HTML 7Page - Intersil Corporation CP82C86H Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
4-324
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Die Characteristics
DIE DIMENSIONS:
138.6 x 155.5 x 19
± 1mils
METALLIZATION:
Type: Si - Al
Thickness: 11k
Å
± 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 8k
Å
± 1kÅ
WORST CASE CURRENT DENSITY:
1.47 x 105 A/cm2
Metallization Mask Layout
82C86H
A2
A1
A0
VCC
B0
B1
B2
B3
B4
B5
B6
B7
T
GND
OE
A7
A6
A5
A4
A3
82C86H
82C86H


Similar Part No. - CP82C86H

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CP82C82 INTERSIL-CP82C82 Datasheet
103Kb / 7P
   CMOS Octal Latching Bus Driver
March 1997
CP82C82 INTERSIL-CP82C82 Datasheet
148Kb / 7P
   CMOS Octal Latching Bus Driver
CP82C83H INTERSIL-CP82C83H Datasheet
105Kb / 6P
   CMOS Octal Latching Inverting Bus Driver
March 1997
CP82C84A INTERSIL-CP82C84A Datasheet
89Kb / 10P
   CMOS Clock Generator Driver
March 1997
CP82C84A INTERSIL-CP82C84A Datasheet
290Kb / 11P
   CMOS Clock Generator Driver
More results

Similar Description - CP82C86H

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C86H INTERSIL-82C86H_04 Datasheet
162Kb / 6P
   CMOS Octal Bus Transceiver
logo
Renesas Technology Corp
82C86H RENESAS-82C86H Datasheet
439Kb / 6P
   CMOS Octal Bus Transceiver
June 2004
logo
Integrated Device Techn...
IDT74FCT621T IDT-IDT74FCT621T_16 Datasheet
78Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER
IDT74FCT621T IDT-IDT74FCT621T_06 Datasheet
70Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER
logo
Intersil Corporation
82C87H INTERSIL-82C87H Datasheet
94Kb / 8P
   CMOS Octal Inverting Bus Transceiver
March 1997
logo
Integrated Device Techn...
74FCT621T IDT-74FCT621T_16 Datasheet
51Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER
logo
Renesas Technology Corp
82C87H RENESAS-82C87H Datasheet
192Kb / 8P
   CMOS Octal Inverting Bus Transceiver
March 1997
logo
Integrated Device Techn...
IDT74FCT621T IDT-IDT74FCT621T Datasheet
67Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
logo
Pericom Semiconductor C...
PI74FCT623T PERICOM-PI74FCT623T Datasheet
37Kb / 3P
   FAST CMOS OCTAL BUS TRANSCEIVER (3-STATE)
logo
Renesas Technology Corp
IDT74FCT621T RENESAS-IDT74FCT621T Datasheet
207Kb / 7P
   FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
NOVEMBER 2016
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com