Electronic Components Datasheet Search |
|
AD7278 Datasheet(PDF) 1 Page - Analog Devices |
|
AD7278 Datasheet(HTML) 1 Page - Analog Devices |
1 / 29 page 3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT AD7276/AD7277/AD7278 Rev. C Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 © 2005–2011 Analog Devices, Inc. All rights reserved. FEATURES Throughput rate: 3 MSPS Specified for VDD of 2.35 V to 3.6 V Power consumption 12.6 mW at 3 MSPS with 3 V supplies Wide input bandwidth 70 dB SNR at 1 MHz input frequency Flexible power/serial clock speed management No pipeline delays High speed serial interface SPI®-/QSPI™-/MICROWIRE™-/DSP-compatible Temperature range: −40°C to +125°C Power-down mode: 0.1 μA typical 6-lead TSOT package 8-lead MSOP package AD7476 and AD7476A pin-compatible GENERAL DESCRIPTION The AD7276/AD7277/AD7278 are 12-/10-/8-bit, high speed, low power, successive approximation analog-to-digital converters (ADCs), respectively. The parts operate from a single 2.35 V to 3.6 V power supply and feature throughput rates of up to 3 MSPS. The parts contain a low noise, wide bandwidth track- and-hold amplifier that can handle input frequencies in excess of 55 MHz. The conversion process and data acquisition are controlled using CS and the serial clock, allowing the devices to interface with microprocessors or DSPs. The input signal is sampled on the falling edge of CS, and the conversion is also initiated at this point. There are no pipeline delays associated with the part. The AD7276/AD7277/AD7278 use advanced design techniques to achieve very low power dissipation at high throughput rates. The reference for the part is taken internally from VDD. This allows the widest dynamic input range to the ADC; therefore, the analog input range for the part is 0 to VDD. The conversion rate is determined by the SCLK. FUNCTIONAL BLOCK DIAGRAM T/H CONTROL LOGIC 12-/10-/8-BIT SUCCESSIVE APPROXIMATION ADC GND VDD AD7276/ AD7277/ AD7278 VIN SCLK SDATA CS Figure 1. Table 1. Part Number Resolution Package AD7276 12 8-Lead MSOP 6-Lead TSOT AD7277 10 8-Lead MSOP 6-Lead TSOT AD7278 8 8-Lead MSOP 6-Lead TSOT AD72741 12 8-Lead MSOP 8-Lead TSOT AD72731 10 8-Lead MSOP 8-Lead TSOT 1 Part contains external reference pin. PRODUCT HIGHLIGHTS 1. 3 MSPS ADCs in a 6-lead TSOT package. 2. AD7476/AD7477/AD7478 and AD7476A/AD7477A/ AD7478A pin-compatible. 3. High throughput with low power consumption. 4. Flexible power/serial clock speed management. This allows maximum power efficiency at low throughput rates. 5. Reference derived from the power supply. 6. No pipeline delay. The parts feature a standard successive approximation ADC with accurate control of the sampling instant via a CS input and once-off conversion control. |
Similar Part No. - AD7278_15 |
|
Similar Description - AD7278_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |