Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7314 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7314
Description  Low Voltage, 10-Bit Digital Temperature Sensor in 8-Lead MSOP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7314 Datasheet(HTML) 5 Page - Analog Devices

  AD7314_15 Datasheet HTML 1Page - Analog Devices AD7314_15 Datasheet HTML 2Page - Analog Devices AD7314_15 Datasheet HTML 3Page - Analog Devices AD7314_15 Datasheet HTML 4Page - Analog Devices AD7314_15 Datasheet HTML 5Page - Analog Devices AD7314_15 Datasheet HTML 6Page - Analog Devices AD7314_15 Datasheet HTML 7Page - Analog Devices AD7314_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
REV. A
AD7314
–5–
CIRCUIT INFORMATION
The AD7314 is a 10-bit digital temperature sensor. The part
houses an on-chip temperature sensor, a 10-bit A/D converter,
and reference and serial interface logic functions in an MSOP
package. The A/D converter section consists of a conventional
successive approximation converter based around a capacitor
DAC. The parts are capable of running on a 2.65 V to 5.5 V
power supply.
The on-chip temperature sensor allows an accurate measurement
of the ambient device temperature to be made. The working
measurement range of the AD7314 is –35
∞C to +85∞C.
CONVERTER DETAILS
The conversion clock for the part is internally generated so no
external clock is required except when reading from and writing
to the serial port. In normal mode, an internal clock oscillator
runs the automatic conversion sequence. A conversion is initi-
ated every 400
ms. At this time, the part wakes up and performs
a temperature conversion. This temperature conversion typically
takes 25
ms, at which time the part automatically shuts down.
The result of the most recent temperature conversion is avail-
able in the serial output register at any time. The AD7314 can
be placed in a shutdown mode, via the control register, in
which case the on-chip oscillator is shut down and no further
conversions are initiated until the AD7314 is taken out of shut-
down mode. The conversion result from the last conversion prior
to shutdown can still be read from the AD7314 even when it is
in shutdown mode.
In the automatic conversion mode, every time a read or write
operation takes place, the internal clock oscillator is restarted at
the end of the read or write operation. The result of the conver-
sion is available, typically 25
ms later. Similarly, when the part is
taken out of shutdown mode, the internal clock oscillator is
restarted and the conversion result is available, typically 25
ms
later. Reading from the device again before conversion is com-
plete will provide the same set of data.
Temperature Value Register
The temperature value register is a read-only register that stores
the temperature reading from the ADC in 10-bit twos comple-
ment format. The temperature data format is shown in Table I.
This shows the full theoretical range of the ADC from –128
∞C
to +127
∞C, but in practice the temperature measurement range
is limited to the operating temperature range of the device (–35
∞C
to +85
∞C).
Table I. Temperature Data Format
Digital Output
Temperature ( C)
DB9 . . . DB0
–128
10 0000 0000
–125
10 0000 1100
–100
10 0111 0000
–75
10 1101 0100
–50
11 0011 1000
–25
11 1001 1100
–0.25
11 1111 1111
0
00 0000 0000
0.25
00 0000 0001
10
00 0010 1000
25
00 0110 0100
50
00 1100 1000
75
01 0010 1100
100
01 1001 0000
125
01 1111 0100
127
01 1111 1100
Serial Interface
The serial interface on the AD7314 consists of four wires, CE,
SCLK, SDI, and SDO. The interface can be operated in 3-wire
mode with SDI tied to ground, in which case the interface has
read-only capability, with data being read from the data register
via the SDO line. The SDI line is used to write the part into
standby mode, if required. The CE line is used to select the
device when more than one device is connected to the serial
clock and data lines. To ensure that the serial port is reset prop-
erly after power-up, the CE must be at a logic low before the
first serial port access. The serial clock is active only when CE is
high. For correct data synchronization, it is important that the
CE be low when the serial port is not being accessed.
The part operates in a slave mode and requires an externally
applied serial clock to the SCLK input to access data from the
data register. The serial interface on the AD7314 is designed to
allow the part to be interfaced to systems that provide a serial
clock that is synchronized to the serial data, such as the 80C51,
87C51, 68HC11, 68HC05, and PIC16Cxx microcontrollers as
well as DSP processors.
A read operation from the AD7314 accesses data from the
temperature value register while a write operation to the part
writes data to the control register. Input data is not loaded into
the control register until the rising edge of the 15th SCLK cycle.
Data on the SDI line is latched in on the falling edge of the
serial clock while data is updated on the SDO line on the rising
edge of the serial clock.
Read Operation
Figure 3 shows the interface diagram for a serial read from the
AD7314. The CE line enables the SCLK input. A leading zero
and 10 bits of data are transferred during a read operation. Read
operations occur during streams of 16 clock pulses. Output data
is updated on the rising edge of SCLK. The serial data is accessed
in a number of bytes if 10 bits of data are being read. At the end
of the read operation, the SDO line remains in the state of the
last bit of data clocked out of the AD7314 until CE returns low,
at which time the SDO line goes into three-state.


Similar Part No. - AD7314_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7314 AD-AD7314_17 Datasheet
194Kb / 9P
   10-Bit Digital Temperature Sensor
More results

Similar Description - AD7314_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7314 AD-AD7314_03 Datasheet
164Kb / 8P
   Low Voltage, 10-Bit Digital Temperature Sensor in 8-Lead MSOP
REV. A
AD7314 AD-AD7314 Datasheet
97Kb / 8P
   Low-Voltage, 10-Bit Digital Temperature Sensor in 8-Lead uSOIC
REV. 0
AD7814 AD-AD7814_15 Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
AD7814 AD-AD7814 Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
AD7417 AD-AD7417_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
AD7814 AD-AD7814_17 Datasheet
151Kb / 9P
   10-Bit Digital Temperature Sensor
AD7416 AD-AD7416_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
AD7418 AD-AD7418_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
AD7314 AD-AD7314_17 Datasheet
194Kb / 9P
   10-Bit Digital Temperature Sensor
ADT7316 AD-ADT7316 Datasheet
340Kb / 32P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC
REV. PrN 02/02
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com