Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7278BRMZ-REEL Datasheet(PDF) 2 Page - Analog Devices

Part # AD7278BRMZ-REEL
Description  3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7278BRMZ-REEL Datasheet(HTML) 2 Page - Analog Devices

  AD7278BRMZ-REEL Datasheet HTML 1Page - Analog Devices AD7278BRMZ-REEL Datasheet HTML 2Page - Analog Devices AD7278BRMZ-REEL Datasheet HTML 3Page - Analog Devices AD7278BRMZ-REEL Datasheet HTML 4Page - Analog Devices AD7278BRMZ-REEL Datasheet HTML 5Page - Analog Devices AD7278BRMZ-REEL Datasheet HTML 6Page - Analog Devices AD7278BRMZ-REEL Datasheet HTML 7Page - Analog Devices AD7278BRMZ-REEL Datasheet HTML 8Page - Analog Devices AD7278BRMZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
IMPORTANT LINKS for the AD7276_7277_7278*
Last content update 11/12/2013 06:16 pm
DOCUMENTATION
MS-2210: Designing Power Supplies for High Speed ADC
8- to 18-Bit SAR ADCs ... From the Leader in High Performance Analog
FOR THE AD7276
AN-1141: Powering a Dual Supply Precision ADC with Switching
Regulators
AN-931: Understanding PulSAR ADC Support Circuitry
AN-932: Power Supply Sequencing
AN-877: Interfacing to High Speed ADCs via SPI
AN-935: Designing an ADC Transformer-Coupled Front End
AN-742: Frequency Domain Response of Switched-Capacitor ADCs
EE-246: Interfacing AD7276 High-Speed Data Converters to
ADSP-21262 SHARC Processors
EE-246 Software Code
EE-245: Interfacing AD7276 High-Speed Data Converters to ADSP-
BF535 Blackfin Processors
EE-245 Software Code
The Data Conversion Handbook
MT-031: Grounding Data Converters and Solving the Mystery of
MT-002: What the Nyquist Criterion Means to Your Sampled Data
System Design
MT-001: Taking the Mystery out of the Infamous Formula,
“SNR=6.02N + 1.76dB” and Why You Should Care
UG-450: Evaluating the AD7276, 3 MSPS, 12-Bit ADC
MS-2022: Seven Steps to Successful Analog-to-Digital Signal
Conversion (Noise Calculation for Proper Signal Conditioning)
MS-2124: Understanding AC Behaviors of High Speed ADCs
Nine Often Overlooked ADC Specifications
Security and Surveillance Applications: Booklet
Security and Surveillance Applications: Technical Presentation
EVALUATION KITS & SYMBOLS & FOOTPRINTS
View the Evaluation Boards and Kits page for the AD7276
Symbols and Footprints for the AD7276
Symbols and Footprints for the AD7277
Symbols and Footprints for the AD7278
SAMPLE & BUY
AD7276
AD7277
AD7278
Find Local Distributors
SIMILAR PRODUCTS & PARAMETRIC SELECTION TABLES
Find Similar Products By Operating Parameters
Low Resolution - Single Channel Unipolar/Bipolar 8/10/12-Bit PulSAR
ADCs
SAR ADC & Driver Quick-Match Guide
DESIGN COLLABORATION COMMUNITY
Collaborate Online with the ADI support team and other designers
about select ADI products.
SUGGESTED COMPANION PRODUCTS
Recommended Driver Amplifiers for the AD7276
For low frequency and low bias current, we recommend the
ADA4627-1.
For high speed and low noise, we recommend the AD8021,
ADA4897-1 or the ADA4899-1.
For low noise and low power applications, we recommend the
ADA4841-1.
For low cost, general purpose, we recommend the AD8031 or
the AD8038.
For additional driver amplifier selections, we recommend
selecting the product category and filtering on our parametric
search tables.
Recommended External Voltage References for the AD7276
For high precision and improved power performance, we
recommend the REF193 or the ADR4530.
For improved SNR at 3V, we recommend the AD780.
For additional voltage reference selections, we recommend
filtering on our parametric search tables.
Recommended Digital Isolators for the AD7276
For a 3- channel, 10Mbps data rate, we recommend the
ADuM1311.
For a 3-channel, 90 Mbps data rate, we recommend the
ADuM1301 or the ADuM3301.
For additional digital isolator selections, we recommend
filtering on our parametric search tables.
Recommended Input Buffer Amplifiers for the AD7277 or AD7278
For high speed and low noise, we recommend the AD8021, or
the ADA4899-1.
Recommended Precison References for the AD7277 or AD7278
For high precision and improved power performance, we
recommend the REF193.
For improved SNR at 3V, we recommend the AD780.
* This page was dynamically generated by Analog Devices, Inc. and inserted into this data sheet.
Note: Dynamic changes to the content on this page (labeled 'Important Links') does not
constitute a change to the revision number of the product data sheet.
This content may be frequently modified.


Similar Part No. - AD7278BRMZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7278BRMZ-REEL AD-AD7278BRMZ-REEL Datasheet
501Kb / 28P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7278BRMZ-REEL AD-AD7278BRMZ-REEL Datasheet
589Kb / 28P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
More results

Similar Description - AD7278BRMZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7278 AD-AD7278_15 Datasheet
717Kb / 29P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7276 AD-AD7276 Datasheet
501Kb / 28P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7277 AD-AD7277_15 Datasheet
717Kb / 29P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7276 AD-AD7276_17 Datasheet
589Kb / 28P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
AD7273BRMZ AD-AD7273BRMZ Datasheet
549Kb / 29P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7274 AD-AD7274_15 Datasheet
605Kb / 29P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7274BRMZ AD-AD7274BRMZ Datasheet
1Mb / 28P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7273BRMZ AD-AD7273BRMZ Datasheet
1Mb / 28P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7273 AD-AD7273_15 Datasheet
605Kb / 29P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7273 AD-AD7273 Datasheet
243Kb / 20P
   3MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. PrB (6/04)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com