Electronic Components Datasheet Search |
|
AD7278AUJZ-RL7 Datasheet(PDF) 6 Page - Analog Devices |
|
AD7278AUJZ-RL7 Datasheet(HTML) 6 Page - Analog Devices |
6 / 29 page AD7276/AD7277/AD7278 Rev. C | Page 5 of 28 AD7277 SPECIFICATIONS VDD = 2.35 V to 3.6 V, fSCLK = 48 MHz, fSAMPLE = 3 MSPS, TA = TMIN to TMAX, unless otherwise noted. Table 3. Parameter A Grade1, 2 B Grade1, 2 Unit Test Conditions/Comments DYNAMIC PERFORMANCE fIN = 1 MHz sine wave Signal-to-Noise + Distortion (SINAD)3 60.5 60.5 dB min Total Harmonic Distortion (THD)3 −70 −1 dB max −76 −76 dB typ Peak Harmonic or Spurious Noise (SFDR)3 −80 −80 dB typ Intermodulation Distortion (IMD)3 Second-Order Terms −82 −82 dB typ fa = 1 MHz, fb = 0.97 MHz Third-Order Terms −82 −82 dB typ fa = 1 MHz, fb = 0.97 MHz Aperture Delay 5 5 ns typ Aperture Jitter 18 18 ps typ Full Power Bandwidth 74 74 MHz typ @ 3 dB 10 10 MHz typ @ 0.1 dB DC ACCURACY Resolution 10 10 Bits Integral Nonlinearity3 ±0.5 ±0.5 LSB max Differential Nonlinearity3 ±0.5 ±0.5 LSB max Guaranteed no missed codes to 10 bits Offset Error3 ±1.5 ±1 LSB max Gain Error3 ±2 ±1.5 LSB max Total Unadjusted Error (TUE)3 ±2.5 ±2.5 LSB max ANALOG INPUT Input Voltage Ranges 0 to VDD 0 to VDD V DC Leakage Current ±1 ±1 μA max −40°C to +85°C ±5.5 ±5.5 μA max 85°C to 125°C Input Capacitance 42 42 pF typ When in track 10 10 pF typ When in hold LOGIC INPUTS Input High Voltage, VINH 1.7 1.7 V min 2.35 V ≤ VDD ≤ 2.7 V 2 2 V min 2.7 V < VDD ≤ 3.6 V Input Low Voltage, VINL 0.7 0.7 V max 2.35 V ≤ VDD ≤ 2.7 V 0.8 0.8 V max 2.7 V < VDD ≤ 3.6 V Input Current, IIN ±1 ±1 μA max Typically 10 nA, VIN = 0 V or VDD Input Capacitance, CIN4 2 2 pF typ LOGIC OUTPUTS Output High Voltage, VOH VDD − 0.2 VDD − 0.2 V min ISOURCE = 200 μA, VDD = 2.35 V to 3.6 V Output Low Voltage, VOL 0.2 0.2 V max ISINK = 200 μA Floating-State Leakage Current ±2.5 ±2.5 μA max Floating-State Output Capacitance4 4.5 4.5 pF typ Output Coding Straight (natural) binary CONVERSION RATE Conversion Time 250 250 ns max 12 SCLK cycles with SCLK at 48 MHz Track-and-Hold Acquisition Time3 60 60 ns min Throughput Rate 3.45 3.45 MSPS max SCLK at 48 MHz |
Similar Part No. - AD7278AUJZ-RL7 |
|
Similar Description - AD7278AUJZ-RL7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |