Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD96 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD96
Description  SymPol Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD96 Datasheet(HTML) 4 Page - Texas Instruments

  SN65HVD96 Datasheet HTML 1Page - Texas Instruments SN65HVD96 Datasheet HTML 2Page - Texas Instruments SN65HVD96 Datasheet HTML 3Page - Texas Instruments SN65HVD96 Datasheet HTML 4Page - Texas Instruments SN65HVD96 Datasheet HTML 5Page - Texas Instruments SN65HVD96 Datasheet HTML 6Page - Texas Instruments SN65HVD96 Datasheet HTML 7Page - Texas Instruments SN65HVD96 Datasheet HTML 8Page - Texas Instruments SN65HVD96 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SN65HVD96
SLLSE35 A – JUNE 2010 – REVISED DECEMBER 2010
www.ti.com
SWITCHING CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DRIVER
trise , tfall
Driver differential output rise/fall time
15
30
ns
tpAP , tpPA
Driver propagation delay
40
80
ns
RL= 54 Ω, CL= 50 pF, See Figure 3
Driver differential output pulse skew,
tSK(P)
1
10
ns
|tpAP – tpPA|
D = GND, RL= 54 Ω, CL= 50 pF,
tpZA, tpAZ
Driver enable/disable time
50
80
ns
See Figure 4
RECEIVER
trise, tfall
Receiver output rise/fall time
8
15
ns
tPHL , tPLH
Receiver propagation delay time
CL= 15 pF, See Figure 5
70
90
ns
tSK(P)
Receiver output pulse skew,|tPHL – tPLH|
5
15
ns
tPZL, tPZH,
Receiver enable/disable time
See Figure 6
20
100
ns
tPLZ, tPHZ
FUNCTION TABLE
DRIVER
DE
D
VOD
L or OPEN
X
Z
Driver Disabled (Passive)
L
H
Driver Active
H
H or Open
Z
Driver Passive
RECEIVER
RE
VID
R
H or OPEN
X
Z
Receiver Disabled
VID < –0.9 V
L
Active Bit Received
–0.9 V < VID < –0.5
?
Indeterminate bus
–0.5 V < VID < 0.5 V
H
Passive Bit Received
L
0.5 V < VID < 0.9 V
?
Indeterminate bus
0.9 V < VID
L
Active Bit Received
Open, Short, Idle
H
Failsafe Condition
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :SN65HVD96


Similar Part No. - SN65HVD96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD96 TI-SN65HVD96 Datasheet
277Kb / 10P
[Old version datasheet]   SymPol??Transceiver
SN65HVD96D TI-SN65HVD96D Datasheet
277Kb / 10P
[Old version datasheet]   SymPol??Transceiver
SN65HVD96DR TI-SN65HVD96DR Datasheet
277Kb / 10P
[Old version datasheet]   SymPol??Transceiver
More results

Similar Description - SN65HVD96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD96 TI-SN65HVD96 Datasheet
277Kb / 10P
[Old version datasheet]   SymPol??Transceiver
logo
ON Semiconductor
NCN5121 ONSEMI-NCN5121 Datasheet
1Mb / 57P
   Transceiver
October, 2015 ??Rev. 0
logo
OPLINK Communications I...
TPP1XGDS0XG OPLINK-TPP1XGDS0XG Datasheet
265Kb / 6P
   Transceiver
TPP1XGJERXG OPLINK-TPP1XGJERXG Datasheet
266Kb / 6P
   Transceiver
logo
IC-Haus GmbH
IC-GF ICHAUS-IC-GF Datasheet
890Kb / 26P
   TRANSCEIVER
logo
ON Semiconductor
NCN5110 ONSEMI-NCN5110 Datasheet
291Kb / 24P
   Transceiver
October, 2015 ??Rev. 0
NCN5130 ONSEMI-NCN5130 Datasheet
465Kb / 58P
   Transceiver
October, 2015 ??Rev. 2
logo
IC-Haus GmbH
IC-GF ICHAUS-IC-GF_15 Datasheet
1Mb / 30P
   TRANSCEIVER
logo
List of Unclassifed Man...
78P2253-IGT ETC-78P2253-IGT Datasheet
107Kb / 23P
   Transceiver
78P2241 ETC-78P2241 Datasheet
132Kb / 23P
   Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com