Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD96 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD96
Description  SymPol Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD96 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65HVD96 Datasheet HTML 4Page - Texas Instruments SN65HVD96 Datasheet HTML 5Page - Texas Instruments SN65HVD96 Datasheet HTML 6Page - Texas Instruments SN65HVD96 Datasheet HTML 7Page - Texas Instruments SN65HVD96 Datasheet HTML 8Page - Texas Instruments SN65HVD96 Datasheet HTML 9Page - Texas Instruments SN65HVD96 Datasheet HTML 10Page - Texas Instruments SN65HVD96 Datasheet HTML 11Page - Texas Instruments SN65HVD96 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
V
ID
R
700 mV
VOH
VOL
tf
tr
tpLH
tpHL
1.5 V
1.5 V
0 V
90%
10 %
CL
R
A/B
B/A
RE
VID
3 . 3 V
Signal
Generator
C L = 15 pF
R
A/B
B/A
1 kW
RE
(includes probe and
jig capacitance)
VID
50%
3.3 V
VOL
tpZL
tpLZ
50%
3 V
0 V
VOL+0.5V
VOH
50%
VOH -0.5V
tpZH
tpHZ
0 V
RE
R
|VID|=1.5V
R
|VID|=0V
SN65HVD96
SLLSE35 A – JUNE 2010 – REVISED DECEMBER 2010
www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 5. Measurement of Receiver Output Rise and Fall Times and Propagation Delays
Figure 6. Measurement of Receiver Enable Times With Driver Disabled
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :SN65HVD96


Similar Part No. - SN65HVD96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD96 TI-SN65HVD96 Datasheet
277Kb / 10P
[Old version datasheet]   SymPol??Transceiver
SN65HVD96D TI-SN65HVD96D Datasheet
277Kb / 10P
[Old version datasheet]   SymPol??Transceiver
SN65HVD96DR TI-SN65HVD96DR Datasheet
277Kb / 10P
[Old version datasheet]   SymPol??Transceiver
More results

Similar Description - SN65HVD96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD96 TI-SN65HVD96 Datasheet
277Kb / 10P
[Old version datasheet]   SymPol??Transceiver
logo
ON Semiconductor
NCN5121 ONSEMI-NCN5121 Datasheet
1Mb / 57P
   Transceiver
October, 2015 ??Rev. 0
logo
OPLINK Communications I...
TPP1XGDS0XG OPLINK-TPP1XGDS0XG Datasheet
265Kb / 6P
   Transceiver
TPP1XGJERXG OPLINK-TPP1XGJERXG Datasheet
266Kb / 6P
   Transceiver
logo
IC-Haus GmbH
IC-GF ICHAUS-IC-GF Datasheet
890Kb / 26P
   TRANSCEIVER
logo
ON Semiconductor
NCN5110 ONSEMI-NCN5110 Datasheet
291Kb / 24P
   Transceiver
October, 2015 ??Rev. 0
NCN5130 ONSEMI-NCN5130 Datasheet
465Kb / 58P
   Transceiver
October, 2015 ??Rev. 2
logo
IC-Haus GmbH
IC-GF ICHAUS-IC-GF_15 Datasheet
1Mb / 30P
   TRANSCEIVER
logo
List of Unclassifed Man...
78P2253-IGT ETC-78P2253-IGT Datasheet
107Kb / 23P
   Transceiver
78P2241 ETC-78P2241 Datasheet
132Kb / 23P
   Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com