Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD82C87H Datasheet(PDF) 7 Page - Intersil Corporation

Part # CD82C87H
Description  CMOS Octal Inverting Bus Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD82C87H Datasheet(HTML) 7 Page - Intersil Corporation

  CD82C87H Datasheet HTML 1Page - Intersil Corporation CD82C87H Datasheet HTML 2Page - Intersil Corporation CD82C87H Datasheet HTML 3Page - Intersil Corporation CD82C87H Datasheet HTML 4Page - Intersil Corporation CD82C87H Datasheet HTML 5Page - Intersil Corporation CD82C87H Datasheet HTML 6Page - Intersil Corporation CD82C87H Datasheet HTML 7Page - Intersil Corporation CD82C87H Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
4-331
MR82C87H CLCC
NOTES:
1. VCC = 5.5V ± 0.5V, GND = 0V
2. VIH = 4.5V ± 10%
3. VIL = -0.2V to 0.4V
4. R1 = 47k
Ω± 5%
5. R2 = 2.4k
Ω± 5%
6. R3 = 1.5k
Ω± 5%
7. R4 = 1k
Ω± 5%
8. R5 = 5k
Ω± 5%
9. C1 = 0.01
µF minimum
10. F0 = 100kHz
± 10%
11. F1 = F0/2, F2 = F1/2, F3 = F2/2
Burn-In Circuits (Continued)
4
5
6
7
8
910
11
12
13
15
14
18
17
16
VCC
C1
F2
F2
R5
F2
R5
R5
F3
R5
F1
F0
F3
F2
F2
F2
F2
F2
R5
R5
R5
R5
R5
F3
F3
F3
F3
F3
R5
R5
R5
R5
R5
R4
R4
R5
R5
F3
32
1
20
19
82C87H
82C87H


Similar Part No. - CD82C87H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CD82C87H-5 RENESAS-CD82C87H-5 Datasheet
192Kb / 8P
   CMOS Octal Inverting Bus Transceiver
March 1997
More results

Similar Description - CD82C87H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
82C87H RENESAS-82C87H Datasheet
192Kb / 8P
   CMOS Octal Inverting Bus Transceiver
March 1997
logo
Fairchild Semiconductor
DM74ALS640A FAIRCHILD-DM74ALS640A Datasheet
48Kb / 4P
   Inverting Octal Bus Transceiver
logo
NXP Semiconductors
74F620 PHILIPS-74F620 Datasheet
96Kb / 12P
   Octal bus transceiver, inverting 3tate
1989 Apr 06
74F640 PHILIPS-74F640 Datasheet
85Kb / 11P
   Octal bus transceiver, inverting 3-State
1989 Nov 27
logo
Integral Corp.
IN74AC640 INTEGRAL-IN74AC640 Datasheet
197Kb / 5P
   Octal 3-State Inverting Bus Transceiver
IN74LV640 INTEGRAL-IN74LV640 Datasheet
44Kb / 5P
   Octal 3-State Inverting Bus Transceiver
IN74LV620 INTEGRAL-IN74LV620 Datasheet
135Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
logo
IK Semicon Co., Ltd
IN74LV620 IKSEMICON-IN74LV620 Datasheet
249Kb / 6P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
logo
NXP Semiconductors
74HC640 PHILIPS-74HC640 Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
logo
IK Semicon Co., Ltd
IN74LV640 IKSEMICON-IN74LV640 Datasheet
257Kb / 5P
   Octal 3-State Inverting Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com