Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC3110IRHBT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3110IRHBT
Description  Low-Power Audio Codec With Audio Processing and Stereo Class-D Speaker Amplifier
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3110IRHBT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV320AIC3110IRHBT Datasheet HTML 2Page - Texas Instruments TLV320AIC3110IRHBT Datasheet HTML 3Page - Texas Instruments TLV320AIC3110IRHBT Datasheet HTML 4Page - Texas Instruments TLV320AIC3110IRHBT Datasheet HTML 5Page - Texas Instruments TLV320AIC3110IRHBT Datasheet HTML 6Page - Texas Instruments TLV320AIC3110IRHBT Datasheet HTML 7Page - Texas Instruments TLV320AIC3110IRHBT Datasheet HTML 8Page - Texas Instruments TLV320AIC3110IRHBT Datasheet HTML 9Page - Texas Instruments TLV320AIC3110IRHBT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 127 page
background image
TLV320AIC3110
SLAS647B – DECEMBER 2009 – REVISED MAY 2012
www.ti.com
3.2
Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
AVDD(1)
Referenced to AVSS(2)
2.7
3.3
3.6
DVDD
Referenced to DVSS(2)
1.65
1.8
1.95
HPVDD
Referenced to HPVSS(2)
2.7
3.3
3.6
V
Power-supply voltage range
SPLVDD(1)
Referenced to SPLVSS(2)
2.7
5.5
SPRVDD(1)
Referenced to SPRVSS(2)
2.7
5.5
IOVDD
Referenced to IOVSS(2)
1.1
3.3
3.6
Resistance applied across class-D output pins
Speaker impedance
8
(BTL)
Headphone impedance
AC-coupled to RL
16
Analog audio full-scale input
VI
AVDD = 3.3 V, single-ended
0.707
VRMS
voltage
Stereo line-output load
AC-coupled to RL
10
k
impedance
MCLK(3)
Master clock frequency
IOVDD = 3.3 V
50
MHz
SCL
SCL clock frequency
400
kHz
TA
Operating free-air temperature
–40
85
°C
(1)
To minimize battery-current leakage, the SPLVDD and SPRVDD voltage levels should not be below the AVDD voltage level.
(2)
All grounds on board are tied together, so they should not differ in voltage by more than 0.2 V maximum for any combination of ground
signals. By use of a wide trace or ground plane, ensure a low-impedance connection between HPVSS and DVSS.
(3)
The maximum input frequency should be 50 MHz for any digital pin used as a general-purpose clock.
3.3
Electrical Characteristics
At 25°C, AVDD = HPVDD = IOVDD = 3.3 V, SPLVDD = SPRVDD = 3.6 V; DVDD = 1.8 V; fS (audio) = 48 kHz;
CODEC_CLKIN = 256 × fS; PLL = Off; VOL/MICDET pin disabled (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INTERNAL OSCILLATOR—RC_CLK
Oscillator frequency
8.2
MHz
VOLUME CONTROL PIN (ADC); VOL/MICDET Pin Enabled
VOL/MICDET pin configured as volume control
0.5 ×
Input voltage range
(page 0 / register 116, bit D7 = 1 and page 0 /
0
V
AVDD
register 67, bit D7 = 0)
Input capacitance
2
pF
Volume control steps
128
Steps
6
ELECTRICAL SPECIFICATIONS
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TLV320AIC3110


Similar Part No. - TLV320AIC3110IRHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3110IRHBT TI1-TLV320AIC3110IRHBT Datasheet
1Mb / 132P
[Old version datasheet]   TLV320AIC3110 Low-Power Audio Codec With Audio Processing and Stereo Class-D Speaker Amplifier
More results

Similar Description - TLV320AIC3110IRHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3110 TI1-TLV320AIC3110_16 Datasheet
1Mb / 132P
[Old version datasheet]   TLV320AIC3110 Low-Power Audio Codec With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320DAC3101 TI1-TLV320DAC3101_14 Datasheet
1Mb / 101P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320DAC3101 TI1-TLV320DAC3101 Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320DAC3101 TI-TLV320DAC3101_15 Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320AIC3110 TI1-TLV320AIC3110 Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Procsessing and Stereo Class-D Speaker Amplifier
TLV320AIC3110 TI1-TLV320AIC3110_14 Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Procsessing and Stereo Class-D Speaker Amplifier
TLV320DAC3100 TI1-TLV320DAC3100 Datasheet
1Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100-Q1 TI-TLV320DAC3100-Q1_15 Datasheet
1Mb / 101P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100 TI1-TLV320DAC3100_14 Datasheet
1Mb / 99P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320AIC3100 TI1-TLV320AIC3100 Datasheet
1Mb / 129P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Mono Class-D Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com