Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9003AIERZ-T Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL9003AIERZ-T
Description  Low Noise LDO with Low IQ and High PSRR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9003AIERZ-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL9003AIERZ-T Datasheet HTML 4Page - Intersil Corporation ISL9003AIERZ-T Datasheet HTML 5Page - Intersil Corporation ISL9003AIERZ-T Datasheet HTML 6Page - Intersil Corporation ISL9003AIERZ-T Datasheet HTML 7Page - Intersil Corporation ISL9003AIERZ-T Datasheet HTML 8Page - Intersil Corporation ISL9003AIERZ-T Datasheet HTML 9Page - Intersil Corporation ISL9003AIERZ-T Datasheet HTML 10Page - Intersil Corporation ISL9003AIERZ-T Datasheet HTML 11Page - Intersil Corporation ISL9003AIERZ-T Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
FN6299.5
July 18, 2014
Submit Document Feedback
ISL9003A
Small Outline Transistor Plastic Packages (SC70-5)
D
e1
E
E1
CL
C
CL
e
b
CL
A2
A
A1
CL
0.20 (0.008) M
0.10 (0.004) C
C
-C-
SEATING
PLANE
4
5
12
3
VIEW C
VIEW C
L
R1
R
4X
1
4X
1
GAUGE PLANE
L1
SEATING
L2
C
PLANE
c
BASE METAL
WITH
c1
b1
PLATING
b
0.4mm
0.75mm
0.65mm
2.1mm
TYPICAL RECOMMENDED LAND PATTERN
P5.049
5 LEAD SMALL OUTLINE TRANSISTOR PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.031
0.043
0.80
1.10
-
A1
0.000
0.004
0.00
0.10
-
A2
0.031
0.039
0.80
1.00
-
b
0.006
0.012
0.15
0.30
-
b1
0.006
0.010
0.15
0.25
c
0.003
0.009
0.08
0.22
6
c1
0.003
0.009
0.08
0.20
6
D
0.073
0.085
1.85
2.15
3
E
0.071
0.094
1.80
2.40
-
E1
0.045
0.053
1.15
1.35
3
e
0.0256 Ref
0.65 Ref
-
e1
0.0512 Ref
1.30 Ref
-
L
0.010
0.018
0.26
0.46
4
L1
0.017 Ref.
0.420 Ref.
-
L2
0.006 BSC
0.15 BSC
0o
8o
0o
8o
-
N5
5
5
R
0.004
-
0.10
-
R1
0.004
0.010
0.15
0.25
Rev. 3 7/07
NOTES:
1. Dimensioning and tolerances per ASME Y14.5M-1994.
2. Package conforms to EIAJ SC70 and JEDEC MO-203AA.
3. Dimensions D and E1 are exclusive of mold flash, protrusions,
or gate burrs.
4. Footlength L measured at reference to gauge plane.
5. “N” is the number of terminal positions.
6. These Dimensions apply to the flat section of the lead between
0.08mm and 0.15mm from the lead tip.
7. Controlling dimension: MILLIMETER. Converted inch dimen-
sions are for reference only.


Similar Part No. - ISL9003AIERZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9003AIERZ-T INTERSIL-ISL9003AIERZ-T Datasheet
297Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
ISL9003AIERZ-T INTERSIL-ISL9003AIERZ-T Datasheet
331Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
July 18, 2014
logo
Renesas Technology Corp
ISL9003AIERZ-T RENESAS-ISL9003AIERZ-T Datasheet
573Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
More results

Similar Description - ISL9003AIERZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9008IECZ-T INTERSIL-ISL9008IECZ-T Datasheet
181Kb / 10P
   Low Noise LDO with Low IQ and High PSRR
logo
Renesas Technology Corp
ISL9003A RENESAS-ISL9003A Datasheet
573Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
logo
Intersil Corporation
ISL9003 INTERSIL-ISL9003 Datasheet
186Kb / 10P
   Low Noise LDO with Low IQ And High PSRR
April 15, 2008
ISL9003A INTERSIL-ISL9003A Datasheet
297Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
ISL9003AIENZ-T INTERSIL-ISL9003AIENZ-T Datasheet
331Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
July 18, 2014
logo
Renesas Technology Corp
ISL9008 RENESAS-ISL9008 Datasheet
497Kb / 10P
   Low Noise LDO with Low IQ and High PSRR
ISL9008A RENESAS-ISL9008A Datasheet
575Kb / 12P
   Low Noise LDO with Low IQ, High PSRR
logo
Intersil Corporation
ISL9008A INTERSIL-ISL9008A Datasheet
235Kb / 11P
   Low Noise LDO with Low IQ, High PSRR
ISL9008AIENZ-T INTERSIL-ISL9008AIENZ-T Datasheet
290Kb / 11P
   Low Noise LDO with Low IQ, High PSRR
June 27, 2014
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com