Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9008IEJZ-T Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL9008IEJZ-T
Description  Low Noise LDO with Low IQ and High PSRR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9008IEJZ-T Datasheet(HTML) 4 Page - Intersil Corporation

  ISL9008IEJZ-T Datasheet HTML 1Page - Intersil Corporation ISL9008IEJZ-T Datasheet HTML 2Page - Intersil Corporation ISL9008IEJZ-T Datasheet HTML 3Page - Intersil Corporation ISL9008IEJZ-T Datasheet HTML 4Page - Intersil Corporation ISL9008IEJZ-T Datasheet HTML 5Page - Intersil Corporation ISL9008IEJZ-T Datasheet HTML 6Page - Intersil Corporation ISL9008IEJZ-T Datasheet HTML 7Page - Intersil Corporation ISL9008IEJZ-T Datasheet HTML 8Page - Intersil Corporation ISL9008IEJZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
FN9235.1
March 11, 2008
LDO Soft-start Ramp Rate
tSSR
Slope of linear portion of LDO output voltage ramp during start-up
30
60
µs/V
EN PIN CHARACTERISTICS
Input Low Voltage
VIL
-0.3
0.4
V
Input High Voltage
VIH
1.4
VIN + 0.3
V
Input Leakage Current
IIL, IIH
0.1
µA
Pin Capacitance
CPIN
Informative
5
pF
NOTES:
6. VOx = 0.98*VOx(NOM); Valid for VOx greater than 1.85V
7. Parts are 100% tested at +25°C. Temperature limits established by characterization and are not production tested.
Electrical Specifications
Unless otherwise noted, all parameters are guaranteed over the operational supply voltage and temperature
range of the device as follows:
TA = -40°C to +85°C; VIN = (VO +0.5V) to 6.5V with a minimum VIN of 2.3V; CIN = 1µF; CO = 1µF (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 7
TYP
MAX
(Note 7)
UNITS
Typical Performance Curves
FIGURE 1. OUTPUT VOLTAGE vs INPUT VOLTAGE
(3.3V OUTPUT)
FIGURE 2. OUTPUT VOLTAGE CHANGE (%) vs INPUT
VOLTAGE (3.3V OUTPUT)
FIGURE 3. OUTPUT VOLTAGE vs LOAD CURRENT
FIGURE 4. OUTPUT VOLTAGE vs TEMPERATURE
INPUT VOLTAGE (V)
-0.6
-0.2
0.2
0.6
-0.8
3.8
4.2
6.2
5.8
6.6
3.4
4.6
5.0
5.4
-0.4
0.0
0.4
0.8
VO = 3.3V
+85
°C
-40
°C
+25
°C
ILOAD = 0mA
INPUT VOLTAGE (V)
VO = 3.3V
IO = 0mA
IO = 75mA
IO = 150mA
+25°C
0.2
0.1
0.0
-0.1
-0.2
-0.3
-0.4
3.3
3.8
4.3
4.8
5.3
5.8
6.3
LOAD CURRENT - IO (mA)
+85°C
-40°C
+25°C
1.0
0.8
0.6
0.4
0.2
0.0
-0.2
-0.4
-0.6
-0.8
-1.0
0
25
50
75
100
125
150
175
VIN = 3.8V
VO = 3.3V
0.04
0.06
-0.06
-0.10
-25
0
25
85
-40
TEMPERATURE (
°C)
-0.02
0.00
0.02
0.08
0.10
-0.04
-0.08
55
VIN = 3.8V
VO = 3.3V
IO = 0mA
IO = 75mA
IO = 150mA
ISL9008


Similar Part No. - ISL9008IEJZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9008IEJZ-T RENESAS-ISL9008IEJZ-T Datasheet
497Kb / 10P
   Low Noise LDO with Low IQ and High PSRR
More results

Similar Description - ISL9008IEJZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9003AIEJZ-T INTERSIL-ISL9003AIEJZ-T Datasheet
331Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
logo
Renesas Technology Corp
ISL9003A RENESAS-ISL9003A Datasheet
573Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
logo
Intersil Corporation
ISL9003 INTERSIL-ISL9003 Datasheet
186Kb / 10P
   Low Noise LDO with Low IQ And High PSRR
April 15, 2008
ISL9003A INTERSIL-ISL9003A Datasheet
297Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
ISL9003AIENZ-T INTERSIL-ISL9003AIENZ-T Datasheet
331Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
July 18, 2014
logo
Renesas Technology Corp
ISL9008 RENESAS-ISL9008 Datasheet
497Kb / 10P
   Low Noise LDO with Low IQ and High PSRR
ISL9008A RENESAS-ISL9008A Datasheet
575Kb / 12P
   Low Noise LDO with Low IQ, High PSRR
logo
Intersil Corporation
ISL9008A INTERSIL-ISL9008A Datasheet
235Kb / 11P
   Low Noise LDO with Low IQ, High PSRR
ISL9008AIENZ-T INTERSIL-ISL9008AIENZ-T Datasheet
290Kb / 11P
   Low Noise LDO with Low IQ, High PSRR
June 27, 2014
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com