Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9003AIRUBZ-T Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL9003AIRUBZ-T
Description  Low Noise LDO with Low IQ and High PSRR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9003AIRUBZ-T Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL9003AIRUBZ-T Datasheet HTML 4Page - Intersil Corporation ISL9003AIRUBZ-T Datasheet HTML 5Page - Intersil Corporation ISL9003AIRUBZ-T Datasheet HTML 6Page - Intersil Corporation ISL9003AIRUBZ-T Datasheet HTML 7Page - Intersil Corporation ISL9003AIRUBZ-T Datasheet HTML 8Page - Intersil Corporation ISL9003AIRUBZ-T Datasheet HTML 9Page - Intersil Corporation ISL9003AIRUBZ-T Datasheet HTML 10Page - Intersil Corporation ISL9003AIRUBZ-T Datasheet HTML 11Page - Intersil Corporation ISL9003AIRUBZ-T Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FN6299.5
July 18, 2014
Submit Document Feedback
Block Diagram
Functional Description
The ISL9003A contains all circuitry required to implement a
high performance LDO. High performance is achieved
through a circuit that delivers fast transient response to
varying load conditions. In a quiescent condition, the
ISL9003A adjusts its biasing to achieve the lowest standby
current consumption.
The device also integrates current limit protection, smart
thermal shutdown protection, and soft-start. Smart Thermal
shutdown protects the device against overheating. Soft-start
minimizes start-up input current surges without causing
excessive device turn-on time.
Power Control
The ISL9003A has an enable pin, (EN), to control power to
the LDO output. When EN is low, the device is in shutdown
mode. In this condition, all on-chip circuits are off, and the
device draws minimum current, typically less than 0.3µA.
When the EN pin goes high, the device first polls the output
of the UVLO detector to ensure that VIN voltage is at least
2.1V (typical). Once verified, the device initiates a start-up
sequence. During the start-up sequence, trim settings are
first read and latched. Then, sequentially, the bandgap,
reference voltage and current generation circuitry turn-on.
Once the references are stable, the LDO powers-up.
During operation, whenever the VIN voltage drops below
about 1.84V, the ISL9003A immediately disables the LDO
output. When VIN rises back above 2.1V (assuming the EN
pin is high), the device re-initiates its start-up sequence and
LDO operation resumes automatically.
Reference Generation
The reference generation circuitry includes a trimmed
bandgap, a trimmed voltage reference divider, a trimmed
current reference generator, and an RC noise filter. The filter
includes the external capacitor connected to the CBYP pin.
A 0.01µF capacitor connected CBYP implements a 100Hz
lowpass filter, and is recommended for most high
performance applications. For the lowest noise application, a
0.1µF or greater CBYP capacitor should be used. This filters
the reference noise to below the 10Hz to 1kHz frequency
band, which is crucial in many noise-sensitive applications.
The bandgap generates a zero temperature coefficient (TC)
voltage for the regulator reference and other voltage
references required for current generation and
over-temperature detection.
A current generator provides references required for
adaptive biasing as well as references for LDO output
current limit and thermal shutdown determination.
LDO Regulation and Programmable Output Divider
The LDO Regulator is implemented with a high-gain
operational amplifier driving a PMOS pass transistor. The
design of the ISL9003A provides a regulator that has low
quiescent current, fast transient response, and overall
stability across all operating and load current conditions.
LDO stability is guaranteed for a 1µF to 4.7µF output
capacitor that has a tolerance better than 20% and ESR less
than 200m. The design is performance-optimized for a 1µF
capacitor. Unless limited by the application, use of an output
capacitor value above 4.7µF is not recommended as LDO
performance improvement is minimal. Soft-start circuitry
integrated into each LDO limits the initial ramp-up rate to
VO
GND
BANDGAP AND
TEMPERATURE
SENSOR
UVLO
VIN
SD
CONTROL
LOGIC
VOLTAGE AND
REFERENCE
GENERATOR
CBYP
1.0V
0.94V
0.9V
GND
SHORT CIRCUIT,
THERMAL PROTECTION,
SOFT-START
+
-
ISL9003A


Similar Part No. - ISL9003AIRUBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9003AIRUBZ-T INTERSIL-ISL9003AIRUBZ-T Datasheet
297Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
ISL9003AIRUBZ-T INTERSIL-ISL9003AIRUBZ-T Datasheet
331Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
July 18, 2014
logo
Renesas Technology Corp
ISL9003AIRUBZ-T RENESAS-ISL9003AIRUBZ-T Datasheet
573Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
More results

Similar Description - ISL9003AIRUBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9008IECZ-T INTERSIL-ISL9008IECZ-T Datasheet
181Kb / 10P
   Low Noise LDO with Low IQ and High PSRR
logo
Renesas Technology Corp
ISL9003A RENESAS-ISL9003A Datasheet
573Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
logo
Intersil Corporation
ISL9003 INTERSIL-ISL9003 Datasheet
186Kb / 10P
   Low Noise LDO with Low IQ And High PSRR
April 15, 2008
ISL9003A INTERSIL-ISL9003A Datasheet
297Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
ISL9003AIENZ-T INTERSIL-ISL9003AIENZ-T Datasheet
331Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
July 18, 2014
logo
Renesas Technology Corp
ISL9008 RENESAS-ISL9008 Datasheet
497Kb / 10P
   Low Noise LDO with Low IQ and High PSRR
ISL9008A RENESAS-ISL9008A Datasheet
575Kb / 12P
   Low Noise LDO with Low IQ, High PSRR
logo
Intersil Corporation
ISL9008A INTERSIL-ISL9008A Datasheet
235Kb / 11P
   Low Noise LDO with Low IQ, High PSRR
ISL9008AIENZ-T INTERSIL-ISL9008AIENZ-T Datasheet
290Kb / 11P
   Low Noise LDO with Low IQ, High PSRR
June 27, 2014
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com