Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54233 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL54233
Description  Wideband Differential 3:1 Multiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54233 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL54233 Datasheet HTML 1Page - Intersil Corporation ISL54233 Datasheet HTML 2Page - Intersil Corporation ISL54233 Datasheet HTML 3Page - Intersil Corporation ISL54233 Datasheet HTML 4Page - Intersil Corporation ISL54233 Datasheet HTML 5Page - Intersil Corporation ISL54233 Datasheet HTML 6Page - Intersil Corporation ISL54233 Datasheet HTML 7Page - Intersil Corporation ISL54233 Datasheet HTML 8Page - Intersil Corporation ISL54233 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
Wideband Differential 3:1 Multiplexer
ISL54233
The Intersil ISL54233 is a single supply differential 3 to 1
multiplexer that operates from a single supply in the range of
2.7V to 4.6V. It was designed to multiplex between three
different differential data sources, allowing the multiplexing of
USB 2.0 high speed data signals, UART data signals and digital
video through a common headphone connector in Personal
Media Players and other portable battery powered devices.
The switch channels have low ON capacitance and high
bandwidth (1.6GHz) to pass USB high speed signals (480Mbps)
and digital video signals with minimal edge and phase distortion
and can swing rail-to-rail to pass UART and full-speed USB
signals.
All channels of the multiplexer can be turned OFF (disabled) by
driving the C0 and C1 logic pins to the low state.
The ISL54233 is available in a tiny 12 Ld 2.2mmx1.4mm
ultra-thin QFN and 12 Ld 3mmx3mm TQFN package. It operates
over a temperature range of -40°C to +85°C.
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
Features
• High Speed (480Mbps) and Full Speed (12Mbps) Signaling
Capability per USB 2.0 on All Ports
• Digital Video Transmission
• COM Pins Allow Negative Swings to -2V
• All Switches OFF Mode
• Power OFF Protection
• COM Pins Overvoltage Tolerant to 5.5V
• Low ON Capacitance @ 240MHz . . . . . . . . . . . . . . . . . . 2.8pF
• -3dB Frequency. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.6GHz
• Single Supply Operation (VDD) . . . . . . . . . . . . . . . . 2.7V to 4.6V
• Available 12 Ld UTQFN and 12 Ld TQFN Packages
• Compliant with USB 2.0 Short Circuit Requirements Without
Additional External Components
• Pb-Free (RoHS Compliant)
Applications
• MP4 and Other Personal Media Players
• Mobile Phone/Smart Phone
• Tablets, Readers, GPS and MHL
FIGURE 1. TYPICAL APPLICATION
FIGURE 2. BANDWIDTH CHARACTERISTICS CURVE
ISL54233
DIGITAL
VIDEO
UART
COM -
COM +
C1
GND
1D+
1D-
2D+
2D-
VDD
C0
LOGIC
µCONTROLLER
VBUS
3.3V
3D-
USB
4MΩ
TRANSCEIVER
3D+
1M
10M
100M
1G
2G
FREQUENCY (Hz)
-4
-3
-2
-1
0
1
VIN = 0dBm, 0.86VDC BIAS
RL = 50Ω
December 21, 2011
FN7918.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas Inc. 2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL54233

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54233 INTERSIL-ISL54233 Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
ISL54233 INTERSIL-ISL54233 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54233 RENESAS-ISL54233 Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
Intersil Corporation
ISL54233IRTZ INTERSIL-ISL54233IRTZ Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
Renesas Technology Corp
ISL54233IRTZ RENESAS-ISL54233IRTZ Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
More results

Similar Description - ISL54233

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54233 RENESAS-ISL54233 Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
Intersil Corporation
ISL54233 INTERSIL-ISL54233 Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
ON Semiconductor
MC10EL57 ONSEMI-MC10EL57 Datasheet
96Kb / 3P
   4:1 Differential Multiplexer
1996 REV 1
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_10 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
SY10EL57 MICREL-SY10EL57 Datasheet
57Kb / 4P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57 Datasheet
99Kb / 8P
   4:1 Differential Multiplexer
April, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_06 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
Analog Devices
AD9300 AD-AD9300 Datasheet
158Kb / 8P
   4 x 1 Wideband Video Multiplexer
REV. A
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56 Datasheet
106Kb / 8P
   Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
logo
Micrel Semiconductor
SY10E457 MICREL-SY10E457_06 Datasheet
63Kb / 4P
   TRIPLE DIFFERENTIAL 2:1 MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com