Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54233 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL54233
Description  Wideband Differential 3:1 Multiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54233 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL54233 Datasheet HTML 7Page - Intersil Corporation ISL54233 Datasheet HTML 8Page - Intersil Corporation ISL54233 Datasheet HTML 9Page - Intersil Corporation ISL54233 Datasheet HTML 10Page - Intersil Corporation ISL54233 Datasheet HTML 11Page - Intersil Corporation ISL54233 Datasheet HTML 12Page - Intersil Corporation ISL54233 Datasheet HTML 13Page - Intersil Corporation ISL54233 Datasheet HTML 14Page - Intersil Corporation ISL54233 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ISL54233
11
FN7918.0
December 21, 2011
Typical Performance Curves T
A = +25°C, Unless Otherwise Specified.
FIGURE 11. ON-RESISTANCE vs SUPPLY VOLTAGE vs SWITCH VOLTAGE
FIGURE 12. ON-RESISTANCE vs SWITCH VOLTAGE vs TEMPERATURE
FIGURE 13. ON-RESISTANCE vs SWITCH VOLTAGE vs TEMPERATURE
FIGURE 14. ON-RESISTANCE vs SWITCH VOLTAGE vs TEMPERATURE
5.8
5.9
6.0
6.1
6.2
6.3
6.4
6.5
6.6
6.7
0
0.050.10
0.150.200.250.300.35
0.40
VCOM (V)
ICOM = 40mA
VDD = 2.7V
VDD = 3.0V
VDD = 3.3V
VDD = 4.0V
VDD = 4.6V
VDD = 3.6V
3
4
5
6
7
8
9
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
VCOM (V)
+85°C
-40°C
ICOM = 40mA
+25°C
VDD = 2.7V
3
4
5
6
7
8
9
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
VCOM (V)
+85°C
+25°C
-40°C
VDD = 3.3V
ICOM = 40mA
2
4
6
8
10
12
14
16
0
0.5
1.0
1.5
2.0
2.5
3.0
3.3
+25°C
VCOM (V)
+85°C
-40°C
VDD = 3.3V
ICOM = 40mA


Similar Part No. - ISL54233

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54233 INTERSIL-ISL54233 Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
ISL54233 INTERSIL-ISL54233 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54233 RENESAS-ISL54233 Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
Intersil Corporation
ISL54233IRTZ INTERSIL-ISL54233IRTZ Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
Renesas Technology Corp
ISL54233IRTZ RENESAS-ISL54233IRTZ Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
More results

Similar Description - ISL54233

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54233 RENESAS-ISL54233 Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
Intersil Corporation
ISL54233 INTERSIL-ISL54233 Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
ON Semiconductor
MC10EL57 ONSEMI-MC10EL57 Datasheet
96Kb / 3P
   4:1 Differential Multiplexer
1996 REV 1
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_10 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
SY10EL57 MICREL-SY10EL57 Datasheet
57Kb / 4P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57 Datasheet
99Kb / 8P
   4:1 Differential Multiplexer
April, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_06 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
Analog Devices
AD9300 AD-AD9300 Datasheet
158Kb / 8P
   4 x 1 Wideband Video Multiplexer
REV. A
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56 Datasheet
106Kb / 8P
   Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
logo
Micrel Semiconductor
SY10E457 MICREL-SY10E457_06 Datasheet
63Kb / 4P
   TRIPLE DIFFERENTIAL 2:1 MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com