Electronic Components Datasheet Search |
|
ISL54233IRUZ-T7A Datasheet(PDF) 3 Page - Intersil Corporation |
|
ISL54233IRUZ-T7A Datasheet(HTML) 3 Page - Intersil Corporation |
3 / 18 page ISL54233 3 FN7918.0 December 21, 2011 Ordering Information PART NUMBER PART MARKING TEMP. RANGE (°C) PACKAGE (Pb-Free) PKG. DWG. # ISL54233IRUZ-T (Notes 2, 3) HM -40 to +85 12 Ld 2.2mmx1.4mm UTQFN (Tape and Reel) L12.2.2x1.4A ISL54233IRUZ-T7A (Notes 2, 3) HM -40 to +85 12 Ld 2.2mmx1.4mm UTQFN (Tape and Reel) (250pc Reel) L12.2.2x1.4A ISL54233IRTZ (Note 4) 4233 -40 to +85 12 Ld 3mmx3mm TQFN L12.3x3A ISL54233IRTZ-T (Note 2, 4) 4233 -40 to +85 12 Ld 3mmx3mm TQFN (Tape and Reel) L12.3x3A NOTES: 2. Please refer to TB347 for details on reel specifications. 3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 4. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 5. For Moisture Sensitivity Level (MSL), please see device information page for ISL54233. For more information on MSL please see techbrief TB363. |
Similar Part No. - ISL54233IRUZ-T7A |
|
Similar Description - ISL54233IRUZ-T7A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |