Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78IRD2 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # W78IRD2
Description  8-BIT MICROCONTROLLER
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W78IRD2 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button W78IRD2 Datasheet HTML 2Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 3Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 4Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 5Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 6Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 7Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 8Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 9Page - List of Unclassifed Manufacturers W78IRD2 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 76 page
background image
W78IRD2
- 6 -
5.
FUNCTIONAL DESCRIPTION
The W78IRD2 architecture consists of a core processor that supports 111 different op-codes and
references 64 KB of program space and 64 KB of data space. It is surrounded by various registers;
four general-purpose I/O ports; one special-purpose, programmable, 4-bit I/O port; 256 bytes of RAM;
1 KB of auxiliary RAM (AUX-RAM); three timer/counters; a serial port; and an internal 74373 latch and
74244 buffer which can be switched to port 2.
This section introduces the RAM, Timers/Counters, Clock, Power Management, Reduce EMI
Emission, and Reset.
5.1
RAM
The W78IRD2 has two banks of RAM: 256 bytes of RAM and 1 KB of AUX-RAM. AUX-RAM is enabled
by clearing bit 1 in the AUXR register, and it is enabled after reset. Different addresses in RAM are
addressed in different ways.
• RAM 00H − 7FH can be addressed directly or indirectly, as in the 8051. The address pointers are R0
and R1 of the selected bank.
• RAM 80H − FFH can only be addressed indirectly, as in the 8051. The address pointers are R0 and
R1 of the selected bank.
• AUX-RAM 00H −3FFH is addressed indirectly in the same way external data memory is accessed
with the MOVX instruction. The address pointers are R0 and R1 of the selected bank and the DPTR
register.
• Addresses higher than 3FFH are stored in external memory and are accessed indirectly with the
MOVX instruction, as in the 8051.
When AUX-RAM is enabled, the instruction "MOVX @Ri" always accesses AUX-RAM. When the
W78IRD2 is executing instructions from internal program memory, accessing AUX-RAM does not
affect ports P0, P2, WR or RD .
For example,
ANL
AUXR,#11111101B
; Enable AUX-RAM
MOV
DPTR,#1234H
MOV
A,#56H
MOVX
@DPTR,A
; Write 56h to address 1234H in external memory
MOV
XRAMAH,#02H
; Only 2 LSB effective
MOV
R0,#34H
MOV
A,@R0
; Read AUX-RAM data at address 0234H
5.2
Timers/Counters
The W78IRD2 has three timers/counters called Timer 0, Timer 1, and Timer 2. Each timer/counter
consists of two 8-bit data registers: TL0 and TH0 for Timer 0, TL1 and TH1 for Timer 1, and TL2 and
TH2 for Timer 2.
The operations of Timer 0 and Timer 1 are similar to those in the W78C52, and these timers are
controlled by the TCON and TMOD registers.
Timer 2 is controlled by the T2CON register. Like Timers 0 and 1, Timer 2 can operate as either an
external event counter or an internal timer, depending on the setting of bit C/T2 in T2CON. Timer 2 has


Similar Part No. - W78IRD2

ManufacturerPart #DatasheetDescription
logo
Winbond
W78IRD2 WINBOND-W78IRD2 Datasheet
632Kb / 76P
   8-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
W78IRD2 ETC2-W78IRD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W78IRD2 NUVOTON-W78IRD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
logo
Winbond
W78IRD2A WINBOND-W78IRD2A Datasheet
632Kb / 76P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W78IRD2A25DL NUVOTON-W78IRD2A25DL Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78IRD2

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com