Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVB-1 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # HVB-1
Description  Buss High Voltage Fuses 1000 - 10,000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HVB-1 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  HVB-1 Datasheet HTML 1Page - Cooper Bussmann, Inc. HVB-1 Datasheet HTML 2Page - Cooper Bussmann, Inc. HVB-1 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
12-21-98
SB98107
Rev. A
Buss High Voltage Fuses
HV
1000 - 10,000 Volts
Series
Bussmann®
Form No. HV Series
Page 2 of 2
BIF Doc #6003
The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann Network Drive. All other copies of this BIF document are by definition uncontrolled. This bulletin is intended to
clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change design or construction of any
products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been select-
ed, it should be tested by the user in all possible applications.
CATALOG SYMBOL: 4528, 4529, 4530, AND 2960
FUSE BLOCKS
For BUSS High Voltage Fuses
(1000 to 10,000 Volts)
• Bakelite base.
• Alloy plated terminals.
*Dimensions
For
Bock
Inches/(mm’s)
Fuse
Cat.
Base
Sym.
No.
A
B
C
Width
HVA
4528
3.75”
1.125”
0.38”
1.0”
HVR
(95.3)
(28.6)
(9.5)
(25.4)
HVB
4529
5.25”
1.125”
0.38”
1.0”
HVT
(133.4)
(28.6)
(9.5)
(25.4)
HVJ
4530
6.5”
1.66”
0.5”
1.38”
HVU
(165.1)
(42.1)
(12.7)
(34.9)
HVL
2960
11.44”
1.45”
0.75”
1.38”
HVX
(290.5)
(48.4)
(19.1)
(34.9)
*Two mounting holes:
Use #8 screws on blocks 4528 and 4529.
Use #10 screws on blocks 4530 and 2960.
C
A
B
Dimensional Data
CURRENT IN AMPERES
300
100
10
1
.1
.01
AMPERE
RATING
Time-Current Characteristic Curves—Average Melt


Similar Part No. - HVB-1

ManufacturerPart #DatasheetDescription
logo
Anshan Suly Electronics
HVB ANSHAN-HVB Datasheet
298Kb / 3P
   HVB Series High Voltage Rectifier Diodes
HVB10-1 ANSHAN-HVB10-1 Datasheet
298Kb / 3P
   HVB Series High Voltage Rectifier Diodes
HVB10-10 ANSHAN-HVB10-10 Datasheet
298Kb / 3P
   HVB Series High Voltage Rectifier Diodes
HVB10-2 ANSHAN-HVB10-2 Datasheet
298Kb / 3P
   HVB Series High Voltage Rectifier Diodes
logo
Hitachi Semiconductor
HVB14S HITACHI-HVB14S Datasheet
28Kb / 5P
   Silicon Epitaxial Planar PIN Diode for High Frequency Attenuator
More results

Similar Description - HVB-1

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HVA COOPER-HVA Datasheet
48Kb / 2P
   Buss High Voltage Fuses
HVR-1 COOPER-HVR-1 Datasheet
48Kb / 2P
   Buss High Voltage Fuses
HVU-2 COOPER-HVU-2 Datasheet
48Kb / 2P
   Buss High Voltage Fuses
logo
Solid States Devices, I...
SHB15UF SSDI-SHB15UF Datasheet
189Kb / 2P
   25-80MA, HIGH VOLTAGE ULTRA FAST RECOVERY RECTIFIER 1500-10,000 VOLTS
SFT8500 SSDI-SFT8500 Datasheet
212Kb / 2P
   2 AMP HIGH VOLTAGE NPN TRANSISTOR 1000 VOLTS
logo
Bruckewell Technology L...
DB151S BWTECH-DB151S Datasheet
320Kb / 4P
   REVERSE VOLTAGE - 50 to 1000 Volts
logo
Shenzhen Luguang Electr...
S8AC LUGUANG-S8AC Datasheet
498Kb / 2P
   Reverse Voltage :50 to 1000 Volts
logo
Rectron Semiconductor
HER808 RECTRON-HER808 Datasheet
104Kb / 5P
   HIGH EFFICIENCY RECTIFIER VOLTAGE 1000 Volts CURRENT 8.0 Amperes
HSLDB108S RECTRON-HSLDB108S Datasheet
125Kb / 9P
   HIGH EFFICIENCY RECTIFIER VOLTAGE 1000 Volts CURRENT 1.0 Ampere
2016-08 REV: O
logo
DAESAN ELECTRONIC CORP.
RL201G DAESAN-RL201G Datasheet
316Kb / 2P
   CURRENT 2.0Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com