Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7328 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7328
Description  8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7328 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7328_15 Datasheet HTML 2Page - Analog Devices AD7328_15 Datasheet HTML 3Page - Analog Devices AD7328_15 Datasheet HTML 4Page - Analog Devices AD7328_15 Datasheet HTML 5Page - Analog Devices AD7328_15 Datasheet HTML 6Page - Analog Devices AD7328_15 Datasheet HTML 7Page - Analog Devices AD7328_15 Datasheet HTML 8Page - Analog Devices AD7328_15 Datasheet HTML 9Page - Analog Devices AD7328_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Data Sheet
AD7328
Rev. C | Page 5 of 36
B Version
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC INPUTS
Input High Voltage, VINH
2.4
V
Input Low Voltage, VINL
0.8
V
VCC = 4.75 V to 5.25 V
0.4
V
VCC = 2.7 to 3.6 V
Input Current, IIN
±1
µA
VIN = 0 V or VDRIVE
Input Capacitance, CIN3
10
pF
LOGIC OUTPUTS
Output High Voltage, VOH
VDRIVE − 0.2
V
ISOURCE = 200 µA
Output Low Voltage, VOL
0.4
V
ISINK = 200 µA
Floating-State Leakage Current
±1
µA
Floating-State Output Capacitance3
5
pF
Output Coding
Straight natural binary
Coding bit set to 1 in control register
Twos complement
Coding bit set to 0 in control register
CONVERSION RATE
Conversion Time
800
ns
16 SCLK cycles with SCLK = 20 MHz
Track-and-Hold Acquisition Time2,3
305
ns
Full-scale step input; see the Terminology section
Throughput Rate
1
MSPS
VCC = 4.75 V to 5.25 V; see the Serial Interface section
770
kSPS
VCC < 4.75 V
POWER REQUIREMENTS
Digital inputs = 0 V or VDRIVE
VDD
12
16.5
V
See Table 6
VSS
−12
−16.5
V
See Table 6
VCC
2.7
5.25
V
See Table 6; typical specifications for VCC < 4.75 V
VDRIVE
2.7
5.25
V
Normal Mode (Static)
0.9
mA
VDD/VSS = ±16.5 V, VCC/VDRIVE = 5.25 V
Normal Mode (Operational)
fS = 1 MSPS
IDD
360
µA
VDD = 16.5 V
ISS
410
µA
VSS = −16.5 V
ICC and IDRIVE
3.4
mA
VCC/VDRIVE = 5.25 V
Autostandby Mode (Dynamic)
fS = 250 kSPS
IDD
200
µA
VDD = 16.5 V
ISS
210
µA
VSS = −16.5 V
ICC and IDRIVE
1.3
mA
VCC/VDRIVE = 5.25 V
Autoshutdown Mode (Static)
SCLK on or off
IDD
1
µA
VDD = 16.5 V
ISS
1
µA
VSS = −16.5 V
ICC and IDRIVE
1
µA
VCC/VDRIVE = 5.25 V
Full Shutdown Mode
SCLK on or off
IDD
1
µA
VDD = 16.5 V
ISS
1
µA
VSS = −16.5 V
ICC and IDRIVE
1
µA
VCC/VDRIVE = 5.25 V
POWER DISSIPATION
Normal Mode
31
mW
VDD = 16.5 V, VSS = −16.5 V, VCC = 5.25 V
21
mW
VDD = 12 V, VSS = −12 V, VCC = 5 V
Full Shutdown Mode
38.25
µW
VDD = 16.5 V, VSS = −16.5 V, VCC = 5.25 V
1
Temperature range is −40°C to +85°C.
2
See the Terminology section.
3
Sample tested during initial release to ensure compliance.
4
For dc accuracy specifications, the LSB size for differential mode is FSR/8192. For single-ended mode/pseudo differential mode, the LSB size is FSR/4096, unless otherwise noted.
5
Unipolar 0 V to 10 V range with straight binary output coding.
6
Bipolar range with twos complement output coding.


Similar Part No. - AD7328_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7328 AD-AD7328_17 Datasheet
761Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
More results

Similar Description - AD7328_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7328 AD-AD7328_17 Datasheet
761Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7327 AD-AD7327_17 Datasheet
764Kb / 37P
   8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7328 AD-AD7328 Datasheet
880Kb / 36P
   8-Channel, Software-Selectable True Bipolar Input, 12-Bit Plus Sign ADC
REV. A
AD7321 AD-AD7321_17 Datasheet
697Kb / 37P
   2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
logo
ATMEL Corporation
AD7322 ATMEL-AD7322 Datasheet
901Kb / 18P
   Software Selectable True Bipolar Input, 2-Channel, 12-Bit Plus Sign ADC
logo
Analog Devices
AD7324 AD-AD7324 Datasheet
591Kb / 36P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7324 AD-AD7324_15 Datasheet
920Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
AD7324 AD-AD7324_17 Datasheet
734Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7323 AD-AD7323_17 Datasheet
686Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7329 AD-AD7329_15 Datasheet
754Kb / 38P
   1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com