Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7357 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7357
Description  Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7357 Datasheet(HTML) 4 Page - Analog Devices

  AD7357_15 Datasheet HTML 1Page - Analog Devices AD7357_15 Datasheet HTML 2Page - Analog Devices AD7357_15 Datasheet HTML 3Page - Analog Devices AD7357_15 Datasheet HTML 4Page - Analog Devices AD7357_15 Datasheet HTML 5Page - Analog Devices AD7357_15 Datasheet HTML 6Page - Analog Devices AD7357_15 Datasheet HTML 7Page - Analog Devices AD7357_15 Datasheet HTML 8Page - Analog Devices AD7357_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
AD7357
Rev. B | Page 3 of 20
SPECIFICATIONS
VDD = 2.5 ± 10% V, VDRIVE = 2.25 V to 3.6 V, internal reference = 2.048 V, fSCLK = 80 MHz, fSAMPLE = 4.2 MSPS; TA = TMIN to TMAX1, unless
otherwise noted.
Table 2.
AD7357B/AD7357Y
AD7357WY
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions/
Comments
DYNAMIC PERFORMANCE
fIN = 500 kHz sine wave
Signal-to-Noise Ratio (SNR)
74.5
76.5
74.5
76.5
dB
74
−40°C to +25°C only
Signal-to-Noise and Distortion (SINAD)2
74
76
74
76
dB
73.5
−40°C to +25°C only
Total Harmonic Distortion (THD)2
−83
−80
−83
−80
dB
−79
−40°C to +25°C only
Spurious Free Dynamic Range (SFDR)
−85
−82
−85
−82
dB
−81
−40°C to +25°C only
Intermodulation Distortion (IMD)2
fa = 1 MHz + 50 kHz,
fb = 1 MHz – 50 kHz
Second-Order Terms
−86
−86
dB
Third-Order Terms
−79
−79
dB
ADC-to-ADC Isolation2
−100
−100
dB
fIN = 1 MHz, fNOISE = 100 kHz
to 2.5 MHz
CMRR2
−100
−100
dB
fNOISE = 100 kHz to 2.5 MHz
SAMPLE-AND-HOLD
Aperture Delay
3.5
3.5
ns
Aperture Delay Match
40
40
ps
Aperture Jitter
16
16
ps
Full Power Bandwidth
@ 3 dB
110
110
MHz
@ 0.1 dB
77
77
MHz
@ 0.1 dB
DC ACCURACY
Resolution
14
14
Bits
Integral Nonlinearity (INL)2
±2
±3
±2
±3
LSB
Differential Nonlinearity (DNL)2
±0.5
±0.99
±0.5
±0.99
LSB
Guaranteed no missed
codes to 14 bits
Positive Full-Scale Error2
±20
±20
LSB
Positive Full-Scale Error Match2
±20
±20
LSB
Midscale Error2
0/35
0/38
LSB
Midscale Error Match2
±12
±15
LSB
Negative Full-Scale Error2
±20
±20
LSB
Negative Full-Scale Error Match2
±20
±20
LSB
ANALOG INPUT
Fully Differential Input Range
(VIN+ and VIN−)
VCM ± VREF/2
VCM ±
VREF/2
V
VCM = common-mode
voltage; VIN+ and VIN− must
remain within GND and VDD
Common-Mode Voltage Range
0.5
1.6
0.5
1.6
V
The voltage around which
VIN+ and VIN− are centered
DC Leakage Current
±0.5
±5
±0.5
±5
μA
Input Capacitance
32
32
pF
When in track mode
8
8
pF
When in hold mode


Similar Part No. - AD7357_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7357 AD-AD7357_17 Datasheet
690Kb / 25P
   Differential Input, Dual, Simultaneous Sampling
More results

Similar Description - AD7357_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7357 AD-AD7357_08 Datasheet
398Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
AD7357 AD-AD7357_09 Datasheet
469Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. 0
AD7357 AD-AD7357 Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7352 AD-AD7352_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
AD7381-4 AD-AD7381-4 Datasheet
638Kb / 31P
   Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
Rev. 0
AD7264 AD-AD7264_17 Datasheet
1Mb / 30P
   1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
AD7383-4 AD-AD7383-4 Datasheet
1Mb / 33P
   Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com