Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7366-5 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7366-5
Description  True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7366-5 Datasheet(HTML) 5 Page - Analog Devices

  AD7366-5_15 Datasheet HTML 1Page - Analog Devices AD7366-5_15 Datasheet HTML 2Page - Analog Devices AD7366-5_15 Datasheet HTML 3Page - Analog Devices AD7366-5_15 Datasheet HTML 4Page - Analog Devices AD7366-5_15 Datasheet HTML 5Page - Analog Devices AD7366-5_15 Datasheet HTML 6Page - Analog Devices AD7366-5_15 Datasheet HTML 7Page - Analog Devices AD7366-5_15 Datasheet HTML 8Page - Analog Devices AD7366-5_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
AD7366-5/AD7367-5
Rev. B | Page 4 of 28
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
REFERENCE INPUT/OUTPUT
Reference Output Voltage3
2.494
2.5
2.506
V
±0.2% maximum @ 25°C
Long-Term Stability
150
ppm
For 1000 hours
Output Voltage Hysteresis1
50
ppm
Reference Input Voltage Range
2.5
3.0
V
DC Leakage Current
±0.01
±1
μA
External reference applied to Pin DCAPA/Pin DCAPB
Input Capacitance
25
pF
±5 V and ±10 V analog input range
17
pF
0 V to 10 V analog input range
DCAPA, DCAPB Output Impedance
7
Ω
Reference Temperature Coefficient
6
25
ppm/°C
VREF Noise
20
μV rms
Bandwidth = 3 kHz
LOGIC INPUTS
Input High Voltage, VINH
0.7 × VDRIVE
V
Input Low Voltage, VINL
+0.8
V
Input Current, IIN
±0.01
±1
μA
VIN = 0 V or VDRIVE
Input Capacitance, CIN2
6
pF
LOGIC OUTPUTS
Output High Voltage, VOH
VDRIVE − 0.2
V
Output Low Voltage, VOL
0.4
V
Floating State Leakage Current
±0.01
±1
μA
Floating State Output Capacitance2
8
pF
CONVERSION RATE
Conversion Time
1.25
μs
Track/Hold Acquisition Time2
140
ns
Full-scale step input
Throughput Rate
500
kSPS
For 2.7 V ≤ VDRIVE ≤ 5.25 V, fSCLK = 20 MHz
POWER REQUIREMENTS
Digital inputs = 0 V or VDRIVE
VCC
4.75
5.25
V
See Table 7
VDD
5
16.5
V
See Table 7
VSS
−16.5
−5
V
See Table 7
VDRIVE
2.7
5.25
V
Normal Mode (Static)
IDD
370
550
μA
VDD = 16.5 V
ISS
40
60
μA
VSS = −16.5 V
ICC
1.5
2.25
mA
VCC = 5.5 V
Normal Mode (Operational)
fS = 500 kSPS
IDD
1
1.2
mA
VDD = 16.5 V
ISS
0.7
0.82
mA
VSS = −16.5 V
ICC
3.4
4
mA
VCC = 5.25 V, internal reference enabled
Shutdown Mode
IDD
0.01
1
μA
VDD = 16.5 V
ISS
0.01
1
μA
VSS = −16.5 V
ICC
0.3
3
μA
VCC = 5.25 V
Power Dissipation
Normal Mode (Operational)
46
54.5
mW
VDD = +16.5 V, VSS = −16.5 V, VCC = +5.25 V,
fS = 500 kSPS
15
mW
±10 V input range, fS = 100 kSPS
20
mW
±5 V and 0 V to +10 V input range, fS = 100 kSPS
Shutdown Mode
1.9
48.75
μW
VDD = +16.5 V, VSS = −16.5 V, VCC = +5.25 V
1 See the Terminology section.
2 Sample tested during initial release to ensure compliance.
3 Refers to Pin DCAPA or Pin DCAPB specified for 25oC.


Similar Part No. - AD7366-5_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7366-5ARUZ AD-AD7366-5ARUZ Datasheet
204Kb / 17P
   True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
Rev. PrG
AD7366-5ARUZ-REEL7 AD-AD7366-5ARUZ-REEL7 Datasheet
204Kb / 17P
   True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
Rev. PrG
AD7366-5BRUZ AD-AD7366-5BRUZ Datasheet
204Kb / 17P
   True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
Rev. PrG
AD7366-5BRUZ-REEL7 AD-AD7366-5BRUZ-REEL7 Datasheet
204Kb / 17P
   True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
Rev. PrG
More results

Similar Description - AD7366-5_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7367-5 AD-AD7367-5_15 Datasheet
651Kb / 29P
   True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7366 AD-AD7366_15 Datasheet
682Kb / 29P
   True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7367 AD-AD7367_15 Datasheet
682Kb / 29P
   True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7366 AD-AD7366_07 Datasheet
624Kb / 28P
   True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
REV. 0
AD7367 AD-AD7367 Datasheet
209Kb / 16P
   True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Rev. PrD
logo
Maxim Integrated Produc...
MAX115-MAX116 MAXIM-MAX115-MAX116 Datasheet
215Kb / 14P
   2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
MAX11192 MAXIM-MAX11192 Datasheet
15Mb / 37P
   12-/14-/16-Bit, 2Msps, Dual Simultaneous Sampling SAR ADCs with Internal Reference
Rev 1; 9/17
logo
Analog Devices
AD7366 AD-AD7366 Datasheet
204Kb / 17P
   True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
Rev. PrG
AD7381-4 AD-AD7381-4 Datasheet
638Kb / 31P
   Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
Rev. 0
AD7386-4 AD-AD7386-4 Datasheet
1Mb / 36P
   Single-Ended Input, Quad, Simultaneous Sampling, 16-Bit/14-Bit/12-Bit, SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com