Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7367 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7367
Description  True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7367 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7367_15 Datasheet HTML 3Page - Analog Devices AD7367_15 Datasheet HTML 4Page - Analog Devices AD7367_15 Datasheet HTML 5Page - Analog Devices AD7367_15 Datasheet HTML 6Page - Analog Devices AD7367_15 Datasheet HTML 7Page - Analog Devices AD7367_15 Datasheet HTML 8Page - Analog Devices AD7367_15 Datasheet HTML 9Page - Analog Devices AD7367_15 Datasheet HTML 10Page - Analog Devices AD7367_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
AD7366/AD7367
Rev. D | Page 6 of 28
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
REFERENCE INPUT/OUTPUT
Reference Output Voltage3
2.495
2.5
2.505
V
±0.2% max @ 25°C
Long-Term Stability
150
ppm
1000 hours
Output Voltage Hysteresis1
50
ppm
Reference Input Voltage Range
2.5
3.0
V
DC Leakage Current
±0.01
±1
µA
External reference applied to Pin D
CAPA/Pin DCAPB
Input Capacitance
25
pF
±5 V and ±10 V analog input range
17
pF
0 V to 10 V analog input range
D
CAPA, DCAPB Output Impedance
7
Ω
Reference Temperature Coefficient
6
25
ppm/°C
V
REF Noise
20
µV rms
Bandwidth = 3 kHz
LOGIC INPUTS
Input High Voltage, V
INH
0.7 × V
DRIVE
V
Input Low Voltage, V
INL
0.8
V
Input Current, I
IN
±0.01
±1
µA
V
IN = 0 V or VDRIVE
Input Capacitance, C
IN
2
6
pF
LOGIC OUTPUTS
Output High Voltage, V
OH
V
DRIVE − 0.2
V
Output Low Voltage, V
OL
0.4
V
Floating State Leakage Current
±0.01
±1
µA
Floating State Output Capacitance2
8
pF
CONVERSION RATE
Conversion Time
680
ns
Track/Hold Acquisition Time2
140
ns
Full-scale step input
Throughput Rate
1
MSPS
4.75 V ≤ V
DRIVE ≤ 5.25 V, fSCLK = 48 MHz
900
kSPS
2.7 V ≤ V
DRIVE < 4.75 V, fSCLK = 35 MHz
POWER REQUIREMENTS
Digital inputs = 0 V or V
DRIVE
V
CC
4.75
5.25
V
See Table 7
V
DD
+11.5
+16.5
V
See Table 7
V
SS
−16.5
−11.5
V
See Table 7
V
DRIVE
2.7
5.25
V
Normal Mode (Static)
I
DD
370
550
µA
V
DD = +16.5 V
I
SS
40
60
µA
V
SS = −16.5 V
I
CC
1.5
2.25
mA
V
CC = 5.5 V
Normal Mode (Operational)
f
S = 1 MSPS
I
DD
1.8
2.0
mA
V
DD = +16.5 V
I
SS
1.5
1.6
mA
V
SS = −16.5 V
I
CC
5
5.65
mA
V
CC = 5.25 V, internal reference enabled
Shutdown Mode
I
DD
0.01
1
µA
V
DD = +16.5 V
I
SS
0.01
1
µA
V
SS = −16.5 V
I
CC
0.3
3
µA
V
CC = 5.25 V
Power Dissipation
Normal Mode (Operational)
80.7
89.1
mW
V
DD = +16.5 V, VSS = −16.5 V, VCC = 5.25 V
50
mW
±10 V input range, f
S = 1 MSPS
70
mW
±5 V and 0 V to 10 V input range, f
S = 1 MSPS
Shutdown Mode
1.9
48.75
µW
V
DD = +16.5 V, VSS = −16.5 V, VCC = 5.25 V
1 See the Terminology section.
2 Sample tested during initial release to ensure compliance.
3 Refers to Pin
DCAPA or Pin DCAPB specified for 25oC.


Similar Part No. - AD7367_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7367-5 AD-AD7367-5 Datasheet
624Kb / 28P
   True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
REV. 0
AD7367-5ARUZ AD-AD7367-5ARUZ Datasheet
538Kb / 40P
   1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7367-5ARUZ AD-AD7367-5ARUZ Datasheet
209Kb / 16P
   True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Rev. PrD
AD7367-5ARUZ-REEL7 AD-AD7367-5ARUZ-REEL7 Datasheet
538Kb / 40P
   1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7367-5ARUZ-REEL7 AD-AD7367-5ARUZ-REEL7 Datasheet
209Kb / 16P
   True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Rev. PrD
More results

Similar Description - AD7367_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7366 AD-AD7366_15 Datasheet
682Kb / 29P
   True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7367-5 AD-AD7367-5_15 Datasheet
651Kb / 29P
   True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7366-5 AD-AD7366-5_15 Datasheet
651Kb / 29P
   True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7367 AD-AD7367 Datasheet
209Kb / 16P
   True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Rev. PrD
AD7366 AD-AD7366 Datasheet
204Kb / 17P
   True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
Rev. PrG
AD7381-4 AD-AD7381-4 Datasheet
638Kb / 31P
   Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
Rev. 0
AD7386-4 AD-AD7386-4 Datasheet
1Mb / 36P
   Single-Ended Input, Quad, Simultaneous Sampling, 16-Bit/14-Bit/12-Bit, SAR ADC
Rev. 0
AD7357 AD-AD7357 Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7357 AD-AD7357_09 Datasheet
469Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. 0
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com