Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7367 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7367
Description  True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7367 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7367_15 Datasheet HTML 5Page - Analog Devices AD7367_15 Datasheet HTML 6Page - Analog Devices AD7367_15 Datasheet HTML 7Page - Analog Devices AD7367_15 Datasheet HTML 8Page - Analog Devices AD7367_15 Datasheet HTML 9Page - Analog Devices AD7367_15 Datasheet HTML 10Page - Analog Devices AD7367_15 Datasheet HTML 11Page - Analog Devices AD7367_15 Datasheet HTML 12Page - Analog Devices AD7367_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AD7366/AD7367
Rev. D | Page 8 of 28
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
V
DD to AGND, DGND
−0.3 V to +16.5 V
V
SS to AGND, DGND
−16.5 V to +0.3 V
V
DRIVE to DGND
−0.3 V to DV
CC
V
DD to AVCC
(V
CC − 0.3 V) to +16.5 V
AV
CC to AGND, DGND
−0.3 V to +7 V
DV
CC to AVCC
−0.3 V to +0.3 V
DV
CC to DGND
−0.3 V to +7 V
V
DRIVE to AGND
−0.3 V to DV
CC
AGND to DGND
−0.3 V to +0.3 V
Analog Input Voltage to AGND
V
SS − 0.3 V to VDD + 0.3 V
Digital Input Voltage to DGND
−0.3 V to V
DRIVE + 0.3 V
Digital Output Voltage to GND
−0.3 V to V
DRIVE + 0.3 V
D
CAPA, DCAPB Input to AGND
−0.3 V to AV
CC + 0.3 V
Input Current to Any Pin Except
Supplies1
±10 mA
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
TSSOP Package
θ
JA Thermal Impedance
128°C/W
θ
JC Thermal Impedance
42°C/W
Pb-Free Temperature, Soldering Reflow
260°C
ESD
1.5 kV
1 Transient currents of up to 100 mA will not cause latch-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - AD7367_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7367-5 AD-AD7367-5 Datasheet
624Kb / 28P
   True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
REV. 0
AD7367-5ARUZ AD-AD7367-5ARUZ Datasheet
538Kb / 40P
   1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7367-5ARUZ AD-AD7367-5ARUZ Datasheet
209Kb / 16P
   True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Rev. PrD
AD7367-5ARUZ-REEL7 AD-AD7367-5ARUZ-REEL7 Datasheet
538Kb / 40P
   1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7367-5ARUZ-REEL7 AD-AD7367-5ARUZ-REEL7 Datasheet
209Kb / 16P
   True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Rev. PrD
More results

Similar Description - AD7367_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7366 AD-AD7366_15 Datasheet
682Kb / 29P
   True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7367-5 AD-AD7367-5_15 Datasheet
651Kb / 29P
   True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7366-5 AD-AD7366-5_15 Datasheet
651Kb / 29P
   True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7367 AD-AD7367 Datasheet
209Kb / 16P
   True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Rev. PrD
AD7366 AD-AD7366 Datasheet
204Kb / 17P
   True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
Rev. PrG
AD7381-4 AD-AD7381-4 Datasheet
638Kb / 31P
   Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
Rev. 0
AD7386-4 AD-AD7386-4 Datasheet
1Mb / 36P
   Single-Ended Input, Quad, Simultaneous Sampling, 16-Bit/14-Bit/12-Bit, SAR ADC
Rev. 0
AD7357 AD-AD7357 Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7357 AD-AD7357_09 Datasheet
469Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. 0
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com