Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7367-5 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7367-5
Description  True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7367-5 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7367-5_15 Datasheet HTML 2Page - Analog Devices AD7367-5_15 Datasheet HTML 3Page - Analog Devices AD7367-5_15 Datasheet HTML 4Page - Analog Devices AD7367-5_15 Datasheet HTML 5Page - Analog Devices AD7367-5_15 Datasheet HTML 6Page - Analog Devices AD7367-5_15 Datasheet HTML 7Page - Analog Devices AD7367-5_15 Datasheet HTML 8Page - Analog Devices AD7367-5_15 Datasheet HTML 9Page - Analog Devices AD7367-5_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
AD7366-5/AD7367-5
Rev. B | Page 5 of 28
AD7367-5 SPECIFICATIONS
AVCC = DVCC = 4.75 V to 5.25 V; VDD = 5 V to 16.5 V; VSS = −16.5 V to −5 V; VDRIVE = 2.7 V to 5.25 V; fSAMPLE = 500 kSPS; fSCLK = 20 MHz;
VREF = 2.5 V internal/external; TA = −40°C to +85°C, unless otherwise noted.
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
fIN = 50 kHz sine wave
Signal-to-Noise Ratio (SNR)1
74
76
dB
Signal-to-Noise (+ Distortion) Ratio (SINAD)1
73
75
dB
Total Harmonic Distortion (THD)1
−84
−78
dB
Spurious-Free Dynamic Range (SFDR)1
−87
−79
dB
Intermodulation Distortion (IMD)1
fa = 49 kHz, fb = 51 kHz
Second-Order Terms
−91
dB
Third-Order Terms
−89
dB
Channel-to-Channel Isolation1
−90
dB
SAMPLE AND HOLD
Aperture Delay2
10
ns
Aperture Jitter2
40
ps
Aperture Delay Matching2
±100
ps
Full Power Bandwidth
35
MHz
@ 3 dB, ±10 V range
8
MHz
@ 0.1 dB, ±10 V range
DC ACCURACY
Resolution
14
Bits
Integral Nonlinearity (INL)1
±2
±3.5
LSB
Differential Nonlinearity (DNL)1
±0.5
±0.90
LSB
Guaranteed no missed codes to 14 bits
Positive Full-Scale Error1
±4
±25
LSB
±5 V and ±10 V analog input range
±5
±25
LSB
0 V to 10 V analog input range
Positive Full-Scale Error Match1
±3
LSB
Matching from ADC A to ADC B
±0.2
LSB
Channel-to-channel matching for ADC A and ADC B
Zero Code Error1
±1
±10
LSB
±5 V and ±10 V analog input range
±5
±25
LSB
0 V to 10 V analog input range
Zero Code Error Match1
±3
LSB
Matching from ADC A to ADC B
±0.2
LSB
Channel-to-channel matching for ADC A and ADC B
Negative Full-Scale Error1
±4
±25
LSB
±5 V and ±10 V analog input range
±5
±25
LSB
0 V to 10 V analog input range
Negative Full-Scale Error Match1
±3
LSB
Matching from ADC A to ADC B
±0.2
LSB
Channel-to-channel matching for ADC A and ADC B
ANALOG INPUT
Input Voltage Ranges
(Programmed via RANGE Pins)
±10
V
±5
V
0 to 10
V
See Table 7
DC Leakage Current
±0.01
±1
μA
Input Capacitance
9
pF
When in track, ±10 V range
13
pF
When in track, ±5 V or 0 V to +10 V range
Input Impedance
500
For ±10 V @ 500 kSPS
2.5
For ±10 V @ 100 kSPS
250
For ±5 V/0 V to +10 V @ 500 kSPS
1.2
For ±5 V/0 V to +10 V @ 100 kSPS


Similar Part No. - AD7367-5_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7367-5ARUZ AD-AD7367-5ARUZ Datasheet
538Kb / 40P
   1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7367-5ARUZ AD-AD7367-5ARUZ Datasheet
209Kb / 16P
   True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Rev. PrD
AD7367-5ARUZ-REEL7 AD-AD7367-5ARUZ-REEL7 Datasheet
538Kb / 40P
   1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7367-5ARUZ-REEL7 AD-AD7367-5ARUZ-REEL7 Datasheet
209Kb / 16P
   True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Rev. PrD
AD7367-5BRUZ AD-AD7367-5BRUZ Datasheet
538Kb / 40P
   1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
More results

Similar Description - AD7367-5_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7366-5 AD-AD7366-5_15 Datasheet
651Kb / 29P
   True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7366 AD-AD7366_15 Datasheet
682Kb / 29P
   True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7367 AD-AD7367_15 Datasheet
682Kb / 29P
   True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7366 AD-AD7366_07 Datasheet
624Kb / 28P
   True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
REV. 0
AD7367 AD-AD7367 Datasheet
209Kb / 16P
   True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Rev. PrD
logo
Maxim Integrated Produc...
MAX115-MAX116 MAXIM-MAX115-MAX116 Datasheet
215Kb / 14P
   2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
MAX11192 MAXIM-MAX11192 Datasheet
15Mb / 37P
   12-/14-/16-Bit, 2Msps, Dual Simultaneous Sampling SAR ADCs with Internal Reference
Rev 1; 9/17
logo
Analog Devices
AD7366 AD-AD7366 Datasheet
204Kb / 17P
   True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
Rev. PrG
AD7381-4 AD-AD7381-4 Datasheet
638Kb / 31P
   Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
Rev. 0
AD7386-4 AD-AD7386-4 Datasheet
1Mb / 36P
   Single-Ended Input, Quad, Simultaneous Sampling, 16-Bit/14-Bit/12-Bit, SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com