Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7391 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7391
Description  3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7391 Datasheet(HTML) 4 Page - Analog Devices

  AD7391_15 Datasheet HTML 1Page - Analog Devices AD7391_15 Datasheet HTML 2Page - Analog Devices AD7391_15 Datasheet HTML 3Page - Analog Devices AD7391_15 Datasheet HTML 4Page - Analog Devices AD7391_15 Datasheet HTML 5Page - Analog Devices AD7391_15 Datasheet HTML 6Page - Analog Devices AD7391_15 Datasheet HTML 7Page - Analog Devices AD7391_15 Datasheet HTML 8Page - Analog Devices AD7391_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. A
AD7390/AD7391
–4–
PIN DESCRIPTIONS
Pin No.
Name
Function
1
LD
Load Strobe. Transfers shift register
data to DAC register while active low.
See truth table for operation.
2
CLK
Clock Input. Positive edge clocks data
into shift register.
3
SDI
Serial Data Input. Data loads directly
into the shift register.
4
CLR
Resets DAC register to zero condition.
Active low input.
5
GND
Analog and Digital Ground.
6VOUT
DAC Voltage Output. Full-scale output
1 LSB less than reference input voltage REF.
7VDD
Positive Power Supply Input. Specified
range of operation 2.7 V to 5.5 V.
8VREF
DAC Reference Input Pin. Establishes
DAC full-scale voltage.
ABSOLUTE MAXIMUM RATINGS
*
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . .
0.3 V,
8 V
VREF to GND . . . . . . . . . . . . . . . . . . . . . .
0.3 V, VDD
0.3 V
Logic Inputs to GND . . . . . . . . . . . . . . . . . . . . . 0.3 V,
8 V
VOUT to GND . . . . . . . . . . . . . . . . . . . .
0.3 V, VDD
0.3 V
IOUT Short Circuit to GND . . . . . . . . . . . . . . . . . . . . . . 50 mA
Package Power Dissipation . . . . . . . . . . . . . (TJ MAX
TA)/
θ
JA
Thermal Resistance
θJA
8-Lead Plastic DIP Package (N-8) . . . . . . . . . . . . . 103
°C/W
8-Lead SOIC Package (SO-8) . . . . . . . . . . . . . . . . 158
°C/W
TSSOP-8 Package (RU-8) . . . . . . . . . . . . . . . . . . . 240
°C/W
Maximum Junction Temperature (TJ MAX) . . . . . . . . . . 150
°C
Operating Temperature Range . . . . . . . . . .
40
°C to 85°C
AD7391AR . . . . . . . . . . . . . . . . . . . . . . . .
40
°C to 125°C
Storage Temperature Range . . . . . . . . . . .
65
°C to 150°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . . . 300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
specification is not implied. Exposure to the above maximum rating conditions for
extended periods may affect device reliability.
DAC
REGISTER
RESET
LOAD
CLK
12-BIT AD7390*
SHIFT REGISTER
D
CLR
LD
CLK
SDI
12
*AD7391 HAS A 10-BIT SHIFT REGISTER
Figure 3. Digital Control Logic
PIN CONFIGURATIONS
TOP VIEW
(Not to
Scale)
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
LD
CLK
CLR
SDI
GND
VREF
VDD
VOUT
TSSOP-8
SO-8
P-DIP-8
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD7390/AD7391 features proprietary ESD protection circuitry, permanent damage may occur
on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions
are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
1
Temperature
Package
Package
Top
Number of Devices
Model
Resolution
Range
Description
Option
Mark
2
Per Container
AD7390AN
12
40
°C to 85°C
8-Lead P-DIP
N-8
AD7390
2
50
AD7390AR
12
40
°C to 85°C
8-Lead SOIC
SO-8
AD7390
3
196
AD7390AR-REEL7
12
40
°C to 85°C
8-Lead SOIC
SO-8
AD7390
3
1000
AD7391AN
10
40
°C to 85°C
8-Lead P-DIP
N-8
AD7391
2
50
AD7391AR
10
40
°C to 125°C
8-Lead SOIC
SO-8
AD7391
3
196
AD7391SR
10
55
°C to 125°C
8-Lead SOIC
SO-8
AD7391
3
39
AD7391ARU-REEL
10
40
°C to 85°C
TSSOP-8
RU-8
AD7391A
4
2500
NOTES
1The AD7390 contains 588 transistors. The die size measures 70 mm
68 mm.
2Line 1 contains ADI logo symbol and part number. Line 2 contains grade and date code YWW. Line 3 contains the letter G plus the 4-digit lot number.
3Line 1 contains part number. Line 2 contains grade and date code YWW. Line 3 contains the letter G plus the 4-digit lot number and the ADI logo symbol.
4Line 1 contains the date code YWW. Line 2 contains the 4-digit part number plus grade.


Similar Part No. - AD7391_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7391AN AD-AD7391AN Datasheet
342Kb / 12P
   3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV. 0
AD7391AN AD-AD7391AN Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391AN AD-AD7391AN Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391ANZ AD-AD7391ANZ Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391AR AD-AD7391AR Datasheet
342Kb / 12P
   3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV. 0
More results

Similar Description - AD7391_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7391ANZ AD-AD7391ANZ Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391 AD-AD7391 Datasheet
342Kb / 12P
   3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV. 0
AD7392 AD-AD7392 Datasheet
199Kb / 11P
   3 V, Parallel Input Micropower 10- and 12-Bit DACs
REV. A
AD7392 AD-AD7392_15 Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7393 AD-AD7393_15 Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7392AR-REEL AD-AD7392AR-REEL Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7394 AD-AD7394 Datasheet
304Kb / 12P
   3 V, Dual, Serial Input 12-/10-Bit DACs
REV. 0
AD7398BRZ-REEL7 AD-AD7398BRZ-REEL7 Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com