Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7391 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7391
Description  3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7391 Datasheet(HTML) 2 Page - Analog Devices

  AD7391_15 Datasheet HTML 1Page - Analog Devices AD7391_15 Datasheet HTML 2Page - Analog Devices AD7391_15 Datasheet HTML 3Page - Analog Devices AD7391_15 Datasheet HTML 4Page - Analog Devices AD7391_15 Datasheet HTML 5Page - Analog Devices AD7391_15 Datasheet HTML 6Page - Analog Devices AD7391_15 Datasheet HTML 7Page - Analog Devices AD7391_15 Datasheet HTML 8Page - Analog Devices AD7391_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. A
–2–
AD7390/AD7391–SPECIFICATIONS
Parameter
Symbol
Conditions
3 V
10%
5 V
10%
Unit
STATIC PERFORMANCE
Resolution
1
N
12
12
Bits
Relative Accuracy
2
INL
TA = 25
°C
±1.6
±1.6
LSB max
INL
TA =
40
°C, 85°C
±2.0
±2
LSB max
Differential Nonlinearity
2
DNL
TA = 25
°C, Monotonic
±0.9
±0.9
LSB max
DNL
Monotonic
±1
±1
LSB max
Zero-Scale Error
VZSE
Data = 000H
4.0
4.0
mV max
Full-Scale Voltage Error
VFSE
TA = 25
°C, 85°C, Data = FFF
H
±8
±8mV max
VFSE
TA =
40
°C, Data = FFFH
±20
±20
mV max
Full-Scale Tempco
3
TCVFS
16
16
ppm/
°C typ
REFERENCE INPUT
VREF IN Range
VREF
0/VDD
0/VDD
V min/max
Input Resistance
RREF
2.5
2.5
M
Ω typ4
Input Capacitance
3
CREF
5
5
pF typ
ANALOG OUTPUT
Output Current (Source)
IOUT
Data = 800H,
∆VOUT = 5 LSB
1
1
mA typ
Output Current (Sink)
IOUT
Data = 800H,
∆V
OUT = 5 LSB
3
3
mA typ
Capacitive Load
3
CL
No Oscillation
100
100
pF typ
LOGIC INPUTS
Logic Input Low Voltage
VIL
0.5
0.8
V max
Logic Input High Voltage
VIH
VDD
0.6
VDD
0.6
V min
Input Leakage Current
IIL
10
10
µA max
Input Capacitance
3
CIL
10
10
pF max
INTERFACE TIMING
3, 5
Clock Width High
tCH
50
30
ns min
Clock Width Low
tCL
50
30
ns min
Load Pulsewidth
tLDW
30
20
ns min
Data Setup
tDS
10
10
ns min
Data Hold
tDH
30
15
ns min
Clear Pulsewidth
tCLRW
15
15
ns min
Load Setup
tLD1
30
15
ns min
Load Hold
tLD2
40
20
ns min
AC CHARACTERISTICS
6
Output Slew Rate
SR
Data = 000H to FFFH to 000H
0.05
0.05
V/
µs typ
Settling Time
tS
To
0.1% of Full Scale
70
60
µs typ
DAC Glitch
Q
Code 7FFH to 800H to 7FFH
65
65
nVs typ
Digital Feedthrough
Q
15
15
nVs typ
Feedthrough
VOUT/VREF
VREF = 1.5 VDC
1 V p-p,
63
63
dB typ
Data = 000H, f = 100 kHz
SUPPLY CHARACTERISTICS
Power Supply Range
VDD RANGE
DNL <
±1 LSB
2.7/5.5
2.7/5.5
V min/max
Positive Supply Current
IDD
VIL = 0 V, No Load, TA = 25
°C55
55
µA typ
IDD
VIL = 0 V, No Load
100
100
µA max
Power Dissipation
PDISS
VIL = 0 V, No Load
300
500
µW max
Power Supply Sensitivity
PSS
∆V
DD =
±5%
0.006
0.006
%/% max
NOTES
1One LSB = V
REF/4096 V for the 12-bit AD7390.
2The first two codes (000
H, 001H) are excluded from the linearity error measurement.
3These parameters are guaranteed by design and not subject to production testing.
4Typicals represent average readings measured at 25
°C.
5All input control signals are specified with t
R = tF = 2 ns (10% to 90% of 3 V) and timed from a voltage level of 1.6 V.
6The settling time specification does not apply for negative going transitions within the last 3 LSBs of ground.
Specifications subject to change without notice.
AD7390 ELECTRICAL CHARACTERISTICS (@ V
REF IN = 2.5 V, –40 C < TA < +85 C unless otherwise noted.)


Similar Part No. - AD7391_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7391AN AD-AD7391AN Datasheet
342Kb / 12P
   3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV. 0
AD7391AN AD-AD7391AN Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391AN AD-AD7391AN Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391ANZ AD-AD7391ANZ Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391AR AD-AD7391AR Datasheet
342Kb / 12P
   3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV. 0
More results

Similar Description - AD7391_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7391ANZ AD-AD7391ANZ Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391 AD-AD7391 Datasheet
342Kb / 12P
   3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV. 0
AD7392 AD-AD7392 Datasheet
199Kb / 11P
   3 V, Parallel Input Micropower 10- and 12-Bit DACs
REV. A
AD7392 AD-AD7392_15 Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7393 AD-AD7393_15 Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7392AR-REEL AD-AD7392AR-REEL Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7394 AD-AD7394 Datasheet
304Kb / 12P
   3 V, Dual, Serial Input 12-/10-Bit DACs
REV. 0
AD7398BRZ-REEL7 AD-AD7398BRZ-REEL7 Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com