Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7399 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7399
Description  Quad, Serial-Input 12-Bit/10-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7399 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7399_15 Datasheet HTML 6Page - Analog Devices AD7399_15 Datasheet HTML 7Page - Analog Devices AD7399_15 Datasheet HTML 8Page - Analog Devices AD7399_15 Datasheet HTML 9Page - Analog Devices AD7399_15 Datasheet HTML 10Page - Analog Devices AD7399_15 Datasheet HTML 11Page - Analog Devices AD7399_15 Datasheet HTML 12Page - Analog Devices AD7399_15 Datasheet HTML 13Page - Analog Devices AD7399_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD7398/AD7399
Rev. C | Page 10 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
1.50
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
1.25
0
4096
3584
3072
2560
2048
1536
1024
512
CODE (Decimal)
AD7398
VDD = +5V
VSS = –5V
VREF = +2.5V
TA = 25°C
Figure 6. AD7398 INL vs. Code (TA = 25°C)
–0.50
–0.25
0
0.25
0.50
0
128
256
384
512
640
768
896
1024
CODE (Decimal)
DAC D
TA = 25°C, VDD = +5V,
VSS = –5V, VREF = +2.5V
–0.50
–0.25
0
0.25
0.50
0
128
256
384
512
640
768
896
1024
CODE (Decimal)
DAC C
TA = 25°C, VDD = +5V,
VSS = –5V, VREF = +2.5V
–0.50
–0.25
0
0.25
0.50
0
128
256
384
512
640
768
896
1024
CODE (Decimal)
DAC B
TA = 25°C, VDD = +5V,
VSS = –5V, VREF = +2.5V
–0.50
–0.25
0
0.25
0.50
0
128
256
384
512
640
768
896
1024
CODE (Decimal)
DAC A
TA = 25°C, VDD = +5V,
VSS = –5V, VREF = +2.5V
Figure 7. AD7399 INL vs. Code (TA = 25°C)
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0
4096
3584
3072
2560
2048
1536
1024
512
CODE (Decimal)
AD7398
VDD = +5V
VSS = –5V
VREF = +2.5V
TA = 25°C
Figure 8. AD7398 DNL vs. Code (TA = 25 °C)
–0.50
–0.25
0
0.25
0.50
0
128
256
384
512
640
768
896
1024
CODE (Decimal)
DAC D
TA = 25°C, VDD = +5V,
VSS = –5V, VREF = +2.5V
–0.50
–0.25
0
0.25
0.50
0
128
256
384
512
640
768
896
1024
CODE (Decimal)
DAC C
TA = 25°C, VDD = +5V,
VSS = –5V, VREF = +2.5V
–0.50
–0.25
0
0.25
0.50
0
128
256
384
512
640
768
896
1024
CODE (Decimal)
DAC B
TA = 25°C, VDD = +5V,
VSS = –5V, VREF = +2.5V
–0.50
–0.25
0
0.25
0.50
0
128
256
384
512
640
768
896
1024
CODE (Decimal)
DAC A
TA = 25°C, VDD = +5V,
VSS = –5V, VREF = +2.5V
Figure 9. AD7399 DNL vs. Code (TA = 25 °C)


Similar Part No. - AD7399_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7399BR AD-AD7399BR Datasheet
273Kb / 16P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. 0
AD7399BR AD-AD7399BR Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
AD7399BR-REEL AD-AD7399BR-REEL Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
AD7399BR-REEL7 AD-AD7399BR-REEL7 Datasheet
273Kb / 16P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. 0
AD7399BRU AD-AD7399BRU Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
More results

Similar Description - AD7399_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7398BRZ-REEL7 AD-AD7398BRZ-REEL7 Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
AD7398 AD-AD7398_15 Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
AD7398 AD-AD7398 Datasheet
273Kb / 16P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. 0
AD7391 AD-AD7391 Datasheet
342Kb / 12P
   3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV. 0
AD7391ANZ AD-AD7391ANZ Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391 AD-AD7391_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7394 AD-AD7394 Datasheet
304Kb / 12P
   3 V, Dual, Serial Input 12-/10-Bit DACs
REV. 0
AD5544 AD-AD5544 Datasheet
473Kb / 16P
   Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com