Electronic Components Datasheet Search |
|
AD7414ARMZ-0REEL Datasheet(PDF) 5 Page - Analog Devices |
|
AD7414ARMZ-0REEL Datasheet(HTML) 5 Page - Analog Devices |
5 / 20 page AD7414/AD7415 Rev. F | Page 5 of 20 ABSOLUTE MAXIMUM RATINGS Table 2. Parameter Rating VDD to GND −0.3 V to +7 V SDA Input Voltage to GND −0.3 V to +7 V SDA Output Voltage to GND −0.3 V to +7 V SCL Input Voltage to GND −0.3 V to +7 V ALERT Output Voltage to GND −0.3 V to +7 V Operating Temperature Range −40°C to +125°C Storage Temperature Range −65°C to +150°C Junction Temperature 150°C 5-Lead SOT-23 (RJ-5) Power Dissipation1, 2 WMAX = (TJMAX − TA)/θJA Thermal Impedance3 θJA, Junction-to-Ambient (still air) 240°C/W 6-Lead SOT-23 (RJ-6) Power Dissipation1, 2 WMAX = (TJMAX − TA)/θJA Thermal Impedance3 θJA, Junction-to-Ambient (still air) 190.4°C/W 8-Lead MSOP (RM-8) Power Dissipation1, 2 WMAX = (TJMAX − TA)/θJA Thermal Impedance3 θJA, Junction-to-Ambient (still air) 205.9°C/W θJC, Junction-to-Case 43.74°C/W IR Reflow Soldering Peak Temperature 220°C (0°C/5°C) Time at Peak Temperature 10 sec to 20 sec Ramp-up Rate 3°C/s max Ramp-down Rate −6°C/s max Ramp from 25°C to Peak Temperature 6 minutes max IR Reflow Soldering in Pb-Free Package Peak Temperature 260°C (0°C) Time at Peak Temperature 20 sec to 40 sec Ramp Rate 3°C/s max Ramp-Down Rate −6°C/s max Ramp from 25°C to Peak Temperature 8 minutes max 1 Values relate to package being used on a standard 2-layer PCB. 2 TA = ambient temperature. 3 Junction-to-case resistance is applicable to components featuring a preferential flow direction, such as components mounted on a heat sink. Junction-to-ambient resistance is more useful for air-cooled, PCB-mounted components. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION |
Similar Part No. - AD7414ARMZ-0REEL |
|
Similar Description - AD7414ARMZ-0REEL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |