Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7414ARTZ-1REEL Datasheet(PDF) 3 Page - Analog Devices

Part # AD7414ARTZ-1REEL
Description  0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7414ARTZ-1REEL Datasheet(HTML) 3 Page - Analog Devices

  AD7414ARTZ-1REEL Datasheet HTML 1Page - Analog Devices AD7414ARTZ-1REEL Datasheet HTML 2Page - Analog Devices AD7414ARTZ-1REEL Datasheet HTML 3Page - Analog Devices AD7414ARTZ-1REEL Datasheet HTML 4Page - Analog Devices AD7414ARTZ-1REEL Datasheet HTML 5Page - Analog Devices AD7414ARTZ-1REEL Datasheet HTML 6Page - Analog Devices AD7414ARTZ-1REEL Datasheet HTML 7Page - Analog Devices AD7414ARTZ-1REEL Datasheet HTML 8Page - Analog Devices AD7414ARTZ-1REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD7414/AD7415
Rev. F | Page 3 of 20
SPECIFICATIONS
TA = TMIN to TMAX, VDD = 2.7 V to 5.5 V, unless otherwise noted. Temperature range as follows: A version = −40°C to +125°C.
Table 1.
Parameter
A Version
Unit
Test Conditions/Comments
TEMPERATURE SENSOR AND ADC
Accuracy1
±0.5
°C typ
VDD = 3 V @ +40°C
−0.87 to +0.822
°C max
VDD = 3 V @ +40°C
±1.5
°C max
VDD = 3 V @ −40°C to +70°C
±2.0
°C max
VDD = 3 V @ −40°C to +85°C
±3.0
°C max
VDD = 3 V @ −40°C to +125°C
±2.0
°C typ
VDD = 3 V @ −40°C to +125°C
±1.872
°C max
VDD = 5.5 V @ +40°C
±2.0
°C typ
VDD = 5.5 V @ −40°C to +85°C
±3.0
°C max
VDD = 5.5 V @ −40°C to +85°C
±3.0
°C typ
VDD = 5.5 V @ −40°C to +125°C
Resolution
10
Bits
Update Rate, tR
800
ms typ
Temperature Conversion Time
25
μs typ
POWER SUPPLIES
Supply Current3
Peak Supply Current4
1.2
mA typ
Current during conversion
Supply Current – Nonconverting
900
μA max
Peak current between conversions
Inactive Serial Bus5
Normal Mode @ 3 V
169
μA typ
Supply current with serial bus inactive. Part not
converting and D7 of configuration register = 0.
Normal Mode @ 5 V
188
μA typ
Active Serial Bus6
Normal Mode @ 3 V
180
μA typ
Supply current with serial bus active. Part not
converting and D7 of configuration register = 0.
D7 of configuration register = 1. Typical values
are 0.04 μA at 3 V and 0.5 μA at 5 V.
Normal Mode @ 5 V
214
μA typ
Shutdown Mode
3
μA max
DIGITAL INPUT
Input High Voltage, VIH
2.4
V min
Input Low Voltage, VIL
0.8
V max
Input Current, IIN7
±1
μA max
VIN = 0 V to VDD
Input Capacitance, CIN
10
pF max
All digital inputs
DIGITAL OUTPUT (OPEN-DRAIN)
Output High Voltage, VOH
2.4
V min
Output Low Voltage, VOL
0.4
V max
IOL = 1.6 mA
Output High Current, IOH
1
μA max
VOH = 5 V
Output Capacitance, COUT
10
pF max
Typ = 3 pF
ALERT Output Saturation Voltage
0.8
V max
IOUT = 4 mA


Similar Part No. - AD7414ARTZ-1REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD741 AD-AD741 Datasheet
181Kb / 6P
   Low Cost, High Accuracy IC Op Amps
REV. A
AD74111 AD-AD74111 Datasheet
344Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
282Kb / 21P
   Low Cost, Low Power Mono Audio Codec
More results

Similar Description - AD7414ARTZ-1REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7415 AD-AD7415_15 Datasheet
368Kb / 20P
   0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
ADT7301 AD-ADT7301 Datasheet
637Kb / 14P
   13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrJ
AD7814 AD-AD7814_15 Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
AD7814 AD-AD7814 Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
ADT7302 AD-ADT7302 Datasheet
230Kb / 14P
   짹2째C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrE
ADT7318 AD-ADT7318_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7316 AD-ADT7316_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7317 AD-ADT7317_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
TMP05 AD-TMP05_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
TMP06 AD-TMP06_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com