Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7414ARTZ-2REEL Datasheet(PDF) 4 Page - Analog Devices

Part # AD7414ARTZ-2REEL
Description  0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7414ARTZ-2REEL Datasheet(HTML) 4 Page - Analog Devices

  AD7414ARTZ-2REEL Datasheet HTML 1Page - Analog Devices AD7414ARTZ-2REEL Datasheet HTML 2Page - Analog Devices AD7414ARTZ-2REEL Datasheet HTML 3Page - Analog Devices AD7414ARTZ-2REEL Datasheet HTML 4Page - Analog Devices AD7414ARTZ-2REEL Datasheet HTML 5Page - Analog Devices AD7414ARTZ-2REEL Datasheet HTML 6Page - Analog Devices AD7414ARTZ-2REEL Datasheet HTML 7Page - Analog Devices AD7414ARTZ-2REEL Datasheet HTML 8Page - Analog Devices AD7414ARTZ-2REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD7414/AD7415
Rev. F | Page 4 of 20
Parameter
A Version
Unit
Test Conditions/Comments
AC ELECTRICAL CHARACTERISTICS8, 9
Serial Clock Period, t1
2.5
μs min
See Figure 2
Data In Setup Time to SCL High, t2
50
ns min
See Figure 2
Data Out Stable after SCL Low, t3
0
ns min
See Figure 2
SDA Low Setup Time to SCL Low
(Start Condition), t4
50
ns min
See Figure 2
SDA High Hold Time after SCL High
(Stop Condition), t5
50
ns min
See Figure 2
SDA and SCL Fall Time, t6
90
ns max
See Figure 2
Data Hold Time, t7
35
ns min
See Figure 2
Power-Up Time
4
μs typ
1 Accuracy specifications apply only to voltages listed under Test Conditions. See Temperature Accuracy vs. Supply section for typical accuracy performance over the
full VDD supply range.
2 100% production tested at 40°C to these limits.
3 These current values can be used to determine average power consumption at different one-shot conversion rates. Average power consumption at the automatic
conversion rate of 1.25 kHz is 940 μW.
4 This peak supply current is required for 29 μs (the conversion time plus power-up time) out of every 800 μs (the conversion rate).
5 These current values are derived by not issuing a stop condition at the end of a write or read, thus preventing the part from going into a conversion.
6 The current is derived assuming a 400 kHz serial clock being active continuously.
7 On power-up, the initial input current, IIN, on the AS pin is typically 50 μA.
8 The SDA and SCL timing is measured with the input filters turned on so as to meet the fast mode I2C specification. Switching off the input filters improves the transfer
rate but has a negative effect on the EMC behavior of the part.
9 Guaranteed by design. Not tested in production.
SCL
SDA
DATA IN
SDA
DATA OUT
t1
t2
t7
t3
t4
t5
t6
Figure 2. Diagram for Serial Bus Timing


Similar Part No. - AD7414ARTZ-2REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD741 AD-AD741 Datasheet
181Kb / 6P
   Low Cost, High Accuracy IC Op Amps
REV. A
AD74111 AD-AD74111 Datasheet
344Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
282Kb / 21P
   Low Cost, Low Power Mono Audio Codec
More results

Similar Description - AD7414ARTZ-2REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7415 AD-AD7415_15 Datasheet
368Kb / 20P
   0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
ADT7301 AD-ADT7301 Datasheet
637Kb / 14P
   13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrJ
AD7814 AD-AD7814_15 Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
AD7814 AD-AD7814 Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
ADT7302 AD-ADT7302 Datasheet
230Kb / 14P
   짹2째C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrE
ADT7318 AD-ADT7318_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7316 AD-ADT7316_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7317 AD-ADT7317_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
TMP05 AD-TMP05_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
TMP06 AD-TMP06_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com