Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7414ARTZ-3REEL Datasheet(PDF) 1 Page - Analog Devices

Part # AD7414ARTZ-3REEL
Description  0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7414ARTZ-3REEL Datasheet(HTML) 1 Page - Analog Devices

  AD7414ARTZ-3REEL Datasheet HTML 1Page - Analog Devices AD7414ARTZ-3REEL Datasheet HTML 2Page - Analog Devices AD7414ARTZ-3REEL Datasheet HTML 3Page - Analog Devices AD7414ARTZ-3REEL Datasheet HTML 4Page - Analog Devices AD7414ARTZ-3REEL Datasheet HTML 5Page - Analog Devices AD7414ARTZ-3REEL Datasheet HTML 6Page - Analog Devices AD7414ARTZ-3REEL Datasheet HTML 7Page - Analog Devices AD7414ARTZ-3REEL Datasheet HTML 8Page - Analog Devices AD7414ARTZ-3REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
±0.5°C Accurate, 10-Bit Digital
Temperature Sensors in SOT-23
AD7414/AD7415
Rev. F
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113 ©2001–2010 Analog Devices, Inc. All rights reserved.
FEATURES
10-bit temperature-to-digital converter
Temperature range: −40°C to +125°C
Typical accuracy of ±0.5°C at +40°C
SMBus/I2C®-compatible serial interface
3 μA power-down current
Temperature conversion time: 29 μs typ
Space-saving 6-lead (AD7414) and 5-lead (AD7415)
SOT-23 packages
Pin selectable addressing via AS
Overtemperature indicator (AD7414 Only)
SMBus alert function (AD7414 only)
4 versions allow 8 I2C addresses (AD7414)
2 versions allow 6 I2C addresses (AD7415)
APPLICATIONS
Hard disk drives
Personal computers
Electronic test equipment
Office equipment
Domestic appliances
Process control
Cellular phones
GENERAL DESCRIPTION
The AD7414/AD7415 are complete temperature monitoring
systems in 6-lead and 5-lead SOT-23 packages. They contain a
band gap temperature sensor and a 10-bit ADC to monitor and
digitize the temperature reading to a resolution of 0.25°C.
The AD7414/AD7415 provide a 2-wire serial interface that is
compatible with SMBus and I2C interfaces. The parts come in four
versions: the AD7414/AD7415-0, AD7414/AD7415-1, AD7414-2,
and AD7414-3. The AD7414/AD7415-0 and AD7414/AD7415-1
versions provide a choice of three different SMBus addresses for
each version. All four AD7414 versions give the possibility of eight
different I2C addresses while the two AD7415 versions allow up to
six I2C addresses to be used.
The AD7414/AD7415’s 2.7 V supply voltage, low supply current,
serial interface, and small package size make them ideal for a
variety of applications, including personal computers, office
equipment, cellular phones, and domestic appliances.
In the AD7414, on-chip registers can be programmed with high
and low temperature limits, and an open-drain overtemperature
indicator output (ALERT) becomes active when a programmed
FUNCTIONAL BLOCK DIAGRAM
SDA
SCL
VDD
SMBus/I2C
INTERFACE
10-BIT
ANALOG-DIGITAL
CONVERTER
BAND GAP
TEMPERATURE
SENSOR
CONFIGURATION
REGISTER
TEMPERATURE
VALUE
REGISTER
AD7415
AS
GND
AS
GND
SDA
SCL
TLOW SETPOINT
REGISTER
SETPOINT
COMPARATOR
ALERT
VDD
AD7414
SMBus/I2C
INTERFACE
10-BIT
ANALOG-DIGITAL
CONVERTER
BAND GAP
TEMPERATURE
SENSOR
CONFIGURATION
REGISTER
TEMPERATURE
VALUE
REGISTER
THIGH SETPOINT
REGISTER
Figure 1.
limit is exceeded. A configuration register allows programming of
the state of the ALERT output (active high or active low). This
output can be used as an interrupt or as an SMBus alert.
PRODUCT HIGHLIGHTS
1. On-chip temperature sensor. The sensor allows an accurate
measurement of the ambient temperature to be made. It is
capable of ±0.5°C temperature accuracy.
2. SMBus/I2C-compatible serial interface. The interface offers pin
selectable choice of three addresses per version of the
AD7414/AD7415, eight address options in total for the AD7414,
and six in total for the AD7415.
3. Supply voltage of 2.7 V to 5.5 V.
4. Space-saving 5-lead and 6-lead SOT-23 packages.
5. 10-bit temperature reading to 0.25°C resolution.
6. Overtemperature indicator. This indicator can be software
disabled. It is used as an interrupt of SMBus alert.
7. One-shot and automatic temperature conversion rates.


Similar Part No. - AD7414ARTZ-3REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD741 AD-AD741 Datasheet
181Kb / 6P
   Low Cost, High Accuracy IC Op Amps
REV. A
AD74111 AD-AD74111 Datasheet
344Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
282Kb / 21P
   Low Cost, Low Power Mono Audio Codec
More results

Similar Description - AD7414ARTZ-3REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7415 AD-AD7415_15 Datasheet
368Kb / 20P
   0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
ADT7301 AD-ADT7301 Datasheet
637Kb / 14P
   13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrJ
AD7814 AD-AD7814_15 Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
AD7814 AD-AD7814 Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
ADT7302 AD-ADT7302 Datasheet
230Kb / 14P
   짹2째C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrE
ADT7318 AD-ADT7318_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7316 AD-ADT7316_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7317 AD-ADT7317_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
TMP05 AD-TMP05_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
TMP06 AD-TMP06_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com