Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5082-K403-HD000 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # 5082-K403-HD000
Description  14.2 mm (0.56 inch) Seven Segment Displays
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-K403-HD000 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button 5082-K403-HD000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-K403-HD000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-K403-HD000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-K403-HD000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-K403-HD000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-K403-HD000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5082-K403-HD000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) 5082-K403-HD000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) 5082-K403-HD000 Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
40
0
5
10
15
20
25
30
35
20
100
90
80
70
60
50
40
30
T
– AMBIENT TEMPERATURE – °C
A
45
50
110 120
R
= 770°C/W
θJ-A
GREEN
YELLOW
HER, ORANGE
Figure 11. Forward Current vs.
Forward Voltage.
Figure 9. Maximum Tolerable Peak
Current vs. Pulse Duration – Green.
Figure 10. Maximum Allowable DC Current vs.
Ambient Temperature.
Figure 12. Relative Luminous
Intensity vs. DC Forward Current.
Figure 13. Relative Efficiency
(Luminous Intensity per Unit
Current) vs. Peak Current.
Electrical/Optical
For more information on
electrical/optical characteristics,
please see Application Note 1005.
Contrast Enhancement
For information on contrast
enhancement please see
Application Note 1015.
Soldering/Cleaning
Cleaning agents from the ketone
family (acetone, methyl ethyl
ketone, etc.) and from the
chlorinated hydrocarbon family
(methylene chloride, trichloro–
ethylene, carbon tetrachloride,
etc.) are not recommended for
cleaning LED parts. All of these
various solvents attack or dissolve
the encapsulating epoxies used to
form the package of plastic LED
parts.
For information on soldering
LEDs please refer to Application
Note 1027.
1
0
VF – FORWARD VOLTAGE – V
90
70
60
30
10
35
80
50
20
24
40
HER SERIES,
ORANGE
SERIES
GREEN SERIES
YELLOW SERIES
0
0
IF – DC FORWARD CURRENT – mA
4.0
3.0
2.5
1.5
0.5
20
40
3.5
2.0
1.0
10
30
515
25
35
HER, YELLOW,
GREEN, ORANGE
0
0.6
IPEAK – PEAK FORWARD CURRENT
PER SEGMENT – mA
90
20
70
80
100
1.6
1.4
1.3
1.1
0.9
0.8
60
50
40
30
10
HER SERIES,
ORANGE SERIES
GREEN SERIES
0.7
1.0
1.2
1.5
YELLOW SERIES


Similar Part No. - 5082-K403-HD000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-K411-00000 HP-5082-K411-00000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
5082-K411-0B000 HP-5082-K411-0B000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
5082-K411-0C000 HP-5082-K411-0C000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
5082-K411-0D000 HP-5082-K411-0D000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
5082-K411-0E000 HP-5082-K411-0E000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
More results

Similar Description - 5082-K403-HD000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-H151 AVAGO-HDSP-H151_10 Datasheet
339Kb / 10P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-50XB HP-HDSP-50XB Datasheet
66Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-50XB AVAGO-HDSP-50XB Datasheet
195Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
HDSP-512E AVAGO-HDSP-512E Datasheet
92Kb / 7P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP5303 HP-HDSP5303 Datasheet
328Kb / 9P
   14.2 MM SEVEN SEGMENT DISPLAYS
HDSP-52 HP-HDSP-52 Datasheet
76Kb / 8P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-52XE AVAGO-HDSP-52XE Datasheet
92Kb / 7P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com