Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7415ARTZ-0500RL7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7415ARTZ-0500RL7
Description  0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7415ARTZ-0500RL7 Datasheet(HTML) 5 Page - Analog Devices

  AD7415ARTZ-0500RL7 Datasheet HTML 1Page - Analog Devices AD7415ARTZ-0500RL7 Datasheet HTML 2Page - Analog Devices AD7415ARTZ-0500RL7 Datasheet HTML 3Page - Analog Devices AD7415ARTZ-0500RL7 Datasheet HTML 4Page - Analog Devices AD7415ARTZ-0500RL7 Datasheet HTML 5Page - Analog Devices AD7415ARTZ-0500RL7 Datasheet HTML 6Page - Analog Devices AD7415ARTZ-0500RL7 Datasheet HTML 7Page - Analog Devices AD7415ARTZ-0500RL7 Datasheet HTML 8Page - Analog Devices AD7415ARTZ-0500RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD7414/AD7415
Rev. F | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VDD to GND
−0.3 V to +7 V
SDA Input Voltage to GND
−0.3 V to +7 V
SDA Output Voltage to GND
−0.3 V to +7 V
SCL Input Voltage to GND
−0.3 V to +7 V
ALERT Output Voltage to GND
−0.3 V to +7 V
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
5-Lead SOT-23 (RJ-5)
Power Dissipation1, 2
WMAX = (TJMAX − TA)/θJA
Thermal Impedance3
θJA, Junction-to-Ambient (still air)
240°C/W
6-Lead SOT-23 (RJ-6)
Power Dissipation1, 2
WMAX = (TJMAX − TA)/θJA
Thermal Impedance3
θJA, Junction-to-Ambient (still air)
190.4°C/W
8-Lead MSOP (RM-8)
Power Dissipation1, 2
WMAX = (TJMAX − TA)/θJA
Thermal Impedance3
θJA, Junction-to-Ambient (still air)
205.9°C/W
θJC, Junction-to-Case
43.74°C/W
IR Reflow Soldering
Peak Temperature
220°C (0°C/5°C)
Time at Peak Temperature
10 sec to 20 sec
Ramp-up Rate
3°C/s max
Ramp-down Rate
−6°C/s max
Ramp from 25°C to Peak Temperature
6 minutes max
IR Reflow Soldering in Pb-Free Package
Peak Temperature
260°C (0°C)
Time at Peak Temperature
20 sec to 40 sec
Ramp Rate
3°C/s max
Ramp-Down Rate
−6°C/s max
Ramp from 25°C to Peak Temperature
8 minutes max
1 Values relate to package being used on a standard 2-layer PCB.
2 TA = ambient temperature.
3 Junction-to-case resistance is applicable to components featuring a
preferential flow direction, such as components mounted on a heat sink.
Junction-to-ambient resistance is more useful for air-cooled, PCB-mounted
components.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - AD7415ARTZ-0500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7415 AD-AD7415 Datasheet
368Kb / 20P
   0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
AD7415 AD-AD7415_15 Datasheet
368Kb / 20P
   0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
More results

Similar Description - AD7415ARTZ-0500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7415 AD-AD7415_15 Datasheet
368Kb / 20P
   0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
ADT7301 AD-ADT7301 Datasheet
637Kb / 14P
   13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrJ
AD7814 AD-AD7814_15 Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
AD7814 AD-AD7814 Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
ADT7302 AD-ADT7302 Datasheet
230Kb / 14P
   짹2째C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrE
ADT7318 AD-ADT7318_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7316 AD-ADT7316_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7317 AD-ADT7317_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
TMP05 AD-TMP05_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
TMP06 AD-TMP06_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com