Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7415ARTZ-1REEL7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7415ARTZ-1REEL7
Description  0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7415ARTZ-1REEL7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7415ARTZ-1REEL7 Datasheet HTML 2Page - Analog Devices AD7415ARTZ-1REEL7 Datasheet HTML 3Page - Analog Devices AD7415ARTZ-1REEL7 Datasheet HTML 4Page - Analog Devices AD7415ARTZ-1REEL7 Datasheet HTML 5Page - Analog Devices AD7415ARTZ-1REEL7 Datasheet HTML 6Page - Analog Devices AD7415ARTZ-1REEL7 Datasheet HTML 7Page - Analog Devices AD7415ARTZ-1REEL7 Datasheet HTML 8Page - Analog Devices AD7415ARTZ-1REEL7 Datasheet HTML 9Page - Analog Devices AD7415ARTZ-1REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD7414/AD7415
Rev. F | Page 6 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
AS
SDA
1
6
VDD
SCL
GND 2
5
ALERT
3
4
AD7414
Top View
(Not to Scale)
Figure 3. AD7414 Pin Configuration (SOT-23)
SCL
VDD
NC
NC
ALERT
GND
SDA 2
7
AS
NC = NO CONNECT
1
8
3
6
4
5
AD7414
Top View
(Not to Scale)
Figure 4. AD7414 Pin Configuration (MSOP)
AS
SDA
1
5
VDD
SCL
GND 2
3
4
AD7415
Top View
(Not to Scale)
Figure 5. AD7415 Pin Configuration (SOT-23)
Table 3. Pin Function Descriptions
Mnemonic
Description
AS
Logic Input. Address select input that selects one
of three I2C addresses for the AD7414/AD7415 (see
Table 4). Recommend a pull-up or pull-down
resistor of 1 kΩ.
GND
Analog and Digital Ground.
VDD
Positive Supply Voltage, 2.7 V to 5.5 V.
SDA
Digital I/O. Serial bus bidirectional data. Open-
drain output.
ALERT
AD7414 Digital Output. Overtemperature
indicator becomes active when temperature
exceeds THIGH. Open-drain output.
SCL
Digital Input. Serial bus clock.
Table 4. I2C Address Selection
Part Number
AS Pin
I2C Address
AD7414-0
Float
1001 000
AD7414-0
GND
1001 001
AD7414-0
VDD
1001 010
AD7414-1
Float
1001 100
AD7414-1
GND
1001 101
AD7414-1
VDD
1001 110
AD7414-2
N/A
1001 011
AD7414-3
N/A
1001 111
AD7415-0
Float
1001 000
AD7415-0
GND
1001 001
AD7415-0
VDD
1001 010
AD7415-1
Float
1001 100
AD7415-1
GND
1001 101
AD7415-1
VDD
1001 110


Similar Part No. - AD7415ARTZ-1REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7415 AD-AD7415 Datasheet
368Kb / 20P
   0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
AD7415 AD-AD7415_15 Datasheet
368Kb / 20P
   0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
More results

Similar Description - AD7415ARTZ-1REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7415 AD-AD7415_15 Datasheet
368Kb / 20P
   0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
ADT7301 AD-ADT7301 Datasheet
637Kb / 14P
   13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrJ
AD7814 AD-AD7814_15 Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
AD7814 AD-AD7814 Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
ADT7302 AD-ADT7302 Datasheet
230Kb / 14P
   짹2째C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrE
ADT7318 AD-ADT7318_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7316 AD-ADT7316_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
ADT7317 AD-ADT7317_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
TMP05 AD-TMP05_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
TMP06 AD-TMP06_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com