Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3239E Datasheet(PDF) 9 Page - Exar Corporation

Part # SP3239E
Description  Intelligent 3.0V to 5.5V RS-232 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3239E Datasheet(HTML) 9 Page - Exar Corporation

Back Button SP3239E Datasheet HTML 5Page - Exar Corporation SP3239E Datasheet HTML 6Page - Exar Corporation SP3239E Datasheet HTML 7Page - Exar Corporation SP3239E Datasheet HTML 8Page - Exar Corporation SP3239E Datasheet HTML 9Page - Exar Corporation SP3239E Datasheet HTML 10Page - Exar Corporation SP3239E Datasheet HTML 11Page - Exar Corporation SP3239E Datasheet HTML 12Page - Exar Corporation SP3239E Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3249E_100_013111
9
Phase 2
— V
SS transfer — Phase two of the clock
connects the negative terminal of C
2 to the VSS
storage capacitor and the positive terminal of
C
2 to GND.
This transfers a negative gener-
ated voltage to C
3. This generated voltage is
regulated to a minimum voltage of -5.5V.
SimultaneouswiththetransferofthevoltagetoC
3,
the positive side of capacitor C
1 is switched to VCC
and the negative side is connected to GND.
Phase 3
— V
DD charge storage — The third phase of the
clock is identical to the first phase — the charge
transferred in C
1 produces –VCC in the negative
terminal of C
1, which is applied to the negative
side of capacitor C
2. Since C2
+
is at V
CC, the volt-
age potential across C
2 is 2 times VCC.
Phase 4
— V
DD transfer — The fourth phase of the clock
connects the negative terminal of C
2 to GND,
and transfers this positive generated voltage
across C
2 to C4, the VDD storage capacitor. This
voltage is regulated to +5.5V. At this voltage,
the internal oscillator is disabled. Simultane-
ous with the transfer of the voltage to C
4, the
positive side of capacitor C
1 is switched to VCC
and the negative side is connected to GND, al-
lowing the charge pump cycle to begin again.
The charge pump cycle will continue as long
as the operational conditions for the internal
oscillator are present.
Since both V+ and Vare separately generated
from V
CC, in a no–load condition V
+
and Vwill
be symmetrical. Older charge pump approaches
that generate Vfrom V+ will show a decrease in
the magnitude of Vcompared to V+ due to the
inherent inefficiencies in the design.
The clock rate for the charge pump typically
operates at 500kHz. The external capacitors
can be as low as 0.1µF with a 16V breakdown
voltage rating.
Figure 10. Charge Pump Waveform


Similar Part No. - SP3239E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3239E SIPEX-SP3239E Datasheet
128Kb / 14P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results

Similar Description - SP3239E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3221E SIPEX-SP3221E Datasheet
115Kb / 18P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Exar Corporation
SP3238EEA-L-TR EXAR-SP3238EEA-L-TR Datasheet
854Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238EEY-L-TR EXAR-SP3238EEY-L-TR Datasheet
854Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Sipex Corporation
SP3238EE SIPEX-SP3238EE Datasheet
248Kb / 20P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238 SIPEX-SP3238 Datasheet
252Kb / 19P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Exar Corporation
SP3221E EXAR-SP3221E_17 Datasheet
692Kb / 22P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3221E EXAR-SP3221E Datasheet
888Kb / 20P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238EEA-L EXAR-SP3238EEA-L Datasheet
936Kb / 20P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238ECA-L-TR EXAR-SP3238ECA-L-TR Datasheet
854Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Sipex Corporation
SP3223E SIPEX-SP3223E Datasheet
235Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com