Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTS374D Datasheet(PDF) 2 Page - Intersil Corporation

Part # ACTS374D
Description  Radiation Hardened Octal D Flip-Flop, Three-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACTS374D Datasheet(HTML) 2 Page - Intersil Corporation

  ACTS374D Datasheet HTML 1Page - Intersil Corporation ACTS374D Datasheet HTML 2Page - Intersil Corporation ACTS374D Datasheet HTML 3Page - Intersil Corporation ACTS374D Datasheet HTML 4Page - Intersil Corporation ACTS374D Datasheet HTML 5Page - Intersil Corporation ACTS374D Datasheet HTML 6Page - Intersil Corporation ACTS374D Datasheet HTML 7Page - Intersil Corporation ACTS374D Datasheet HTML 8Page - Intersil Corporation ACTS374D Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Specifications ACTS374MS
Absolute Maximum Ratings
Reliability Information
Supply Voltage (VCC). . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6.0V
Input Voltage Range . . . . . . . . . . . . . . . . . . . . . .-0.5V to VCC +0.5V
DC Input Current, Any One Input
. . . . . . . . . . . . . . . . . . . . . . . .±10mA
DC Drain Current, Any One Output
. . . . . . . . . . . . . . . . . . . . . . .±50mA
Storage Temperature Range (TSTG) . . . . . . . . . . . -65oC to +150oC
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +265oC
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
(All Voltages Reference to VSS)
Thermal Impedance
θ
JA
θ
JC
DIP. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
72oC/W
24oC/W
Flatpack . . . . . . . . . . . . . . . . . . . . . . . . . .
107oC/W
28oC/W
Maximum Package Power Dissipation at +125oC
DIP. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.7W
Flatpack . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5W
Maximum Device Power Dissipation . . . . . . . . . . . . . . . . . . .(TBD)W
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42 Gates
CAUTION: As with all semiconductors, stress listed under “Absolute Maximum Ratings” may be applied to devices (one at a time) without resulting in permanent
damage. This is a stress rating only. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. The conditions listed
under “Electrical Performance Characteristics” are the only conditions recommended for satisfactory device operation.
Operating Conditions
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Input Rise and Fall Times at 4.5V VCC (TR, TF) . . . . . . 10ns/V Max
Operating Temperature Range (TA) . . . . . . . . . . . . -55
oC to +125oC
Input High Voltage (VIH) . . . . . . . . . . . . . . . . . . . . . VCC to VCC/2V
Input Low Voltage (VIL). . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to 0.8V
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Supply Current
ICC
VCC = 5.5V,
VIN = VCC or GND
1
+25oC-
20
µA
2, 3
+125oC, -55oC
-
400
µA
Output Current
(Source)
IOH
VCC = VIH = 4.5V,
VOUT = VCC -0.4V,
VIL = 0V, (Note 2)
1
+25oC
-12
-
mA
2, 3
+125oC, -55oC-8
-
mA
Output Current
(Sink)
IOL
VCC = VIH = 4.5V,
VOUT = 0.4V, VIL = 0V,
(Note 2)
1
+25oC12
-
mA
2, 3
+125oC, -55oC8
-
mA
Output Voltage High
VOH
VCC = 5.5V, VIH = 2.75V
VIL = 0.8V, IOH = -50
µA
1, 2, 3
+25oC, +125oC, -55oC
VCC -0.1
-
V
VCC = 4.5V, VIH = 2.25V,
VIL = 0.8V, IOH = -50
µA
1, 2, 3
+25oC, +125oC, -55oC
VCC -0.1
-
V
Output Voltage Low
VOL
VCC = 5.5V, VIH = 2.75V
VIL = 0.8V, IOH = 50
µA
1, 2, 3
+25oC, +125oC, -55oC
-
0.1
V
VCC = 4.5V, VIH = 2.25V,
VIL = 0.8V, IOH = 50
µA
1, 2, 3
+25oC, +125oC, -55oC
-
0.1
V
Input Leakage
Current
IIN
VCC = 5.5V,
VIN = VCC or GND
1
+25oC-
±0.5
µA
2, 3
+125oC, -55oC-
±1.0
µA
Three-State Output
Leakage Current
IOZ
VCC = 5.5V,
Force Voltage = 0V or VCC
1
+25oC-
±1
µA
2, 3
+125oC, -55oC-
±35
µA
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 2.25V,
VIL = 0.8V, (Note 3)
7, 8A, 8B
+25oC, +125oC, -55oC-
-
V
NOTE:
1. All voltages referenced to device GND.
2. Force/measure functions may be interchanged.
3. For functional tests, VO
≥4.0V is recognized as a logic “1”, and VO ≤0.5V is recognized as a logic “0”.
Spec Number
518828


Similar Part No. - ACTS374D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACTS373D INTERSIL-ACTS373D Datasheet
91Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
April 1995
logo
Renesas Technology Corp
ACTS373D RENESAS-ACTS373D Datasheet
416Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
April 1995
logo
Intersil Corporation
ACTS373DMSR INTERSIL-ACTS373DMSR Datasheet
91Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
April 1995
logo
Renesas Technology Corp
ACTS373DMSR RENESAS-ACTS373DMSR Datasheet
416Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
April 1995
logo
Intersil Corporation
ACTS373HMSR INTERSIL-ACTS373HMSR Datasheet
91Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
April 1995
More results

Similar Description - ACTS374D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS374MS INTERSIL-ACS374MS Datasheet
71Kb / 8P
   Radiation Hardened Octal D Flip-Flop, Three-State
April 1995
logo
Renesas Technology Corp
HCTS273MS RENESAS-HCTS273MS Datasheet
547Kb / 9P
   Radiation Hardened Octal D Flip-Flop
September 1995
logo
Intersil Corporation
HCS273MS INTERSIL-HCS273MS Datasheet
139Kb / 9P
   Radiation Hardened Octal D Flip-Flop
September 1995
logo
Renesas Technology Corp
HCS273MS RENESAS-HCS273MS Datasheet
466Kb / 9P
   Radiation Hardened Octal D Flip-Flop
September 1995
logo
Intersil Corporation
HCTS273MS INTERSIL-HCTS273MS Datasheet
281Kb / 10P
   Radiation Hardened Octal D Flip-Flop
September 1995
logo
Renesas Technology Corp
HCTS646MS RENESAS-HCTS646MS Datasheet
580Kb / 10P
   Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
HCTS374MS RENESAS-HCTS374MS Datasheet
548Kb / 10P
   Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
logo
Intersil Corporation
HCTS374MS INTERSIL-HCTS374MS Datasheet
183Kb / 11P
   Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
HCTS574MS INTERSIL-HCTS574MS Datasheet
135Kb / 11P
   Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
logo
Renesas Technology Corp
HCTS574MS RENESAS-HCTS574MS Datasheet
430Kb / 10P
   Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered
August 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com