Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACTS573T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ACTS573T
Description  Radiation Hardened Octal Three-State Transparent Latch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ACTS573T Datasheet(HTML) 1 Page - Intersil Corporation

  ACTS573T Datasheet HTML 1Page - Intersil Corporation ACTS573T Datasheet HTML 2Page - Intersil Corporation ACTS573T Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
ACTS573T
Radiation Hardened Octal Three-State
Transparent Latch
Intersil’s Satellite Applications FlowTM (SAF) devices are fully
tested and guaranteed to 100kRAD total dose. These QML
Class T devices are processed to a standard flow intended
to meet the cost and shorter lead-time needs of large
volume satellite manufacturers, while maintaining a high
level of reliability.
The Intersil ACTS573T is a Radiation Hardened Octal
Transparent Latch with an active low output enable. The
outputs are transparent to the inputs when the latch enable
(LE) is High. When the latch goes low the data is latched.
The output enable controls the three-state outputs. When
the output enable pins (OE) are high the output is in a high
impedance state. The latch operation is independent of the
state of output enable.
Specifications
Specifications for Rad Hard QML devices are controlled by
the Defense Supply Center in Columbus (DSCC). The SMD
numbers listed below must be used when ordering.
Detailed Electrical Specifications for the ACTS573T are
contained in SMD 5962-96725. A “hot-link” is provided from
our website for downloading.
www.intersil.com/spacedefense/newsafclasst.asp
Intersil’s Quality Management Plan (QM Plan), listing all
Class T screening operations, is also available on our
website.
www.intersil.com/quality/manuals.asp
Features
• QML Class T, Per MIL-PRF-38535
• Radiation Performance
- Gamma Dose (
γ) 1 x 105 RAD(Si)
- Latch-Up Free Under Any Conditions
- Single Event Upset (SEU) Immunity: <1 x 10-10
Errors/Bit/Day (Typ)
- SEU LET Threshold . . . . . . . . . . . . .>100 MEV-cm2/mg
• 1.25 Micron Radiation Hardened SOS CMOS
• Significant Power Reduction Compared to ALSTTL Logic
• DC Operating Voltage Range . . . . . . . . . . . . 4.5V to 5.5V
• Input Logic Levels
-VIL = 0.8V Max
-VIH = VCC/2 Min
• Fast Propagation Delay . . . . . . . . 18ns (Max), 12ns (Typ)
Pinouts
ACTS573T (SBDIP), CDIP2-T20
TOP VIEW
ACTS573T (FLATPACK), CDFP4-F20
TOP VIEW
Ordering Information
ORDERING
INFORMATION
PART
NUMBER
TEMP.
RANGE
(oC)
5962R9672502TRC
ACTS573DTR-02
-55 to 125
5962R9672502TXC
ACTS573KTR-02
-55 to 125
NOTE:
Minimum order quantity for -T is 150 units through
distribution, or 450 units direct.
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
OE
D0
D1
D2
D3
D4
D6
D5
D7
GND
VCC
Q1
Q2
Q3
Q0
Q4
Q5
Q6
Q7
LE
2
3
4
5
6
7
8
120
19
18
17
16
15
14
13
9
10
12
11
OE
D0
D1
D2
D3
D4
D6
D5
D7
GND
VCC
Q1
Q2
Q3
Q0
Q4
Q5
Q6
Q7
LE
Data Sheet
July 1999
File Number
4613.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - ACTS573T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACTS573D INTERSIL-ACTS573D Datasheet
45Kb / 3P
   Radiation Hardened Octal Three-State Transparent Latch
January 1996
ACTS573HMSR INTERSIL-ACTS573HMSR Datasheet
45Kb / 3P
   Radiation Hardened Octal Three-State Transparent Latch
January 1996
ACTS573K INTERSIL-ACTS573K Datasheet
45Kb / 3P
   Radiation Hardened Octal Three-State Transparent Latch
January 1996
ACTS573MS INTERSIL-ACTS573MS Datasheet
45Kb / 3P
   Radiation Hardened Octal Three-State Transparent Latch
January 1996
More results

Similar Description - ACTS573T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS373T INTERSIL-HCS373T Datasheet
95Kb / 3P
   Radiation Hardened Octal Transparent Latch, Three-State
July 1999
HCTS373MS INTERSIL-HCTS373MS Datasheet
277Kb / 11P
   Radiation Hardened Octal Transparent Latch, Three-State
August 1995
ACS373MS INTERSIL-ACS373MS Datasheet
91Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
April 1995
ACTS573MS INTERSIL-ACTS573MS Datasheet
45Kb / 3P
   Radiation Hardened Octal Three-State Transparent Latch
January 1996
logo
Renesas Technology Corp
ACTS373MS RENESAS-ACTS373MS Datasheet
416Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
April 1995
HCS373MS RENESAS-HCS373MS Datasheet
547Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
September 1995
logo
Intersil Corporation
HCS573MS INTERSIL-HCS573MS Datasheet
144Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
September 1995
logo
Renesas Technology Corp
HCTS373MS RENESAS-HCTS373MS Datasheet
553Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
August 1995
HCS573MS RENESAS-HCS573MS Datasheet
445Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
September 1995
logo
Intersil Corporation
ACTS373MS INTERSIL-ACTS373MS Datasheet
91Kb / 10P
   Radiation Hardened Octal Transparent Latch, Three-State
April 1995
ACS573MS INTERSIL-ACS573MS Datasheet
45Kb / 4P
   Radiation Hardened Octal Three-State Transparent Latch
January 1996
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com