Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ5924 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SMAJ5924
Description  Transient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMAJ5924 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SMAJ5924 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMAJ5924 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMAJ5924 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMAJ5913 thru SMAJ5936
Document Number: SMAJ5913 thru SMAJ5936
www.smsemi.com
Feb.29, 2012
2
Electrical Characteristics @ 25°C (Unless Otherwise Noted)
Note:
1.
No suffix indicates a ±20% tolerance on nominal VZ. Suffix A denotes a ±10% tolerance, B denotes a ±5% tolerance, C
denotes a ±2% tolerance, and D denotes a ±10% tolerance.
2.
Zener voltage (VZ) is measured at TL=30°C and 90seconds after application of dc current.
3.
The Zener impedance is derived from the 60HZ ac voltage, which results when an ac current modulation having an rms value
equal to 10% of the dc zener current (IZT or IZK) is superimposed on IZT or IZK.
4.
The maximum dc current (IZM) is based only on the maximum power of 3.0watts at TL≤105°C.These values must be reduced
by 48% (1.56W) when mounted on PC boards as described in Maximum Ratings.
JEDEC
Type
Number
Zener
Voltage
VZ @ IZT
Test
Current
Maximum
Dynamic
Impedance
ZZT @ IZT
Maximum
Knee
Impedance
ZZk @ IZk
Knee
Current
Maximum Reverse
Current
IR @ VR
MAX.
DC
current
VZ
(V)
IZT
(mA)
ZZT
(Ohms)
ZZK
(Ohms)
IZK
(mA)
IR
(µA)
VR
(V)
IZM
(mA)
SMAJ5913
SMAJ5914
SMAJ5915
SMAJ5916
3.3
3.6
3.9
4.3
113.6
104.2
96.1
87.2
10.0
9.0
7.5
6.0
500
500
500
500
1.00
1.00
1.00
1.00
100
75
25
5.0
1.0
1.0
1.0
1.0
908
832
768
696
SMAJ5917
SMAJ5918
SMAJ5919
SMAJ5920
4.7
5.1
5.6
6.2
79.8
73.5
66.9
60.5
5.0
4.0
2.0
2.0
500
350
250
200
1.00
1.00
1.00
1.00
5.0
5.0
5.0
5.0
1.5
2.0
3.0
4.0
638
588
534
482
SMAJ5921
SMAJ5922
SMAJ5923
SMAJ5924
6.8
7.5
8.2
9.1
55.1
50.0
45.7
41.2
2.5
3.0
3.5
4.0
200
400
400
500
1.00
0.50
0.50
0.50
5.0
5.0
5.0
5.0
5.2
6.0
6.5
7.0
440
400
364
328
SMAJ5925
SMAJ5926
SMAJ5927
SMAJ5928
10.0
11.0
12.0
13.0
37.5
34.1
31.2
28.8
4.5
5.5
6.5
7.0
500
550
550
550
0.25
0.25
0.25
0.25
5.0
1.0
1.0
1.0
8.0
8.4
9.1
9.9
300
272
250
230
SMAJ5929
SMAJ5930
SMAJ5931
SMAJ5932
15.0
16.0
18.0
20.0
25.0
23.4
20.8
18.7
9.0
10.0
12.0
14.0
600
600
650
650
0.25
0.25
0.25
0.25
1.0
1.0
1.0
1.0
11.4
12.2
13.7
15.2
200
186
166
150
SMAJ5933
SMAJ5934
SMAJ5935
SMAJ5936
22.0
24.0
27.0
30.0
17.0
15.6
13.9
12.5
17.5
19.0
23.0
28.0
650
700
700
750
0.25
0.25
0.25
0.25
1.0
1.0
1.0
1.0
16.7
18.2
20.6
22.8
136
124
110
100
打印无效


Similar Part No. - SMAJ5924

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMAJ5924 MICROSEMI-SMAJ5924 Datasheet
168Kb / 2P
   SILICON 3.0 WATT ZENER DIODES
logo
Micro Commercial Compon...
SMAJ5924B MCC-SMAJ5924B Datasheet
486Kb / 5P
   1.5 Watt Zener Diode 3.3 to 51 Volts
logo
Galaxy Semi-Conductor H...
SMAJ5924B BILIN-SMAJ5924B Datasheet
153Kb / 4P
   Surface mount zener diode
More results

Similar Description - SMAJ5924

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com