Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ4744A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SMBJ4744A
Description  Transient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMBJ4744A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SMBJ4744A Datasheet HTML 1Page - List of Unclassifed Manufacturers SMBJ4744A Datasheet HTML 2Page - List of Unclassifed Manufacturers SMBJ4744A Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMBJ4728 thru SMBJ4751A
Document Number: SMBJ4728 thru SMBJ4751A
www.smsemi.com
Feb.29, 2012
2
Electrical Characteristics @ 25°C (Unless Otherwise Noted) TABLE1
Note:
1.
The JEDEC type numbers shown with an A suffix have a 5% tolerance on nominal zener voltage. No suffix signifies a 10%
tolerance, C signifies 2%, and D signifies 1% tolerance.
2.
The Zener impedance is derived from the 60 HZ ac voltage ,which results when an ac current having an rms value equal to
10% of the dc Zener current (IZT or IZK ) is superimposed on IZT or IZK. Zener impedance is measured at two points to insure a
sharp knee on the breakdown curve and eliminate unstable units.
3.
The reverse surge current is measured at 25°C ambient using a square wave or equivalent half-sine wave pulse 1/120 second
duration superimposed on IZT.
4.
Zener voltage (VZ) is measured at TL=25°C (+8,-2°C) and 90seconds after application of dc current.
JEDEC
Type
Number
(Note1)
Zener
Voltage
VZ @ IZT
(Note4)
Test
Current
Maximum
Dynamic
Impedance
ZZT @ IZT
(Note2)
Maximum
Knee
Impedance
ZZk @ IZk
(Note2)
Knee
Current
Maximum
Reverse
Current
IR @ VR
Maximum
Regulator
Current
TA=
50°C
Maximum
Surge
Current
(Note3)
VZ
(V)
IZT
(mA)
ZZT
(OHMS)
ZZK
(OHMS)
IZK
(mA)
IR
(µA)
VR
(V)
IZM
(mA)
Izsm
(mA)
SMBJ4728A
SMBJ4729A
SMBJ4730A
SMBJ4731A
3.3
3.6
3.9
4.3
76.0
69.0
64.0
58.0
10.0
10.0
9.0
9.0
400
400
400
400
1.00
1.00
1.00
1.00
100
100
50
10
1.0
1.0
1.0
1.0
276
252
234
217
1380
1260
1190
1070
SMBJ4732A
SMBJ4733A
SMBJ4734A
SMBJ4735A
4.7
5.1
5.6
6.2
53.0
49.0
45.0
41.0
8.0
7.0
5.0
2.0
500
550
600
700
1.00
1.00
1.00
1.00
10
10
10
10
1.0
1.0
2.0
3.0
193
178
162
146
970
890
810
730
SMBJ4736A
SMBJ4737A
SMBJ4738A
SMBJ4739A
6.8
7.5
8.2
9.1
37.0
34.0
31.0
28.0
3.5
4.0
4.5
5.0
700
700
700
700
1.00
0.50
0.50
0.50
10
10
10
10
4.0
5.0
6.0
7.0
133
121
110
100
660
605
550
500
SMBJ4740A
SMBJ4741A
SMBJ4742A
SMBJ4743A
10.0
11.0
12.0
13.0
25.0
23.0
21.0
19.0
7.0
8.0
9.0
10.0
700
700
700
700
0.25
0.25
0.25
0.25
10
5
5
5
7.6
8.4
9.1
9.9
91
83
76
69
454
414
380
344
SMBJ4744A
SMBJ4745A
SMBJ4746A
SMBJ4747A
15.0
16.0
18.0
20.0
17.0
15.5
14.0
12.5
14.0
16.0
20.0
22.0
700
700
750
750
0.25
0.25
0.25
0.25
5
5
5
5
11.4
12.2
13.7
15.2
61
57
50
45
304
285
250
225
SMBJ4748A
SMBJ4749A
SMBJ4750A
SMBJ4751A
22.0
24.0
27.0
30.0
11.5
10.5
9.5
8.5
23.0
25.0
35.0
40.0
750
750
750
1000
0.25
0.25
0.25
0.25
5
5
5
5
16.7
18.2
20.6
22.8
41
38
34
30
205
190
170
150
打印无效


Similar Part No. - SMBJ4744A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMBJ4744A MICROSEMI-SMBJ4744A Datasheet
197Kb / 3P
   SILICON 2.0 Watt ZENER DIODES
More results

Similar Description - SMBJ4744A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com